| Zakładka z wyszukiwarką danych komponentów |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about IP113MLF-DS-R10 Datasheet
# Example questions:
➢ What is the function of the lfp (link fault pass through) pin, and what does it enable?
➢ What are the requirements for utp cable length when the ip113m lf is operating in converter mode and the tp port is linked at half duplex?
➢ What are the three data forwarding modes supported by the ip113m lf, and how does each mode handle packet forwarding?
Okay, here's a summary of the IP113M LF datasheet extract you provided. I'm breaking it down into categories for clarity.
1. General Overview
️· Device: IP113M LF – Likely a network device (PHY – Physical Layer device) used in switches or similar networking equipment.
️· Function: Primarily responsible for data forwarding between network interfaces (TP - Twisted Pair/Ethernet, and Fiber).
️· Configurable: Many features are configurable via pin settings and registers (MII registers).
2. Pin Descriptions & Functionality (Key Highlights)
️· Power: Multiple VCC, AVCC, and GND pins for both digital and analog power. A VCC_IO pin allows for either 2.5V or 3.3V I/O logic.
️· Data Forwarding Modes:
- Store & Forward: Standard operation, forwards complete frames.
- Modified Cut-Through: Reduced latency, starts forwarding after first 64 bytes (limited packet size).
- Pure Converter: Minimal latency, forwards data immediately (requires 100M full-duplex, cable length restrictions).
️· Address Pins: ADDR[4:0] used for PHY address and EEPROM addressing.
️· Reset/Control Pins: RESETB (low active reset), LFP (Link Fault Pass Through), FAST_FWD/DIRECT_WIRE (control data forwarding modes).
️· SMI/MII Interface: MDC, MDIO, ADDR[4:0] used for programming the device.
️· Interrupt: INTB (interrupt signal).
️· Crystal Pins: OSCI, X2 (for a 25MHz crystal).
️· EEPROM Interface: SDA, SCL
3. Data Forwarding Details
️· Latency: Different forwarding modes offer varying latency levels.
️· Cable Length Restrictions: The pure converter mode has specific cable length limitations for half-duplex TP links to meet CSMACD requirements.
️· Fragment Forwarding: CRC error packets are forwarded but fragments can be filtered.
4. Key Considerations & Limitations
️· Configuration Complexity: The wide range of configuration pins and registers means proper setup is crucial for optimal performance.
️· Performance Trade-offs: Faster forwarding modes come with constraints (e.g., full-duplex requirement, cable length limits).
️· Compatibility: Careful attention to cabling and speed/duplex settings is necessary when using converter mode.
If you have more sections of the datasheet you'd like summarized, please provide them, and I'll do my best to provide a clear and concise summary.
1. General Overview
️· Device: IP113M LF – Likely a network device (PHY – Physical Layer device) used in switches or similar networking equipment.
️· Function: Primarily responsible for data forwarding between network interfaces (TP - Twisted Pair/Ethernet, and Fiber).
️· Configurable: Many features are configurable via pin settings and registers (MII registers).
2. Pin Descriptions & Functionality (Key Highlights)
️· Power: Multiple VCC, AVCC, and GND pins for both digital and analog power. A VCC_IO pin allows for either 2.5V or 3.3V I/O logic.
️· Data Forwarding Modes:
- Store & Forward: Standard operation, forwards complete frames.
- Modified Cut-Through: Reduced latency, starts forwarding after first 64 bytes (limited packet size).
- Pure Converter: Minimal latency, forwards data immediately (requires 100M full-duplex, cable length restrictions).
️· Address Pins: ADDR[4:0] used for PHY address and EEPROM addressing.
️· Reset/Control Pins: RESETB (low active reset), LFP (Link Fault Pass Through), FAST_FWD/DIRECT_WIRE (control data forwarding modes).
️· SMI/MII Interface: MDC, MDIO, ADDR[4:0] used for programming the device.
️· Interrupt: INTB (interrupt signal).
️· Crystal Pins: OSCI, X2 (for a 25MHz crystal).
️· EEPROM Interface: SDA, SCL
3. Data Forwarding Details
️· Latency: Different forwarding modes offer varying latency levels.
️· Cable Length Restrictions: The pure converter mode has specific cable length limitations for half-duplex TP links to meet CSMACD requirements.
️· Fragment Forwarding: CRC error packets are forwarded but fragments can be filtered.
4. Key Considerations & Limitations
️· Configuration Complexity: The wide range of configuration pins and registers means proper setup is crucial for optimal performance.
️· Performance Trade-offs: Faster forwarding modes come with constraints (e.g., full-duplex requirement, cable length limits).
️· Compatibility: Careful attention to cabling and speed/duplex settings is necessary when using converter mode.
| Part No. | IP113MLF-DS-R10 |
| Manufacturer | ETC2 |
| Size | 690 Kbytes |
| Pages | 58 pages |
| Description | Managed 10/100Base-TX / FX Media Converter |