Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TH72002 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about TH72002 Datasheet

  • # Example questions: ➢ What resistance value (rps in kω) should be used to achieve output power step 3?
    ➢ What is the typical start-up time (ton) for the th72002 when transitioning from standby to transmit mode?
    ➢ What is the maximum spurious emission level (pspur) for frequencies greater than 1 ghz with a 1 mhz bandwidth?

  • Part No.TH72002
    ManufacturerMELEXIS
    Size512 Kbytes
    Pages20 pages
    DescriptionASK Transmitter
    Datasheet Summary with AI

    1. General / Overview:

    ️· Device: TH72002 ASK Transmitter
    ️· Frequency: 315 MHz

    2. Start-Up Parameters:

    ️· Start-Up Time (ton): 1.2 - 1.5 ms (from standby to transmit mode)

    3. Frequency Stability:

    ️· Frequency Stability vs. Supply Voltage (dfVCC): ±3 ppm
    ️· Frequency Stability vs. Temperature (dfTA):
    - ±10 ppm (crystal at constant temperature)
    ️· Frequency Stability vs. CRO Variation: ±20 ppm

    4. Output Power Steps:

    *This section is heavily dependent on a resistor (RPS) value. The table indicates the RPS value to use for each power step.*

    Power Step RPS (kΩ) Output Power (dBm)
    0 < 3 -70
    1 22 -13 to -9.51
    2 56 -2.5 to -0.51
    3 120 2.5 to 5.1
    4 Not Connected 5 to 11.1

    5. Spurious Emissions:

    ️· According to EN 300 220-1:
    - 47 MHz < f < 74 MHz: -54 dBm
    - 87.5 MHz < f < 118 MHz: -54 dBm
    - 174 MHz < f < 230 MHz: -36 dBm
    - 470 MHz < f < 862 MHz: -30 dBm
    - f > 1 GHz: -30 dBm

    6. Notes & Conditions:

    ️· Output matching network tuned for a 5V supply.
    ️· The output power values are dependent on the RPS resistor used.

    Important Considerations & Limitations:

    ️· Incomplete Data: This is an excerpt, so there's likely more information in the full datasheet.
    ️· Conditions: The data is presented under specific test conditions (e.g., voltage, temperature, load). Performance may vary outside of those conditions.
    ️· Resistor Dependence: The output power levels are very sensitive to the value of the RPS resistor. The provided table is essential for configuring the transmitter's output power.

    1. General / Overview:

    ️· Device: TH72002 ASK Transmitter
    ️· Frequency: 315 MHz

    2. Start-Up Parameters:

    ️· Start-Up Time (ton): 1.2 - 1.5 ms (from standby to transmit mode)

    3. Frequency Stability:

    ️· Frequency Stability vs. Supply Voltage (dfVCC): ±3 ppm
    ️· Frequency Stability vs. Temperature (dfTA):
    - ±10 ppm (crystal at constant temperature)
    ️· Frequency Stability vs. CRO Variation: ±20 ppm

    4. Output Power Steps:

    *This section is heavily dependent on a resistor (RPS) value. The table indicates the RPS value to use for each power step.*

    Power Step RPS (kΩ) Output Power (dBm)
    0 < 3 -70
    1 22 -13 to -9.51
    2 56 -2.5 to -0.51
    3 120 2.5 to 5.1
    4 Not Connected 5 to 11.1

    5. Spurious Emissions:

    ️· According to EN 300 220-1:
    - 47 MHz < f < 74 MHz: -54 dBm
    - 87.5 MHz < f < 118 MHz: -54 dBm
    - 174 MHz < f < 230 MHz: -36 dBm
    - 470 MHz < f < 862 MHz: -30 dBm
    - f > 1 GHz: -30 dBm

    6. Notes & Conditions:

    ️· Output matching network tuned for a 5V supply.
    ️· The output power values are dependent on the RPS resistor used.

    Important Considerations & Limitations:

    ️· Incomplete Data: This is an excerpt, so there's likely more information in the full datasheet.
    ️· Conditions: The data is presented under specific test conditions (e.g., voltage, temperature, load). Performance may vary outside of those conditions.
    ️· Resistor Dependence: The output power levels are very sensitive to the value of the RPS resistor. The provided table is essential for configuring the transmitter's output power.

    Part No.TH72002
    ManufacturerMELEXIS
    Size512 Kbytes
    Pages20 pages
    DescriptionASK Transmitter