Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

RF2878PCBA-L Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about RF2878PCBA-L Datasheet

  • # Example questions: ➢ What frequency range is the low noise amplifier (lna) evaluation board designed for?
    ➢ What material and thickness is the evaluation board made of?
    ➢ What is the typical current required for the vpd pin when operating the device at 8v?

  • Part No.RF2878PCBA-L
    ManufacturerRFMD
    Size282 Kbytes
    Pages11 pages
    Description3V LOW NOISE AMPLIFIER/ 3V PA DRIVER AMPLIFIER
    Datasheet Summary with AI

    This document is a datasheet for the RF2878, a multi-chip module (MCM) potentially containing a Low Noise Amplifier (LNA) and a Driver Amplifier, operating around 836MHz and 881MHz respectively. Here's a summary of the key information:

    Key Features & Functionality:

    ️· Dual Functionality: The chip can be used as either a Low Noise Amplifier (LNA) or a Driver Amplifier, depending on the application.
    ️· Frequency Range: Optimized for operation around 836 MHz (Driver) and 881 MHz (LNA).
    ️· Voltage: Operates from a 2.5V to 6.0V supply.
    ️· VPD Control: The VPD (Voltage Power Down) pin controls bias current for the LNA and power down functionality for the driver amplifier.
    ️· Power Down: A low voltage on the VPD pin (<0.9V) turns the driver amplifier off.
    ️· Current Consumption: The driver amplifier's current consumption varies from 11.5mA to 27mA and the LNA ranges from 16mA to 25.5mA.

    Pinout & Description:

    ️· RF IN: RF Input
    ️· RF OUT: Amplifier Output (open-collector - requires biasing)
    ️· VPD: Bias control/Power Down control.
    ️· GND1/GND2: Ground connections
    ️· VCC: Supply Voltage

    Application Notes & Schematics:


    ️· Datasheet includes example application schematics for both LNA and Driver configurations, as well as evaluation board schematics and layouts.

    Important Considerations from the Datasheet:

    ️· Grounding: Emphasis on short traces and immediate connection to the ground plane for both GND1 and GND2 pins.
    ️· Bypass Capacitors: RF bypassing is crucial, and the ground side of the bypass capacitors should connect directly to the ground plane.
    ️· RF OUT Biasing: The RF OUT pin is an open collector and *requires* external biasing and matching circuitry.
    ️· Evaluation Boards: There are evaluation board layouts and schematics to assist with prototyping and testing.

    Overall:

    The datasheet provides a comprehensive overview of the RF2878 chip, detailing its functionality, pinout, and application guidelines. It is geared toward RF engineers designing systems operating around the 836/881 MHz frequency band. The document is quite detailed, with significant focus on proper grounding, biasing, and layout considerations for optimal performance.

    Key Features & Functionality:

    ️· Dual Functionality: The chip can be used as either a Low Noise Amplifier (LNA) or a Driver Amplifier, depending on the application.
    ️· Frequency Range: Optimized for operation around 836 MHz (Driver) and 881 MHz (LNA).
    ️· Voltage: Operates from a 2.5V to 6.0V supply.
    ️· VPD Control: The VPD (Voltage Power Down) pin controls bias current for the LNA and power down functionality for the driver amplifier.
    ️· Power Down: A low voltage on the VPD pin (<0.9V) turns the driver amplifier off.
    ️· Current Consumption: The driver amplifier's current consumption varies from 11.5mA to 27mA and the LNA ranges from 16mA to 25.5mA.

    Pinout & Description:

    ️· RF IN: RF Input
    ️· RF OUT: Amplifier Output (open-collector - requires biasing)
    ️· VPD: Bias control/Power Down control.
    ️· GND1/GND2: Ground connections
    ️· VCC: Supply Voltage

    Application Notes & Schematics:

    ️· Datasheet includes example application schematics for both LNA and Driver configurations, as well as evaluation board schematics and layouts.

    Important Considerations from the Datasheet:

    ️· Grounding: Emphasis on short traces and immediate connection to the ground plane for both GND1 and GND2 pins.
    ️· Bypass Capacitors: RF bypassing is crucial, and the ground side of the bypass capacitors should connect directly to the ground plane.
    ️· RF OUT Biasing: The RF OUT pin is an open collector and *requires* external biasing and matching circuitry.
    ️· Evaluation Boards: There are evaluation board layouts and schematics to assist with prototyping and testing.

    Overall:

    The datasheet provides a comprehensive overview of the RF2878 chip, detailing its functionality, pinout, and application guidelines. It is geared toward RF engineers designing systems operating around the 836/881 MHz frequency band. The document is quite detailed, with significant focus on proper grounding, biasing, and layout considerations for optimal performance.

    Part No.RF2878PCBA-L
    ManufacturerRFMD
    Size282 Kbytes
    Pages11 pages
    Description3V LOW NOISE AMPLIFIER/ 3V PA DRIVER AMPLIFIER