Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TO-220F Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about TO-220F Datasheet

  • # Example questions: ➢ What is the typical value and maximum value of the output voltage (vref) at a temperature of 25°c?
    ➢ What is the maximum allowable drain current (id) when the case temperature (tc) is 25°c?
    ➢ How does the frequency of operation (fosc) change with temperature, specifically what is the percentage change per degree celsius?

  • Part No.TO-220F
    ManufacturerFAIRCHILD
    Size36 Kbytes
    Pages4 pages
    DescriptionInternal high voltage sense FET
    Datasheet Summary with AI

    # KA1M0380 Product Summary

    ## Features

    · Precision fixed operating frequency (70KHz)
    · Pulse by pulse over current limiting
    · Over load protection
    · Internal thermal shutdown function
    · Under voltage lockout
    · Internal high voltage sense FET
    · Low start up current (< 0.4mA)

    ## Product Summary

    Part Number BVdss Rds(on) I<br>D
    KA1M0380 800V 5 Ω 3A

    ## Absolute Maximum Ratings (Ta = 25 Ο C)

    Characteristics Symbol Value Unit
    Drain - Source Voltage VDSS 800 V
    Drain - Gate Voltage VDGR 800 V
    Gate - Source Voltage VGS 30 V
    Rise Time Tr 95 ns
    Fall Time Tf 60 ns
    Drain-Source Leakage Current (Vds=0V, Vgs=0V) IDSS 250 uA
    Continuous Drain Current (Tc = 25 ΟC) ID 3.0 ADC
    Supply Voltage VCC 30 V
    Analog Input Voltage Range VFB -0.3 ~ VSD V
    Total Power Dissipation PD (wt H/S), Derating 20, 0.28 W, W/ΟC
    Operating Temperature TOPR - 25 ~ + 85 ΟC
    Storage Temperature TSTG - 55 ~ + 150 ΟC

    ## Electrical Characteristics (Control Part)

    Symbol Characteristics Min Typ Max Unit Test Conditions
    Reference Section Output Voltage 4.80 5.00 5.20 V Ta = 25 ΟC
    Temperature Stability - 0.3 0.6 mV/ΟC -25 ~ +85 ΟC
    Initial Accuracy 62 67 72 KHz Ta = 25 ΟC
    Frequency Change with Temperature 5, +10 % -25 ~ +85 ΟC
    Maximum Duty Cycle 62 67 72 %
    Feedback Source Current 1 mA Ta = 25 ΟC, Vfb = 0
    Shutdown Delay Current 5 uA 5 V Vfb VSD
    Over Current Protection 1.5 1.8 2.2 A Max. Inductor Current
    Start Threshold Voltage 14 15 16 V
    Minimum Operating Voltage 9 10 11 V After turn on
    Vcc Zener Voltage 30 32.5 35 V ICC = 20mA
    Shutdown Feedback Voltage 7 7.6 8.2 V
    Thermal Shutdown Temperature 150 ΟC

    ## Product Status

    Datasheet Identification Product Status Definition
    Advance Information Formative or In Design Design specifications subject to change.
    Preliminary First Production Preliminary data, subject to change.
    No Identification Needed Full Production Final specifications, subject to change.
    Obsolete Not In Production For reference only.

    # KA1M0380 Product Summary

    ## Features

    · Precision fixed operating frequency (70KHz)
    · Pulse by pulse over current limiting
    · Over load protection
    · Internal thermal shutdown function
    · Under voltage lockout
    · Internal high voltage sense FET
    · Low start up current (< 0.4mA)

    ## Product Summary

    Part Number BVdss Rds(on) I<br>D
    KA1M0380 800V 5 Ω 3A

    ## Absolute Maximum Ratings (Ta = 25 Ο C)

    Characteristics Symbol Value Unit
    Drain - Source Voltage VDSS 800 V
    Drain - Gate Voltage VDGR 800 V
    Gate - Source Voltage VGS 30 V
    Rise Time Tr 95 ns
    Fall Time Tf 60 ns
    Drain-Source Leakage Current (Vds=0V, Vgs=0V) IDSS 250 uA
    Continuous Drain Current (Tc = 25 ΟC) ID 3.0 ADC
    Supply Voltage VCC 30 V
    Analog Input Voltage Range VFB -0.3 ~ VSD V
    Total Power Dissipation PD (wt H/S), Derating 20, 0.28 W, W/ΟC
    Operating Temperature TOPR - 25 ~ + 85 ΟC
    Storage Temperature TSTG - 55 ~ + 150 ΟC

    ## Electrical Characteristics (Control Part)

    Symbol Characteristics Min Typ Max Unit Test Conditions
    Reference Section Output Voltage 4.80 5.00 5.20 V Ta = 25 ΟC
    Temperature Stability - 0.3 0.6 mV/ΟC -25 ~ +85 ΟC
    Initial Accuracy 62 67 72 KHz Ta = 25 ΟC
    Frequency Change with Temperature 5, +10 % -25 ~ +85 ΟC
    Maximum Duty Cycle 62 67 72 %
    Feedback Source Current 1 mA Ta = 25 ΟC, Vfb = 0
    Shutdown Delay Current 5 uA 5 V Vfb VSD
    Over Current Protection 1.5 1.8 2.2 A Max. Inductor Current
    Start Threshold Voltage 14 15 16 V
    Minimum Operating Voltage 9 10 11 V After turn on
    Vcc Zener Voltage 30 32.5 35 V ICC = 20mA
    Shutdown Feedback Voltage 7 7.6 8.2 V
    Thermal Shutdown Temperature 150 ΟC

    ## Product Status

    Datasheet Identification Product Status Definition
    Advance Information Formative or In Design Design specifications subject to change.
    Preliminary First Production Preliminary data, subject to change.
    No Identification Needed Full Production Final specifications, subject to change.
    Obsolete Not In Production For reference only.

    Part No.TO-220F
    ManufacturerFAIRCHILD
    Size36 Kbytes
    Pages4 pages
    DescriptionInternal high voltage sense FET