Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AXE10P Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about AXE10P Datasheet

  • # Example questions: ➢ What is the typical supply voltage range for the axe10p, and how does it differ for the axe10pe?
    ➢ What vibration frequency and amplitude is the device tested at?
    ➢ What are the possible operating and storage temperature ranges for the axe10p/axe10pe, and how do the 'option ii' settings affect these ranges?

  • Part No.AXE10P
    ManufacturerAXTAL
    Size54 Kbytes
    Pages2 pages
    DescriptionPXO (Clock) with PECL Output
    Datasheet Summary with AI

    ## AXE10P Oscillator Summary

    Overview: The AXE10P is an oscillator designed for various applications, offering flexibility in configuration and operation.

    Key Specifications:

    ️· Frequency Adjustment: EFC range available (N.A. details).
    ️· Output Signal: PECL waveform.
    ️· Supply Voltage: Options for 3.3/5.0 VDC
    ️· Temperature Range: Operable: -45°C to +90°C; Storage: -55°C to +105°C
    ️· ESD Sensitivity: 1500V HBM

    Performance Characteristics:

    ️· Frequency Stability: ±25 ppm (see Note 1 for details).
    ️· Jitter: 1ps r.m.s. (10 kHz - 20 MHz).
    ️· Start-up Time: 10 ms.
    ️· Frequency Stability vs. Temperature: Details not specified.
    ️· Current Consumption: 80-120 mA (dependent on configuration - see ordering code table)

    Features:

    ️· Enable/Disable Functionality: Pin 2 controls enable/disable (Note: Pins 2 and 5 may not be present)
    ️· Packaging: Available in tape and reel format.
    ️· Mechanical: Dimensions 14.8 x 9.8 x 5.5 mm (typical).

    Ordering Information:

    ️· Model Options: AXE10P, AXE10PE
    ️· Frequency Options: 155.520 MHz

    Environmental Testing: Compliant with IEC 60068 standards (shock, vibration, temperature cycling, etc.).

    Contact: For detailed specifications, configurations, and ordering, contact info@axtal.com or call +49 (6261) 939834.

    ## AXE10P Oscillator Summary

    Overview: The AXE10P is an oscillator designed for various applications, offering flexibility in configuration and operation.

    Key Specifications:

    ️· Frequency Adjustment: EFC range available (N.A. details).
    ️· Output Signal: PECL waveform.
    ️· Supply Voltage: Options for 3.3/5.0 VDC
    ️· Temperature Range: Operable: -45°C to +90°C; Storage: -55°C to +105°C
    ️· ESD Sensitivity: 1500V HBM

    Performance Characteristics:

    ️· Frequency Stability: ±25 ppm (see Note 1 for details).
    ️· Jitter: 1ps r.m.s. (10 kHz - 20 MHz).
    ️· Start-up Time: 10 ms.
    ️· Frequency Stability vs. Temperature: Details not specified.
    ️· Current Consumption: 80-120 mA (dependent on configuration - see ordering code table)

    Features:

    ️· Enable/Disable Functionality: Pin 2 controls enable/disable (Note: Pins 2 and 5 may not be present)
    ️· Packaging: Available in tape and reel format.
    ️· Mechanical: Dimensions 14.8 x 9.8 x 5.5 mm (typical).

    Ordering Information:

    ️· Model Options: AXE10P, AXE10PE
    ️· Frequency Options: 155.520 MHz

    Environmental Testing: Compliant with IEC 60068 standards (shock, vibration, temperature cycling, etc.).

    Contact: For detailed specifications, configurations, and ordering, contact info@axtal.com or call +49 (6261) 939834.

    Part No.AXE10P
    ManufacturerAXTAL
    Size54 Kbytes
    Pages2 pages
    DescriptionPXO (Clock) with PECL Output