| Zakładka z wyszukiwarką danych komponentów |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about M54HC4094 Datasheet
# Example questions:
➢ What are some of the package options available for the m54/m74hc4094?
➢ What is the significance of the 'cpd' value mentioned in the datasheet and how is it calculated?
➢ What is the primary function of the m54/m74hc4094 chip?
This document is a datasheet for the SGS-THOMSON M54/M74HC4094 8-bit shift register. Here's a breakdown of the information it contains:
️· Function: The chip is an 8-bit serial-in, parallel-out shift register. It's used to convert serial data into parallel data.
️· Features (implied from the datasheet): Includes features related to power consumption, and various package options, but these are not explicitly spelled out.
️· Electrical Characteristics: Detailed information on voltage ranges, input leakage current, output drive capability, switching characteristics (propagation delays, rise/fall times), and power dissipation. These sections define how the chip behaves under different operating conditions.
️· Timing Diagrams: Illustrations showing the proper timing relationships between input signals (clock, data) and output signals. These are critical for ensuring reliable operation.
️· Mechanical Data: Detailed dimensions and layouts for various package options:
- Plastic DIP16
- Ceramic DIP16
- SO16 (Narrow)
- PLCC20
️· General Information: Legal disclaimers regarding accuracy of information, and authorized use of the device.
Key takeaways:
️· Shift Register: The chip takes data one bit at a time (serial) and stores it. After 8 bits are entered, the data is available all at once (parallel).
️· Versatile: It supports different power supply voltages and comes in various packages.
️· Detailed Specifications: The datasheet provides a thorough electrical and mechanical specification of the component.
This is a comprehensive datasheet providing all the information needed to design with and use the M54/M74HC4094 shift register.
️· Function: The chip is an 8-bit serial-in, parallel-out shift register. It's used to convert serial data into parallel data.
️· Features (implied from the datasheet): Includes features related to power consumption, and various package options, but these are not explicitly spelled out.
️· Electrical Characteristics: Detailed information on voltage ranges, input leakage current, output drive capability, switching characteristics (propagation delays, rise/fall times), and power dissipation. These sections define how the chip behaves under different operating conditions.
️· Timing Diagrams: Illustrations showing the proper timing relationships between input signals (clock, data) and output signals. These are critical for ensuring reliable operation.
️· Mechanical Data: Detailed dimensions and layouts for various package options:
- Plastic DIP16
- Ceramic DIP16
- SO16 (Narrow)
- PLCC20
️· General Information: Legal disclaimers regarding accuracy of information, and authorized use of the device.
Key takeaways:
️· Shift Register: The chip takes data one bit at a time (serial) and stores it. After 8 bits are entered, the data is available all at once (parallel).
️· Versatile: It supports different power supply voltages and comes in various packages.
️· Detailed Specifications: The datasheet provides a thorough electrical and mechanical specification of the component.
This is a comprehensive datasheet providing all the information needed to design with and use the M54/M74HC4094 shift register.
| Part No. | M54HC4094 |
| Manufacturer | STMICROELECTRONICS |
| Size | 270 Kbytes |
| Pages | 12 pages |
| Description | 8 BIT SIPO SHIFT LATCH REGISTER 3-STATE |