| Zakładka z wyszukiwarką danych komponentów |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about DMR76A Datasheet
# Example questions:
➢ What is the operating temperature range for this display?
➢ What is the luminous intensity of this display when the forward current is 10ma?
➢ What is the typical forward voltage per segment when a current of 10ma is applied?
# DMR76A 76.2mm Single Digit Display
## Features
️· 3.0" digit height
️· Low current operation
️· Excellent character appearance
️· I.C. compatible
️· Categorized for luminous intensity
️· Mechanically rugged
️· Standard: Gray face, white segment
️· RoHS compliant
## Specifications
Electrical Characteristics (TA=25°C)
️· Forward Voltage (Typ.): 10.8V (IF=10mA)
️· Forward Voltage (Max.): 15.0V (IF=10mA)
️· Reverse Voltage (Max.): 30V
️· Forward Current (Max.): 30mA
️· Forward Current (Peak): 155mA (1/10 duty cycle, 0.1ms pulse width)
️· Power Dissipation: 450mW
️· Reverse Current: 10uA (VR=30V)
️· Capacitance: 45pF (VF=0V, f=1MHz)
Optical Characteristics (TA=25°C)
️· Emitting Color: Red
️· Emitting Material: GaAlAs
️· Luminous Intensity: 44000-283990 ucd (IF=10mA)
️· Wavelength of Peak Emission: 660nm (IF=10mA)
️· Wavelength of Dominant Emission: 640nm (IF=10mA)
️· Spectral Line Full Width at Half-Maximum: 20nm (IF=10mA)
## Environmental Conditions
️· Operating Temperature: -40°C to +85°C
️· Storage Temperature: -40°C to +85°C
️· Solder Temperature: 260°C for 3-5 seconds (2mm below package base)
## Sorting Accuracy
️· Wavelength: +/- 1nm
️· Luminous Intensity: +/- 15%
️· Forward Voltage: +/- 0.1V
## Dimensions
️· Digit Height: 76.2mm (3.0")
# DMR76A 76.2mm Single Digit Display
## Features
️· 3.0" digit height
️· Low current operation
️· Excellent character appearance
️· I.C. compatible
️· Categorized for luminous intensity
️· Mechanically rugged
️· Standard: Gray face, white segment
️· RoHS compliant
## Specifications
Electrical Characteristics (TA=25°C)
️· Forward Voltage (Typ.): 10.8V (IF=10mA)
️· Forward Voltage (Max.): 15.0V (IF=10mA)
️· Reverse Voltage (Max.): 30V
️· Forward Current (Max.): 30mA
️· Forward Current (Peak): 155mA (1/10 duty cycle, 0.1ms pulse width)
️· Power Dissipation: 450mW
️· Reverse Current: 10uA (VR=30V)
️· Capacitance: 45pF (VF=0V, f=1MHz)
Optical Characteristics (TA=25°C)
️· Emitting Color: Red
️· Emitting Material: GaAlAs
️· Luminous Intensity: 44000-283990 ucd (IF=10mA)
️· Wavelength of Peak Emission: 660nm (IF=10mA)
️· Wavelength of Dominant Emission: 640nm (IF=10mA)
️· Spectral Line Full Width at Half-Maximum: 20nm (IF=10mA)
## Environmental Conditions
️· Operating Temperature: -40°C to +85°C
️· Storage Temperature: -40°C to +85°C
️· Solder Temperature: 260°C for 3-5 seconds (2mm below package base)
## Sorting Accuracy
️· Wavelength: +/- 1nm
️· Luminous Intensity: +/- 15%
️· Forward Voltage: +/- 0.1V
## Dimensions
️· Digit Height: 76.2mm (3.0")
| Part No. | DMR76A |
| Manufacturer | SUNLED |
| Size | 214 Kbytes |
| Pages | 5 pages |
| Description | 76.2mm (3.0) SINGLE DIGIT DISPLAY |