| Zakładka z wyszukiwarką danych komponentów |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about DUG11A Datasheet
# Example questions:
➢ Within what temperature range can this display be operated without compromising performance?
➢ What is the typical forward voltage when a current of 10ma is applied?
➢ What is the maximum reverse voltage that can be applied to this dug11a display?
# DUG11A Single Digit Numeric Display
## Features
· 0.43" digit height
· Low current operation
· Excellent character appearance
· I.C. compatible
· Mechanically rugged
· Standard: Gray face, white segment
· RoHS Compliant
## Specifications
· Emitting Color: Green
· Emitting Material: GaP
· Luminous Intensity (IF=10mA): 1900-10490 ucd
· Wavelength: 565 nm
· Common Anode, Right Hand Decimal
## Absolute Maximum Ratings (TA=25°C)
· Reverse Voltage: 5V
· Forward Current: 25mA
· Peak Forward Current (1/10 Duty Cycle, 0.1ms Pulse Width): 140mA
· Power Dissipation: 62.5mW
· Operating Temperature: -40°C to +85°C
· Storage Temperature: -40°C to +85°C
· Lead Solder Temperature (2mm below package base): 260°C for 3-5 seconds
## Operating Characteristics (TA=25°C)
· Forward Voltage (Typ. IF=10mA): 2.0V
· Forward Voltage (Max. IF=10mA): 2.5V
· Reverse Current (Max. VR=5V): 10uA
· Peak Emission Wavelength (Typ. IF=10mA): 565nm
· Dominant Emission Wavelength (Typ. IF=10mA): 568nm
· Spectral Line Full Width at Half-Maximum (Typ. IF=10mA): 30nm
· Capacitance (Typ. VF=0V, f=1MHz): 15pF
## Sorting Accuracy
· Wavelength: +/- 1nm
· Luminous Intensity/Flux: +/- 15%
· Forward Voltage: +/- 0.1V
# DUG11A Single Digit Numeric Display
## Features
· 0.43" digit height
· Low current operation
· Excellent character appearance
· I.C. compatible
· Mechanically rugged
· Standard: Gray face, white segment
· RoHS Compliant
## Specifications
· Emitting Color: Green
· Emitting Material: GaP
· Luminous Intensity (IF=10mA): 1900-10490 ucd
· Wavelength: 565 nm
· Common Anode, Right Hand Decimal
## Absolute Maximum Ratings (TA=25°C)
· Reverse Voltage: 5V
· Forward Current: 25mA
· Peak Forward Current (1/10 Duty Cycle, 0.1ms Pulse Width): 140mA
· Power Dissipation: 62.5mW
· Operating Temperature: -40°C to +85°C
· Storage Temperature: -40°C to +85°C
· Lead Solder Temperature (2mm below package base): 260°C for 3-5 seconds
## Operating Characteristics (TA=25°C)
· Forward Voltage (Typ. IF=10mA): 2.0V
· Forward Voltage (Max. IF=10mA): 2.5V
· Reverse Current (Max. VR=5V): 10uA
· Peak Emission Wavelength (Typ. IF=10mA): 565nm
· Dominant Emission Wavelength (Typ. IF=10mA): 568nm
· Spectral Line Full Width at Half-Maximum (Typ. IF=10mA): 30nm
· Capacitance (Typ. VF=0V, f=1MHz): 15pF
## Sorting Accuracy
· Wavelength: +/- 1nm
· Luminous Intensity/Flux: +/- 15%
· Forward Voltage: +/- 0.1V
| Part No. | DUG11A |
| Manufacturer | SUNLED |
| Size | 183 Kbytes |
| Pages | 4 pages |
| Description | 10.92mm (0.43) SINGLE DIGIT NUMERIC DISPLAY |