Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

W005M Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about W005M Datasheet

  • # Example questions: ➢ How does the current rating change for capacitive loads compared to resistive or inductive loads?
    ➢ What is the operating temperature range within which this bridge rectifier is designed to function?
    ➢ What is the maximum dc blocking voltage for the w06m rectifier?

  • Part No.W005M
    ManufacturerUNIOHM
    Size59 Kbytes
    Pages2 pages
    DescriptionSINGLE PHASE 1.5 AMP BRIDGE RECTIFIERS
    Datasheet Summary with AI

    # W005M THRU W10M Single Phase Bridge Rectifiers

    ## Features
    · Ideal for printed circuit boards
    · Low forward voltage & leakage current
    · Polarity marked on body
    · Mounting position: Any
    · Weight: 1.20 grams

    ## Electrical Characteristics
    · Voltage Range: 50 to 1000 Volts
    · Current: 1.5 Amperes
    · Maximum Recurrent Peak Reverse Voltage: 50V - 1000V (depending on model)
    · Maximum RMS Voltage: 50V - 1000V (depending on model)
    · Maximum DC Blocking Voltage: 35V - 700V (depending on model)
    · Maximum Average Forward Rectified Current: 1.5A
    · Maximum Forward Voltage Drop: 1.0V
    · Maximum DC Reverse Current (Ta=25°C): 0.1A
    · Maximum DC Reverse Current (Ta=100°C): 10A
    · Peak Forward Surge Current: 500A

    · Operating Temperature Range (Tj): -65°C to +125°C / +150°C (depending on model)
    · Storage Temperature Range (Tstg): -65°C to +150°C

    ## Dimensions
    · .220"(5.6) x .180"(4.6) x .220"(5.6) x .180"(4.6)
    · Lead Diameter: 0.032"(0.8) / 0.030"(0.7)
    · Minimum Length: 1.0" (25.4)
    · Minimum Length: 1.2" (30.5)
    · Maximum Length: 0.358" (9.1)

    ## Ratings & Characteristics
    · Single Phase, Half Wave, 60Hz, resistive or inductive load
    · For capacitive load, derate current by 20%

    # W005M THRU W10M Single Phase Bridge Rectifiers

    ## Features
    · Ideal for printed circuit boards
    · Low forward voltage & leakage current
    · Polarity marked on body
    · Mounting position: Any
    · Weight: 1.20 grams

    ## Electrical Characteristics
    · Voltage Range: 50 to 1000 Volts
    · Current: 1.5 Amperes
    · Maximum Recurrent Peak Reverse Voltage: 50V - 1000V (depending on model)
    · Maximum RMS Voltage: 50V - 1000V (depending on model)
    · Maximum DC Blocking Voltage: 35V - 700V (depending on model)
    · Maximum Average Forward Rectified Current: 1.5A
    · Maximum Forward Voltage Drop: 1.0V
    · Maximum DC Reverse Current (Ta=25°C): 0.1A
    · Maximum DC Reverse Current (Ta=100°C): 10A
    · Peak Forward Surge Current: 500A
    · Operating Temperature Range (Tj): -65°C to +125°C / +150°C (depending on model)
    · Storage Temperature Range (Tstg): -65°C to +150°C

    ## Dimensions
    · .220"(5.6) x .180"(4.6) x .220"(5.6) x .180"(4.6)
    · Lead Diameter: 0.032"(0.8) / 0.030"(0.7)
    · Minimum Length: 1.0" (25.4)
    · Minimum Length: 1.2" (30.5)
    · Maximum Length: 0.358" (9.1)

    ## Ratings & Characteristics
    · Single Phase, Half Wave, 60Hz, resistive or inductive load
    · For capacitive load, derate current by 20%

    Part No.W005M
    ManufacturerUNIOHM
    Size59 Kbytes
    Pages2 pages
    DescriptionSINGLE PHASE 1.5 AMP BRIDGE RECTIFIERS