| Zakładka z wyszukiwarką danych komponentów |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about ACT8342 Datasheet
# Example questions:
➢ What are the available factory-preset output voltage options for reg1?
➢ What is the maximum output current that reg1 (the step-down dc/dc converter) can supply?
➢ What physical dimensions are specified for the act8342 package?
# ACT8342 - Three-Channel Integrated Power Management IC
## FEATURES
· Multiple Patents Pending
· Three Integrated Regulators:
- 350mA PWM Step-Down DC/DC
- 80mA Low Noise LDO
- 150mA Low Noise LDO
· Independent Enable/Disable Control
· Minimal External Components
· 3x3mm, Thin-QFN (TQFN33-16) Package (0.75mm height)
· RoHS Compliant
## APPLICATIONS
· Portable Devices and PDAs
· MP3/MP4 Players
· Wireless Handhelds
· GPS Receivers
## GENERAL DESCRIPTION
· Complete, cost-effective, highly-efficient ActivePMUTM power management solution.
· Integrates one PWM step-down DC/DC converter and two low noise LDOs.
· Ideal for portable handheld equipment.
· REG1: Fixed-frequency, current-mode PWM step-down DC/DC (up to 350mA). Factory-preset and adjustable output voltage options.
· REG2 & REG3: Low noise, high PSRR linear regulators (80mA & 150mA, respectively).
· Available in a 3mm x 3mm, 16-pin Thin-QFN package (0.75mm thin).
## PRODUCT OPTIONS
· REG1 (Step-Down DC/DC):
- Output Voltage: Adjustable, 1.2V, 1.5V, 1.8V, 2.5V, 3.0V, or 3.3V
- Capability: Up to 350mA
· REG2 (LDO):
- Output Voltage: 1.4V to 3.7V
- Capability: Up to 80mA
· REG3 (LDO):
- Output Voltage: 1.4V to 3.7V
- Capability: Up to 150mA
# ACT8342 - Three-Channel Integrated Power Management IC
## FEATURES
· Multiple Patents Pending
· Three Integrated Regulators:
- 350mA PWM Step-Down DC/DC
- 80mA Low Noise LDO
- 150mA Low Noise LDO
· Independent Enable/Disable Control
· Minimal External Components
· 3x3mm, Thin-QFN (TQFN33-16) Package (0.75mm height)
· RoHS Compliant
## APPLICATIONS
· Portable Devices and PDAs
· MP3/MP4 Players
· Wireless Handhelds
· GPS Receivers
## GENERAL DESCRIPTION
· Complete, cost-effective, highly-efficient ActivePMUTM power management solution.
· Integrates one PWM step-down DC/DC converter and two low noise LDOs.
· Ideal for portable handheld equipment.
· REG1: Fixed-frequency, current-mode PWM step-down DC/DC (up to 350mA). Factory-preset and adjustable output voltage options.
· REG2 & REG3: Low noise, high PSRR linear regulators (80mA & 150mA, respectively).
· Available in a 3mm x 3mm, 16-pin Thin-QFN package (0.75mm thin).
## PRODUCT OPTIONS
· REG1 (Step-Down DC/DC):
- Output Voltage: Adjustable, 1.2V, 1.5V, 1.8V, 2.5V, 3.0V, or 3.3V
- Capability: Up to 350mA
· REG2 (LDO):
- Output Voltage: 1.4V to 3.7V
- Capability: Up to 80mA
· REG3 (LDO):
- Output Voltage: 1.4V to 3.7V
- Capability: Up to 150mA
| Part No. | ACT8342 |
| Manufacturer | ACTIVE-SEMI |
| Size | 114 Kbytes |
| Pages | 2 pages |
| Description | Three-Channel Integrated Power Management IC for Handheld Portable Equipment |