Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TIP3055 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about TIP3055 Datasheet

  • # Example questions: ➢ What is the thermal resistance junction-to-case (rthj-case) for either the tip2955 or tip3055?
    ➢ What is the typical saturation voltage (vce(sat)) when the tip3055 has a collector current of 10a?
    ➢ What is the maximum collector current (ic) that the tip3055 can handle?

  • Part No.TIP3055
    ManufacturerSTMICROELECTRONICS
    Size45 Kbytes
    Pages4 pages
    DescriptionCOMPLEMENTARY SILICON POWER TRANSISTORS
    Datasheet Summary with AI

    # TIP2955/TIP3055 Complementary Silicon Power Transistors

    ## Description
    Complementary NPN (TIP3055) and PNP (TIP2955) silicon epitaxial-base planar transistors intended for power switching circuits, series/shunt regulators, output stages, and hi-fi amplifiers.

    ## Absolute Maximum Ratings

    | Parameter | PNP (TIP2955) | NPN (TIP3055) | Value | Unit |
    |--------------------|---------------|---------------|-------|------|
    | Collector-Base Voltage (V<sub>CBO</sub>) | | | 100 | V |
    | Collector-Emitter Voltage (V<sub>CEO</sub>) | | | 60 | V |
    | Collector Current (I<sub>C</sub>) | | | 15 | A |
    | Base Current (I<sub>B</sub>) | | | 7 | A |
    | Total Dissipation (P<sub>tot</sub>) | | | 90 | W |
    | Storage Temperature (T<sub>stg</sub>) | | | -65 to 150 | °C |
    | Junction Temperature (T<sub>j</sub>) | | | 150 | °C |

    ## Thermal Characteristics
    ️· Thermal Resistance Junction-to-Case (R<sub>thj-case</sub>): Max 1.4 °C/W

    ## Electrical Characteristics (T<sub>case</sub> = 25°C)

    | Parameter | Test Conditions | Min. | Typ. | Max. | Unit |
    |---------------------------|--------------------|------|------|------|------|
    | Collector Cut-off Current (I<sub>CEX</sub>) | V<sub>CE</sub> = 100V | | | 5mA | mA |
    | Collector Cut-off Current (I<sub>CEO</sub>) | V<sub>CE</sub> = 30V | | 0.7| | mA |
    | Emitter Cut-off Current (I<sub>EBO</sub>) | V<sub>EB</sub> = 7V | | | 5 | mA |
    | Sustaining Voltage (V<sub>CEO(sus)</sub>) | I<sub>C</sub> = 30mA | 60 | | | V |
    | Saturation Voltage (V<sub>CE(sat)</sub>) | I<sub>C</sub> = 4A, I<sub>B</sub> = 0.4A | 1 | | | V |
    | Base-Emitter Voltage (V<sub>BE</sub>) | I<sub>C</sub> = 4A, V<sub>CE</sub> = 4V | 1.8 | | | V |
    | DC Current Gain (h<sub>FE</sub>) | I<sub>C</sub> = 4A, V<sub>CE</sub> = 4V | 20 | | 70 | |
    | Transition Frequency (f<sub>T</sub>) | I<sub>C</sub> = 0.5A, V<sub>CE</sub> = 10V| | | 3| MHz|
    | Turn-on Time (t<sub>on</sub>) | | | 0.5| | µs|
    | Turn-off Time (t<sub>off</sub>) | | | 0.9| | µs|

    ## Package
    TO-218 (SOT-93) – dimensions provided in datasheet.

    Note: For PNP types, voltage and current values are negative.

    # TIP2955/TIP3055 Complementary Silicon Power Transistors

    ## Description
    Complementary NPN (TIP3055) and PNP (TIP2955) silicon epitaxial-base planar transistors intended for power switching circuits, series/shunt regulators, output stages, and hi-fi amplifiers.

    ## Absolute Maximum Ratings

    Parameter PNP (TIP2955) NPN (TIP3055) Value Unit
    Collector-Base Voltage (V<sub>CBO</sub>) 100 V
    Collector-Emitter Voltage (V<sub>CEO</sub>) 60 V
    Collector Current (I<sub>C</sub>) 15 A
    Base Current (I<sub>B</sub>) 7 A
    Total Dissipation (P<sub>tot</sub>) 90 W
    Storage Temperature (T<sub>stg</sub>) -65 to 150 °C
    Junction Temperature (T<sub>j</sub>) 150 °C

    ## Thermal Characteristics
    ️· Thermal Resistance Junction-to-Case (R<sub>thj-case</sub>): Max 1.4 °C/W

    ## Electrical Characteristics (T<sub>case</sub> = 25°C)

    Parameter Test Conditions Min. Typ. Max. Unit
    Collector Cut-off Current (I<sub>CEX</sub>) V<sub>CE</sub> = 100V 5mA mA
    Collector Cut-off Current (I<sub>CEO</sub>) V<sub>CE</sub> = 30V 0.7 mA
    Emitter Cut-off Current (I<sub>EBO</sub>) V<sub>EB</sub> = 7V 5 mA
    Sustaining Voltage (V<sub>CEO(sus)</sub>) I<sub>C</sub> = 30mA 60 V
    Saturation Voltage (V<sub>CE(sat)</sub>) I<sub>C</sub> = 4A, I<sub>B</sub> = 0.4A 1 V
    Base-Emitter Voltage (V<sub>BE</sub>) I<sub>C</sub> = 4A, V<sub>CE</sub> = 4V 1.8 V
    DC Current Gain (h<sub>FE</sub>) I<sub>C</sub> = 4A, V<sub>CE</sub> = 4V 20 70
    Transition Frequency (f<sub>T</sub>) I<sub>C</sub> = 0.5A, V<sub>CE</sub> = 10V 3 MHz
    Turn-on Time (t<sub>on</sub>) 0.5 µs
    Turn-off Time (t<sub>off</sub>) 0.9 µs

    ## Package
    TO-218 (SOT-93) – dimensions provided in datasheet.

    Note: For PNP types, voltage and current values are negative.

    Part No.TIP3055
    ManufacturerSTMICROELECTRONICS
    Size45 Kbytes
    Pages4 pages
    DescriptionCOMPLEMENTARY SILICON POWER TRANSISTORS