Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS822L Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about TS822L Datasheet

  • # Example questions: ➢ What is the minimum operating current required for the ts822 to function as specified?
    ➢ What is the maximum operating temperature specified for the ts822, and what is the maximum temperature coefficient?
    ➢ What is the typical output voltage of the ts822, and what is the tolerance for the standard and a grade versions?

  • Part No.TS822L
    ManufacturerSTMICROELECTRONICS
    Size64 Kbytes
    Pages8 pages
    Description2.5V MICROPOWER SHUNT VOLTAGE REFERENCE
    Datasheet Summary with AI

    # TS822 2.5V Micropower Shunt Voltage Reference

    ## Overview
    ️· Low-power shunt voltage reference providing a stable 2.5V output.
    ️· Industrial temperature range: -40°C to +85°C.
    ️· Available in TO-92 and SOT23-3/SOT23-5 surface mount packages.
    ️· Ultra-low current consumption: 40µA typical.
    ️· Precision options: ±2% (standard) and ±1% (A grade).

    ## Electrical Characteristics
    ️· Reverse Breakdown Voltage (Vk): 2.45-2.55V (2% version), 2.475-2.525V (1% version)
    ️· Minimum Operating Current (Ikmin): 40-50 µA
    ️· Average Temperature Coefficient (ΔVref/ΔT): 30-100 ppm/°C
    ️· Reverse Static Impedance (Rka): 0.2 - 1.2 Ω
    ️· Long Term Stability (Kvh): 120 ppm (1000 hours)
    ️· Wide Band Noise (En): 35 µVrms (10Hz-10kHz)

    ## Package Options
    ️· TO-92: Plastic package
    ️· SOT23-3: Plastic micropackage

    ️· SOT23-5: Tiny package (Tape & Reel only)

    ## Absolute Maximum Ratings
    ️· Operating Temperature: -40°C to +85°C
    ️· Storage Temperature: -65°C to +150°C
    ️· Reverse Breakdown Current (Ik): 20mA
    ️· Forward Current (If): 10mA
    ️· Power Dissipation (Pd): 360mW (SOT23-3), 625mW (TO-92)

    ## Key Features
    ️· High precision (±1% or ±2%)
    ️· High stability with capacitive loads
    ️· Low current consumption
    ️· Industrial temperature range
    ️· Small package options available

    # TS822 2.5V Micropower Shunt Voltage Reference

    ## Overview
    ️· Low-power shunt voltage reference providing a stable 2.5V output.
    ️· Industrial temperature range: -40°C to +85°C.
    ️· Available in TO-92 and SOT23-3/SOT23-5 surface mount packages.
    ️· Ultra-low current consumption: 40µA typical.
    ️· Precision options: ±2% (standard) and ±1% (A grade).

    ## Electrical Characteristics
    ️· Reverse Breakdown Voltage (Vk): 2.45-2.55V (2% version), 2.475-2.525V (1% version)
    ️· Minimum Operating Current (Ikmin): 40-50 µA
    ️· Average Temperature Coefficient (ΔVref/ΔT): 30-100 ppm/°C
    ️· Reverse Static Impedance (Rka): 0.2 - 1.2 Ω
    ️· Long Term Stability (Kvh): 120 ppm (1000 hours)
    ️· Wide Band Noise (En): 35 µVrms (10Hz-10kHz)

    ## Package Options
    ️· TO-92: Plastic package
    ️· SOT23-3: Plastic micropackage
    ️· SOT23-5: Tiny package (Tape & Reel only)

    ## Absolute Maximum Ratings
    ️· Operating Temperature: -40°C to +85°C
    ️· Storage Temperature: -65°C to +150°C
    ️· Reverse Breakdown Current (Ik): 20mA
    ️· Forward Current (If): 10mA
    ️· Power Dissipation (Pd): 360mW (SOT23-3), 625mW (TO-92)

    ## Key Features
    ️· High precision (±1% or ±2%)
    ️· High stability with capacitive loads
    ️· Low current consumption
    ️· Industrial temperature range
    ️· Small package options available

    Part No.TS822L
    ManufacturerSTMICROELECTRONICS
    Size64 Kbytes
    Pages8 pages
    Description2.5V MICROPOWER SHUNT VOLTAGE REFERENCE