Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LTC4218CDHC Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about LTC4218CDHC Datasheet

  • # Example questions: ➢ What happens when the fb pin voltage drops below 0.6v?
    ➢ What is the primary difference between the ltc4218 and the ltc4218-12 versions of the device?
    ➢ The timer pin utilizes two different current sources. what are the current magnitudes and what are their respective functions?

  • Part No.LTC4218CDHC
    ManufacturerLINER
    Size192 Kbytes
    Pages16 pages
    DescriptionHot Swap Controller
    Datasheet Summary with AI

    1. Functionality Overview:

    ️· Controlled Power-Up/Down: The LTC4218 is a power controller designed to safely insert and remove a board from a live backplane (a common setup in industrial and communication equipment). It handles turning power on and off in a controlled way.
    ️· N-Channel MOSFET Driver: It drives an external N-channel MOSFET. The device contains a charge pump and gate driver circuit to control the MOSFET's operation.
    ️· Current Limiting: Monitors the load current using a current sense resistor. Actively limits the current through the MOSFET to protect the system. A foldback feature reduces the current limit significantly in the event of a short circuit.
    ️· Timer: A timer feature helps prevent overheating during persistent overcurrent conditions.
    ️· Two Versions: Two main versions are available:
    - LTC4218 (Adjustable): Allows for external adjustment of various thresholds (undervoltage, overvoltage, current limit) using external resistors. Comes in an SSOP package.
    - LTC4218-12 (Fixed): Has fixed internal dividers for pre-set voltage thresholds. Designed for 12V operation. Available in a DFN package.

    2. Key Features and Pins:

    ️· SENSE [+] and SENSE [–]: Current sense inputs.
    ️· GATE and SOURCE: Control and return for the external MOSFET.
    ️· UV (Undervoltage): Detects low supply voltage; turns off the MOSFET.
    ️· OV (Overvoltage): Detects high supply voltage; turns off the MOSFET.
    ️· ISET: Adjusts the current limit threshold.
    ️· TIMER: Used for overcurrent protection (timer before shutdown).
    ️· IMON: Provides a current output proportional to the load current for monitoring.
    ️· INTVCC: Requires a decoupling capacitor (0.1μF or larger).
    ️· FLT: Overcurrent fault indicator (open-drain output).
    ️· PG: Power Good indicator (open-drain output).
    ️· FB: Foldback comparator input, monitors the output voltage for fault conditions.

    3. Operation Highlights:

    ️· Controlled Startup: The device requires the external conditions to be validated before the MOSFET is enabled.
    ️· Foldback Current Limiting: Reduces current limit under short circuit conditions.
    ️· Automatic Retry: After a fault (overcurrent, short circuit), the device will attempt to restart after a cool-down period.
    ️· Power Good: The PG output signals a valid power state.

    4. Package Information
    ️· The LTC4218 is available in an SSOP package
    ️· The LTC4218-12 is available in a DFN package.

    1. Functionality Overview:

    ️· Controlled Power-Up/Down: The LTC4218 is a power controller designed to safely insert and remove a board from a live backplane (a common setup in industrial and communication equipment). It handles turning power on and off in a controlled way.
    ️· N-Channel MOSFET Driver: It drives an external N-channel MOSFET. The device contains a charge pump and gate driver circuit to control the MOSFET's operation.
    ️· Current Limiting: Monitors the load current using a current sense resistor. Actively limits the current through the MOSFET to protect the system. A foldback feature reduces the current limit significantly in the event of a short circuit.
    ️· Timer: A timer feature helps prevent overheating during persistent overcurrent conditions.
    ️· Two Versions: Two main versions are available:
    - LTC4218 (Adjustable): Allows for external adjustment of various thresholds (undervoltage, overvoltage, current limit) using external resistors. Comes in an SSOP package.
    - LTC4218-12 (Fixed): Has fixed internal dividers for pre-set voltage thresholds. Designed for 12V operation. Available in a DFN package.

    2. Key Features and Pins:

    ️· SENSE [+] and SENSE [–]: Current sense inputs.
    ️· GATE and SOURCE: Control and return for the external MOSFET.
    ️· UV (Undervoltage): Detects low supply voltage; turns off the MOSFET.
    ️· OV (Overvoltage): Detects high supply voltage; turns off the MOSFET.
    ️· ISET: Adjusts the current limit threshold.
    ️· TIMER: Used for overcurrent protection (timer before shutdown).
    ️· IMON: Provides a current output proportional to the load current for monitoring.
    ️· INTVCC: Requires a decoupling capacitor (0.1μF or larger).
    ️· FLT: Overcurrent fault indicator (open-drain output).
    ️· PG: Power Good indicator (open-drain output).
    ️· FB: Foldback comparator input, monitors the output voltage for fault conditions.

    3. Operation Highlights:

    ️· Controlled Startup: The device requires the external conditions to be validated before the MOSFET is enabled.
    ️· Foldback Current Limiting: Reduces current limit under short circuit conditions.
    ️· Automatic Retry: After a fault (overcurrent, short circuit), the device will attempt to restart after a cool-down period.
    ️· Power Good: The PG output signals a valid power state.

    4. Package Information
    ️· The LTC4218 is available in an SSOP package
    ️· The LTC4218-12 is available in a DFN package.

    Part No.LTC4218CDHC
    ManufacturerLINER
    Size192 Kbytes
    Pages16 pages
    DescriptionHot Swap Controller