Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

NHP-175 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about NHP-175 Datasheet

  • # Example questions: ➢ What are the dimensions, in millimeters, of 'b', 'd', and 'e' as indicated in the outline drawing?
    ➢ What is the maximum rf power input for the nhp-175+ filter?
    ➢ Over what frequency range is the nhp-175+ filter designed to operate?

  • Part No.NHP-175
    ManufacturerMINI
    Size84 Kbytes
    Pages1 page
    DescriptionHigh Pass Filter 50廓 160 to 1200 MHz
    Datasheet Summary with AI

    # Hi h Pass Filter g

    Specifications

    ️· Model: NHP-175+ / NHP-175
    ️· Frequency Range: 50Ω, 160 to 1200 MHz
    ️· Case Style: FF57
    ️· Connectors: N-Type, $39.95 each (1-9)
    ️· RoHS Compliant

    Electrical Characteristics

    ️· Operating Temperature: -55°C to 100°C
    ️· Storage Temperature: -55°C to 100°C
    ️· RF Power Input: 0.5W max.
    ️· Stopband: DC-70, 70-105 MHz (loss > 40dB)
    ️· fco (loss 3dB): 140 MHz
    ️· Passband (loss <1 dB): 160-1200 MHz
    ️· VSWR: 17 (Stopband), 1.5 (Passband)

    Features

    ️· Rugged Shielded Case
    ️· Available in standard and custom models

    Applications

    ️· Lab Use
    ️· Transmitters/Receivers
    ️· Radio Communications

    Dimensions (inches / mm)

    ️· B: 0.67 / 17.02
    ️· D: 2.90 / 73.66
    ️· E: 0.82 / 20.83
    ️· Wt: 90.0 grams

    Typical Performance Data (at RF level of 0 dBm)

    Frequency (MHz) Insertion Loss (dB) Return Loss (dB) Group Delay (nsec)
    10.00 71.26 4.82 0.08
    50.00 88.13 7.75 0.15
    70.00 64.08 0.60 0.11
    75.00 59.06 0.35 0.09
    80.00 54.47 0.39 0.09
    85.00 50.30 0.30 0.11
    ... ... ... ...
    1200.00 0.69 0.02 0.38

    # Hi h Pass Filter g

    Specifications

    ️· Model: NHP-175+ / NHP-175
    ️· Frequency Range: 50Ω, 160 to 1200 MHz
    ️· Case Style: FF57
    ️· Connectors: N-Type, $39.95 each (1-9)
    ️· RoHS Compliant

    Electrical Characteristics

    ️· Operating Temperature: -55°C to 100°C
    ️· Storage Temperature: -55°C to 100°C
    ️· RF Power Input: 0.5W max.
    ️· Stopband: DC-70, 70-105 MHz (loss > 40dB)
    ️· fco (loss 3dB): 140 MHz
    ️· Passband (loss <1 dB): 160-1200 MHz
    ️· VSWR: 17 (Stopband), 1.5 (Passband)

    Features

    ️· Rugged Shielded Case
    ️· Available in standard and custom models

    Applications

    ️· Lab Use
    ️· Transmitters/Receivers
    ️· Radio Communications

    Dimensions (inches / mm)

    ️· B: 0.67 / 17.02
    ️· D: 2.90 / 73.66
    ️· E: 0.82 / 20.83
    ️· Wt: 90.0 grams

    Typical Performance Data (at RF level of 0 dBm)

    Frequency (MHz) Insertion Loss (dB) Return Loss (dB) Group Delay (nsec)
    10.00 71.26 4.82 0.08
    50.00 88.13 7.75 0.15
    70.00 64.08 0.60 0.11
    75.00 59.06 0.35 0.09
    80.00 54.47 0.39 0.09
    85.00 50.30 0.30 0.11
    ... ... ... ...
    1200.00 0.69 0.02 0.38

    Part No.NHP-175
    ManufacturerMINI
    Size84 Kbytes
    Pages1 page
    DescriptionHigh Pass Filter 50廓 160 to 1200 MHz