Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SHP-700 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about SHP-700 Datasheet

  • # Example questions: ➢ What is the operating temperature range for this shp-700+ high pass filter?
    ➢ What is the maximum rf power input this filter can handle without damage?
    ➢ What frequency range does this filter typically allow signals to pass through with less than 1db of loss?

  • Part No.SHP-700
    ManufacturerMINI
    Size165 Kbytes
    Pages1 page
    DescriptionHigh Pass Filter 50廓 700 to 3000 MHz
    Datasheet Summary with AI

    # SHP-700+ High Pass Filter

    ## Overview

    · Frequency Range: 700 to 3000 MHz
    · Impedance: 50Ω
    · Connectors: SMA
    · Price: $38.95 each (1-9 quantity)
    · Certifications: ISO 9001, ISO 14001
    · RoHS Compliant: Yes (+Suffix indicates compliance)

    ## Features

    · Rugged shielded case
    · Available in other standard and custom SHP models with a wide selection of fco

    ## Applications

    · Lab use
    · Transmitters/receivers
    · Radio communications

    ## Electrical Specifications

    · Stopband (Loss > 40 dB): DC - 400 MHz
    · Stopband (Loss > 20 dB): 400 - 520 MHz
    · fco (Loss 3 dB): 640 MHz
    · Passband (Loss < 1 dB): 700 - 3000 MHz
    · VSWR: 17:1 (Stopband), 1.6 (Passband)

    ## Maximum Ratings

    · Operating Temperature: -55°C to 100°C
    · Storage Temperature: -55°C to 100°C
    · RF Power Input: 0.5W max.

    ## Typical Performance Data (at RF level of 0 dBm)

    · Insertion Loss: Varied from 0.32 to 0.48 dB across frequencies 1200 MHz to 3000 MHz.
    · Return Loss: Varied from 20.55 to 24.99 dB across frequencies 700 MHz to 3000 MHz.
    · Group Delay: Varied from 0.35 to 2.87 nsec across frequencies 700 MHz to 3000 MHz.

    ## Outline Dimensions

    · B: 0.67 inch (17.02 mm)
    · D: 1.98 inch (50.29 mm)
    · E: 0.312 inch (7.92 mm)
    · Weight: 42.0 grams

    # SHP-700+ High Pass Filter

    ## Overview

    · Frequency Range: 700 to 3000 MHz
    · Impedance: 50Ω
    · Connectors: SMA
    · Price: $38.95 each (1-9 quantity)
    · Certifications: ISO 9001, ISO 14001
    · RoHS Compliant: Yes (+Suffix indicates compliance)

    ## Features

    · Rugged shielded case
    · Available in other standard and custom SHP models with a wide selection of fco

    ## Applications

    · Lab use
    · Transmitters/receivers
    · Radio communications

    ## Electrical Specifications

    · Stopband (Loss > 40 dB): DC - 400 MHz
    · Stopband (Loss > 20 dB): 400 - 520 MHz
    · fco (Loss 3 dB): 640 MHz
    · Passband (Loss < 1 dB): 700 - 3000 MHz
    · VSWR: 17:1 (Stopband), 1.6 (Passband)

    ## Maximum Ratings

    · Operating Temperature: -55°C to 100°C
    · Storage Temperature: -55°C to 100°C
    · RF Power Input: 0.5W max.

    ## Typical Performance Data (at RF level of 0 dBm)

    · Insertion Loss: Varied from 0.32 to 0.48 dB across frequencies 1200 MHz to 3000 MHz.
    · Return Loss: Varied from 20.55 to 24.99 dB across frequencies 700 MHz to 3000 MHz.
    · Group Delay: Varied from 0.35 to 2.87 nsec across frequencies 700 MHz to 3000 MHz.

    ## Outline Dimensions

    · B: 0.67 inch (17.02 mm)
    · D: 1.98 inch (50.29 mm)
    · E: 0.312 inch (7.92 mm)
    · Weight: 42.0 grams

    Part No.SHP-700
    ManufacturerMINI
    Size165 Kbytes
    Pages1 page
    DescriptionHigh Pass Filter 50廓 700 to 3000 MHz