| Zakładka z wyszukiwarką danych komponentów |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about I2000RW Datasheet
# Example questions:
➢ What is the maximum input voltage range for the i2001rw model?
➢ What is the purpose of pin 3 and what type of signal does it represent?
➢ What is the recommended minimum load percentage for optimal operation of these power modules?
1. Product Description
️· Type: DC-DC Converter (Power Module)
️· Manufacturer: MicroPower Direct
️· Slogan: "We Power Your Success - For Less!"
️· Size: 1.00 x 1.00 x 0.433 inches (25.4 x 25.4 x 11.0 mm)
️· Case Material: Six-sided shielded aluminum with non-conductive base (UL94-V0)
️· Weight: 0.52 oz (15g)
️· MTBF (Mean Time Between Failure): 800k Hours (MIL HDBK 217F, 25°C, Gnd Benign)
️· Switching Frequency: 450 kHz (3.3V, 5V Output Models) / 300 kHz (12V, 15V Output Models)
2. Electrical Specifications (General)
️· Input Voltage Ranges:
- 12VDC: 9.0 - 18.0 VDC
- 24VDC: 18.0 - 36.0 VDC
- 48VDC: 36.0 - 75.0 VDC
️· Input Surge: -0.7V to 20.0V (12V Models), -0.7V to 40.0V (24V Models), -0.7V to 80.0V (48V Models)
️· Operating Temperature: -40°C to +85°C (ambient), case up to +105°C.
️· Storage Temperature: -55°C to +105°C.
️· Humidity: Up to 95% RH (non-condensing)
️· Isolation Voltage: 1600 VDC for 60 seconds
️· Isolation Resistance: 100 MΩ
️· Isolation Capacitance: 1000 pF
3. Pinout
️· Pin 1: +Vin
️· Pin 2: -Vin
️· Pin 3: Control (Optional)
️· Pin 4: +Vout
️· Pin 5: No Pin
️· Pin 6: -Vout
4. Model-Specific Data (from the Table - sample highlights)
| Model | Input Voltage (VDC) | Output Voltage (VDC) | Max Output Current (mA) | Efficiency (%) | Capacitive Load (µF Max) | Fuse Rating (mA) |
|---|---|---|---|---|---|---|
| I2001RW | 12 | 3.3 | 4500 | 85 | 2000 | ? |
| I2001RW | 12 | 5.0 | 4000 | 89 | 2000 | ? |
| I2001RW | 12 | 12.0 | 1660 | 88 | 470 | ? |
| I2001RW | 12 | 15.0 | 1330 | 88 | 330 | ? |
| I2011RW | 24 | 3.3 | 4500 | 86 | 2000 | ? |
| I2021RW | 48 | 3.3 | 4500 | 84 | 2000 | ? |
1. Product Description
️· Type: DC-DC Converter (Power Module)
️· Manufacturer: MicroPower Direct
️· Slogan: "We Power Your Success - For Less!"
️· Size: 1.00 x 1.00 x 0.433 inches (25.4 x 25.4 x 11.0 mm)
️· Case Material: Six-sided shielded aluminum with non-conductive base (UL94-V0)
️· Weight: 0.52 oz (15g)
️· MTBF (Mean Time Between Failure): 800k Hours (MIL HDBK 217F, 25°C, Gnd Benign)
️· Switching Frequency: 450 kHz (3.3V, 5V Output Models) / 300 kHz (12V, 15V Output Models)
2. Electrical Specifications (General)
️· Input Voltage Ranges:
- 12VDC: 9.0 - 18.0 VDC
- 24VDC: 18.0 - 36.0 VDC
- 48VDC: 36.0 - 75.0 VDC
️· Input Surge: -0.7V to 20.0V (12V Models), -0.7V to 40.0V (24V Models), -0.7V to 80.0V (48V Models)
️· Operating Temperature: -40°C to +85°C (ambient), case up to +105°C.
️· Storage Temperature: -55°C to +105°C.
️· Humidity: Up to 95% RH (non-condensing)
️· Isolation Voltage: 1600 VDC for 60 seconds
️· Isolation Resistance: 100 MΩ
️· Isolation Capacitance: 1000 pF
3. Pinout
️· Pin 1: +Vin
️· Pin 2: -Vin
️· Pin 3: Control (Optional)
️· Pin 4: +Vout
️· Pin 5: No Pin
️· Pin 6: -Vout
4. Model-Specific Data (from the Table - sample highlights)
| Model | Input Voltage (VDC) | Output Voltage (VDC) | Max Output Current (mA) | Efficiency (%) | Capacitive Load (µF Max) | Fuse Rating (mA) |
|---|---|---|---|---|---|---|
| I2001RW | 12 | 3.3 | 4500 | 85 | 2000 | ? |
| I2001RW | 12 | 5.0 | 4000 | 89 | 2000 | ? |
| I2001RW | 12 | 12.0 | 1660 | 88 | 470 | ? |
| I2001RW | 12 | 15.0 | 1330 | 88 | 330 | ? |
| I2011RW | 24 | 3.3 | 4500 | 86 | 2000 | ? |
| I2021RW | 48 | 3.3 | 4500 | 84 | 2000 | ? |
| Part No. | I2000RW |
| Manufacturer | MPD |
| Size | 230 Kbytes |
| Pages | 2 pages |
| Description | Ultra-Miniature 20W Wide 2:1 Input Range DC/DC Converters |