| Zakładka z wyszukiwarką danych komponentów |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about SM3436-34HS Datasheet
# Example questions:
➢ What is the maximum operating altitude for this amplifier while maintaining specified performance?
➢ How does the 'on/off' pin control the amplifier, and what voltage levels correspond to each state?
➢ What is the minimum output power this amplifier can deliver at the 1 db compression point?
# Model SM3436-34HS
3400 - 3600 MHz
2.5 Watt Linear Power Amplifier
FOR ISM, WCS, & WLL APPLICATIONS
## Specifications
️· Frequency Range: 3.4 – 3.6 GHz
️· Output Power (P1dB): +34 dBm (min.)
️· Third Order Intercept Point: +47 dBm (typ.)
️· Linear Gain: 34 dB ± 1.0 dB
️· Gain Flatness: ± 0.5 dB
️· Input/Output Return Loss: -14 dB / -14dB
️· DC Input Voltage: +12 Volts (+10V option)
️· DC Input Current: 1.2 Amperes (typ.), 1.4 Amperes (max.)
️· Dimensions: 4.7 x 2.0 x 0.54 inches
️· RF Connectors: SMA Female
️· Operating Temperature: 0ºC to +55ºC
️· Operating Humidity: 95% Non-condensing
️· Operating Altitude: Up to 10,000 feet
## Features
️· Mis-Match Protected
️· Single Power Supply
️· Over Voltage Protection
️· Thermal Protection with Auto Reset
## Options
️· +10 V Operation
️· Logic On/Off Control
️· Integral Heatsink
## Configurations
️· Module
️· 19” Rack
## Pin Descriptions
️· RF Input: +3 dBm (max.)
️· RF Output: +34 dBm @ P1dB
️· GND: Ground
️· +12 VDC: +12 Volts @ 1.2 Amperes
️· On/Off: 0 Volts = Off, +5 Volts = On
## Contact Information
1007 Whitehead Road Ext., Trenton, NJ 08638
Tel: (609) 538-8586
Fax: (609) 538-8587
Email: sales@stealthmicrowave.com
Web site: www.stealthmicrowave.com
# Model SM3436-34HS
3400 - 3600 MHz
2.5 Watt Linear Power Amplifier
FOR ISM, WCS, & WLL APPLICATIONS
## Specifications
️· Frequency Range: 3.4 – 3.6 GHz
️· Output Power (P1dB): +34 dBm (min.)
️· Third Order Intercept Point: +47 dBm (typ.)
️· Linear Gain: 34 dB ± 1.0 dB
️· Gain Flatness: ± 0.5 dB
️· Input/Output Return Loss: -14 dB / -14dB
️· DC Input Voltage: +12 Volts (+10V option)
️· DC Input Current: 1.2 Amperes (typ.), 1.4 Amperes (max.)
️· Dimensions: 4.7 x 2.0 x 0.54 inches
️· RF Connectors: SMA Female
️· Operating Temperature: 0ºC to +55ºC
️· Operating Humidity: 95% Non-condensing
️· Operating Altitude: Up to 10,000 feet
## Features
️· Mis-Match Protected
️· Single Power Supply
️· Over Voltage Protection
️· Thermal Protection with Auto Reset
## Options
️· +10 V Operation
️· Logic On/Off Control
️· Integral Heatsink
## Configurations
️· Module
️· 19” Rack
## Pin Descriptions
️· RF Input: +3 dBm (max.)
️· RF Output: +34 dBm @ P1dB
️· GND: Ground
️· +12 VDC: +12 Volts @ 1.2 Amperes
️· On/Off: 0 Volts = Off, +5 Volts = On
## Contact Information
1007 Whitehead Road Ext., Trenton, NJ 08638
Tel: (609) 538-8586
Fax: (609) 538-8587
Email: sales@stealthmicrowave.com
Web site: www.stealthmicrowave.com
| Part No. | SM3436-34HS |
| Manufacturer | STEALTH_MICROWAVE |
| Size | 92 Kbytes |
| Pages | 2 pages |
| Description | 3400 - 3600 MHz 2.5 Watt Linear Power Amplifier |