| Zakładka z wyszukiwarką danych komponentów |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about SM3436-40L Datasheet
# Example questions:
➢ What is the typical output power of the sm3436-40l amplifier at its p1db?
➢ What is the maximum operating altitude specified for the sm3436-40l?
➢ How does the ttl on/off control pin affect the amplifier's operation?
# Model SM3436-40L
3400-3600 MHz
10 Watt Ultra Linear Power Amplifier
FOR BWA APPLICATIONS
## Specifications
️· Frequency Range: 3.4 – 3.6 GHz
️· Pout (P1dB): +38 dBm (typical)
️· ACPR (10MHz OFDM output): -45 dBc (min)
️· Linear Gain: 45 dB ± 1 dB
️· Gain Flatness: ± 0.5 dB
️· Input/Output Return Loss: -16 dB / -16dB
️· DC Supply: +12 Volts @ 4 Amperes
️· Harmonic Filter (Optional): -55 dBc
️· Mechanical Dimensions: 7.5 x 3.74 x 2.0 inches
️· RF Connectors: SMA Female
️· Operating Temperature: 0ºC to +55ºC
️· Operating Humidity: 95% Non-condensing
️· Operating Altitude: Up to 10,000 feet
## Features
️· Built-in Linearizer
️· Mis-Match Protected
️· Single Power Supply
️· Over/Reverse Voltage Protection
️· Thermal Protection with Auto Reset
## Options
️· Forward/Reverse Power Detection
️· RF Sample Port
️· TTL On/Off Control
️· High Speed Switching for TDD
️· Integral Heatsink
## Configurations
️· Module
️· 19” Rack
## Pin Descriptions
️· RF INPUT: Input Connector (SMA Female)
️· RF OUTPUT: Output Connector (SMA Female)
️· RF SAMPLE: RF Sample Port (SMA Female)
️· GND: Ground Turret
️· FWD: Forward Power Detector
️· REV: Reverse Power Detector
️· +12VDC: DC Input Voltage (+12 Volts @ 4 Amperes)
️· ON/OFF: TTL Logic On/Off (0 Volts = Off, +5 Volts = On)
️· CNTL: TTL Pulse Control (Rates up to 100 kHz)
# Model SM3436-40L
3400-3600 MHz
10 Watt Ultra Linear Power Amplifier
FOR BWA APPLICATIONS
## Specifications
️· Frequency Range: 3.4 – 3.6 GHz
️· Pout (P1dB): +38 dBm (typical)
️· ACPR (10MHz OFDM output): -45 dBc (min)
️· Linear Gain: 45 dB ± 1 dB
️· Gain Flatness: ± 0.5 dB
️· Input/Output Return Loss: -16 dB / -16dB
️· DC Supply: +12 Volts @ 4 Amperes
️· Harmonic Filter (Optional): -55 dBc
️· Mechanical Dimensions: 7.5 x 3.74 x 2.0 inches
️· RF Connectors: SMA Female
️· Operating Temperature: 0ºC to +55ºC
️· Operating Humidity: 95% Non-condensing
️· Operating Altitude: Up to 10,000 feet
## Features
️· Built-in Linearizer
️· Mis-Match Protected
️· Single Power Supply
️· Over/Reverse Voltage Protection
️· Thermal Protection with Auto Reset
## Options
️· Forward/Reverse Power Detection
️· RF Sample Port
️· TTL On/Off Control
️· High Speed Switching for TDD
️· Integral Heatsink
## Configurations
️· Module
️· 19” Rack
## Pin Descriptions
️· RF INPUT: Input Connector (SMA Female)
️· RF OUTPUT: Output Connector (SMA Female)
️· RF SAMPLE: RF Sample Port (SMA Female)
️· GND: Ground Turret
️· FWD: Forward Power Detector
️· REV: Reverse Power Detector
️· +12VDC: DC Input Voltage (+12 Volts @ 4 Amperes)
️· ON/OFF: TTL Logic On/Off (0 Volts = Off, +5 Volts = On)
️· CNTL: TTL Pulse Control (Rates up to 100 kHz)
| Part No. | SM3436-40L |
| Manufacturer | STEALTH_MICROWAVE |
| Size | 135 Kbytes |
| Pages | 2 pages |
| Description | 3400-3600 MHz 10 Watt Ultra Linear Power Amplifier |