Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM3436-47 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about SM3436-47 Datasheet

  • # Example questions: ➢ Which pin provides a signal indicating an over-temperature condition, and what voltage level signifies an alarm state?
    ➢ How does the operating temperature range affect the gain change of this amplifier?
    ➢ What is the typical input power level expected at the rf in connector?

  • Part No.SM3436-47
    ManufacturerSTEALTH_MICROWAVE
    Size214 Kbytes
    Pages2 pages
    Description3400-3600 MHz 50 Watt Linear Power Amplifier
    Datasheet Summary with AI

    # Model SM3436-47

    3400-3600 MHz 50 Watt Linear Power Amplifier
    FOR FIXED WIRELESS APPLICATIONS

    ## Specifications

    ️· Frequency Range: 3.4 – 3.6 GHz
    ️· Output Power (P1dB): +47 dBm (typical)
    ️· Third Order Intercept Point: +58 dBm (typical)
    ️· Linear Gain: 56 dB ± 1 dB
    ️· Gain Flatness: ± 0.5 dB
    ️· Gain Change (Temperature): ± 0.5 dB
    ️· Input/Output Return Loss: -14 dB / -18 dB (Output isolator available)
    ️· Power Supply: +12 Volts @ 15 Amperes
    ️· Operating Temperature: 0ºC to +55ºC
    ️· Operating Humidity: 95% Non-condensing
    ️· Operating Altitude: Up to 10,000 feet above Sea Level
    ️· Dimensions (w/o Heatsink): 7.5 x 4.0 x 0.79 inches
    ️· Dimensions (w/ Heatsink): 7.5 x 5.0 x 3.3 inches
    ️· RF Connectors: SMA Female

    ## Features

    ️· Mis-Match Protected
    ️· Single Power Supply
    ️· Over Voltage Protection
    ️· Thermal Protection with Auto Reset
    ️· Temperature Compensation
    ️· Integral Output Isolator

    ## Options

    ️· Forward/Reverse Power Detection
    ️· RF Sampling
    ️· Pulse Control (up to 10 µs for TDD) with RF Isolation
    ️· Logic On/Off Control
    ️· Integral Heatsink

    ## Configurations

    ️· Module
    ️· 19” Rack

    ## Pin Descriptions

    ️· RF IN: Input Connector (SMA Female) -6 dBm (typical)
    ️· RF OUT: Output Connector (SMA Female) +47 dBm @ P1dB
    ️· RF SAMPLE: Sample RF Port (SMA Female) 30 dBr
    ️· GND: Ground
    ️· REV: Reverse Power Detector: ∞ VSWR @ +41 dBm ≈ +3.0 Volts
    ️· FWD: Forward Power Detector: +41 dBm Output Power ≈ +2.5 Volts
    ️· +12V: DC Input Voltage: +12 Volts @ 15 Amperes (typical)
    ️· I/O: Logic On/Off: 0 Volts = Off, +5 Volts = On
    ️· CNTL: Pulse Control: Switching Speed up to 100 kHz
    ️· THML ALRM: Thermal Alarm: 0 Volts = No alarm, +5 Volts = Alarm

    # Model SM3436-47

    3400-3600 MHz 50 Watt Linear Power Amplifier
    FOR FIXED WIRELESS APPLICATIONS

    ## Specifications

    ️· Frequency Range: 3.4 – 3.6 GHz
    ️· Output Power (P1dB): +47 dBm (typical)
    ️· Third Order Intercept Point: +58 dBm (typical)
    ️· Linear Gain: 56 dB ± 1 dB
    ️· Gain Flatness: ± 0.5 dB
    ️· Gain Change (Temperature): ± 0.5 dB
    ️· Input/Output Return Loss: -14 dB / -18 dB (Output isolator available)
    ️· Power Supply: +12 Volts @ 15 Amperes
    ️· Operating Temperature: 0ºC to +55ºC
    ️· Operating Humidity: 95% Non-condensing
    ️· Operating Altitude: Up to 10,000 feet above Sea Level
    ️· Dimensions (w/o Heatsink): 7.5 x 4.0 x 0.79 inches
    ️· Dimensions (w/ Heatsink): 7.5 x 5.0 x 3.3 inches
    ️· RF Connectors: SMA Female

    ## Features

    ️· Mis-Match Protected
    ️· Single Power Supply
    ️· Over Voltage Protection
    ️· Thermal Protection with Auto Reset
    ️· Temperature Compensation
    ️· Integral Output Isolator

    ## Options

    ️· Forward/Reverse Power Detection
    ️· RF Sampling
    ️· Pulse Control (up to 10 µs for TDD) with RF Isolation
    ️· Logic On/Off Control
    ️· Integral Heatsink

    ## Configurations

    ️· Module
    ️· 19” Rack

    ## Pin Descriptions

    ️· RF IN: Input Connector (SMA Female) -6 dBm (typical)
    ️· RF OUT: Output Connector (SMA Female) +47 dBm @ P1dB
    ️· RF SAMPLE: Sample RF Port (SMA Female) 30 dBr
    ️· GND: Ground
    ️· REV: Reverse Power Detector: ∞ VSWR @ +41 dBm ≈ +3.0 Volts
    ️· FWD: Forward Power Detector: +41 dBm Output Power ≈ +2.5 Volts
    ️· +12V: DC Input Voltage: +12 Volts @ 15 Amperes (typical)
    ️· I/O: Logic On/Off: 0 Volts = Off, +5 Volts = On
    ️· CNTL: Pulse Control: Switching Speed up to 100 kHz
    ️· THML ALRM: Thermal Alarm: 0 Volts = No alarm, +5 Volts = Alarm

    Part No.SM3436-47
    ManufacturerSTEALTH_MICROWAVE
    Size214 Kbytes
    Pages2 pages
    Description3400-3600 MHz 50 Watt Linear Power Amplifier