Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

EC400 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about EC400 Datasheet

  • # Example questions: ➢ What units of measure are offered for conductivity and tds readings?
    ➢ How many labeled readings can be stored in the meter's memory?
    ➢ What is the temperature range within which the meter can accurately operate?

  • Part No.EC400
    ManufacturerEXTECH
    Size183 Kbytes
    Pages1 page
    DescriptionExStik II Conductivity Kit
    Datasheet Summary with AI

    # ExStik® II Conductivity Kit

    ## Overview
    A waterproof meter that measures Conductivity, TDS, Salinity, and Temperature. Includes calibration standards, sample cups, and a carrying case.

    ## Features
    · Measurement Ranges: Conductivity, TDS, Salinity, and Temperature.
    · Units of Measure: μS/cm, mS/cm, ppm, ppt, mg/L, g/L, °F, °C.
    · Display: 3-1/2 digit (2000 count) digital display with analog bargraph.
    · Memory: Stores up to 15 labeled readings.
    · Calibration: Self-calibration on power up, auto standard recognition (84μS/cm, 1413μS/cm, 12880μS/cm).
    · Protection: Waterproof (IP57).
    · Compensation: Automatic Temperature Compensation (2% per °C).
    · Power: Four 3V CR-2032 batteries.
    · Included Accessories: Sensor, protective cap, calibration standards, weighted base, 3 sample plastic cups, neckstrap, carrying case.



    ## Specifications

    Conductivity
    · Range: 0 to 199.9μS/cm, 200 to 1999μS/cm, 2.00 to 19.99mS/cm
    · Resolution: 0.1μS/cm, 1μS/cm, 0.01mS/cm
    · Accuracy: ±2% FS

    TDS
    · Range: 0 to 99.9ppm (mg/L), 100 to 999ppm (mg/L), 1.00 to 9.99ppt (g/L)
    · Resolution: 0.1ppm (mg/L), 1ppm (mg/L), 0.01ppt (g/L)
    · Accuracy: ±2% FS

    Salinity
    · Range: 0 to 99.9ppm (mg/L), 100 to 999ppm (mg/L), 1.00 to 9.99ppt (g/L)
    · Resolution: 0.1ppm (mg/L), 1ppm (mg/L), 0.01ppt (g/L)
    · Accuracy: ±2% FS

    Temperature
    · Range: 32° to 149°F (0° to 65°C)
    · Resolution: 0.1°
    · Accuracy: ±1.8°F/1°C

    ## Dimensions & Weight
    · Meter: 1.4 x 6.8 x 1.6" (36 x 173 x 41mm), 3.8 oz (110g)
    · Kit: 9.5 x 6.8 x 2.8" (241 x 173 x 71mm), 1.56 lbs (708g)

    ## Ordering Information
    · EC410: ExStik® Conductivity/TDS/Salinity Kit
    · EC400: ExStik® Conductivity/TDS/Salinity Meter
    · EC405: Spare Conductivity Cell
    · EC-84-P: 84μS Conductivity Standard
    · EC-1413-P: 1413μS Conductivity Standard
    · EC-12880-P: 12880μS Conductivity Standard
    · EX007: Spare sample solution cups
    · EX010: Extension Cable, 3ft (1 Meter)
    · EX050: Extension Cable, 16ft (5 Meters)

    *Note: ExStik® Conductivity cell is not interchangeable with other ExStik ® meters.

    # ExStik® II Conductivity Kit

    ## Overview
    A waterproof meter that measures Conductivity, TDS, Salinity, and Temperature. Includes calibration standards, sample cups, and a carrying case.

    ## Features
    · Measurement Ranges: Conductivity, TDS, Salinity, and Temperature.
    · Units of Measure: μS/cm, mS/cm, ppm, ppt, mg/L, g/L, °F, °C.
    · Display: 3-1/2 digit (2000 count) digital display with analog bargraph.
    · Memory: Stores up to 15 labeled readings.
    · Calibration: Self-calibration on power up, auto standard recognition (84μS/cm, 1413μS/cm, 12880μS/cm).
    · Protection: Waterproof (IP57).
    · Compensation: Automatic Temperature Compensation (2% per °C).
    · Power: Four 3V CR-2032 batteries.
    · Included Accessories: Sensor, protective cap, calibration standards, weighted base, 3 sample plastic cups, neckstrap, carrying case.



    ## Specifications

    Conductivity
    · Range: 0 to 199.9μS/cm, 200 to 1999μS/cm, 2.00 to 19.99mS/cm
    · Resolution: 0.1μS/cm, 1μS/cm, 0.01mS/cm
    · Accuracy: ±2% FS

    TDS
    · Range: 0 to 99.9ppm (mg/L), 100 to 999ppm (mg/L), 1.00 to 9.99ppt (g/L)
    · Resolution: 0.1ppm (mg/L), 1ppm (mg/L), 0.01ppt (g/L)
    · Accuracy: ±2% FS

    Salinity
    · Range: 0 to 99.9ppm (mg/L), 100 to 999ppm (mg/L), 1.00 to 9.99ppt (g/L)
    · Resolution: 0.1ppm (mg/L), 1ppm (mg/L), 0.01ppt (g/L)
    · Accuracy: ±2% FS

    Temperature
    · Range: 32° to 149°F (0° to 65°C)
    · Resolution: 0.1°
    · Accuracy: ±1.8°F/1°C

    ## Dimensions & Weight
    · Meter: 1.4 x 6.8 x 1.6" (36 x 173 x 41mm), 3.8 oz (110g)
    · Kit: 9.5 x 6.8 x 2.8" (241 x 173 x 71mm), 1.56 lbs (708g)

    ## Ordering Information
    · EC410: ExStik® Conductivity/TDS/Salinity Kit
    · EC400: ExStik® Conductivity/TDS/Salinity Meter
    · EC405: Spare Conductivity Cell
    · EC-84-P: 84μS Conductivity Standard
    · EC-1413-P: 1413μS Conductivity Standard
    · EC-12880-P: 12880μS Conductivity Standard
    · EX007: Spare sample solution cups
    · EX010: Extension Cable, 3ft (1 Meter)
    · EX050: Extension Cable, 16ft (5 Meters)

    *Note: ExStik® Conductivity cell is not interchangeable with other ExStik ® meters.

    Part No.EC400
    ManufacturerEXTECH
    Size183 Kbytes
    Pages1 page
    DescriptionExStik II Conductivity Kit