| Zakładka z wyszukiwarką danych komponentów |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about BD202 Datasheet
# Example questions:
➢ What package type is the bd201 transistor housed in, and what are the dimensions of dimension 'h' in that package?
➢ What is the typical base-emitter voltage (vbe) for the bd201 transistor when a collector current of 3a is flowing?
➢ What is the maximum forward bias second breakdown collector current (is/b) for the bd201?
1. Device Overview
️· Type: NPN Power Transistors
️· Models: BD201, BD203
️· Complementary Pair: (Implied) BD201 is a complement to a PNP transistor (likely the BD202).
️· Package: TO-220
2. Electrical Characteristics (BD201 & BD203 - Key Values)
General:
️· VCEO (Collector-Emitter Voltage): Not explicitly stated, but implied to be around 40V (based on Is/b breakdown voltage)
️· IC (Collector Current): Maximum value not explicitly stated, but likely in the Amp range based on saturation current and breakdown current figures.
️· Power Dissipation: Not explicitly stated.
Specific Parameters:
| Parameter | BD201 (Typical) | BD203 (Typical) | Unit | Notes/Conditions |
|---|---|---|---|---|
| ICBO (Collector Cutoff Current) | 0.2 | 1 | mA | Tj = 150°C, VCB = 40V |
| IEBO (Emitter Cutoff Current) | 0.5 | - | mA | VBE = 5.0 V, IC = 0 |
| VBE (Base-Emitter Voltage) | 1.5 | - | V | IC = 3A, VCE = 2.0V |
| VCE(sat) (Collector-Emitter Saturation Voltage) | 1 | 1.5 | V | IC = 6A, IB = 0.6A |
| VBE(sat) (Base-Emitter Saturation Voltage) | - | 2 | V | IC = 6A, IB = 0.6A |
| f(hfe) (Cutoff Frequency) | 25 | - | kHz | VCE = 3.0 V |
| f(T) (Transition Frequency) | - | 7 | MHz | IC = 0.3 A, VCE = 3.0 V, f = 1 MHz |
| Is/b (Breakdown Current) | 1.5 | - | A | VCE = 40 V, tp = 0.1 s, Tamb = 25 °C |
| hFE1/hFE2 (Current Gain Ratio) | 2.5 | - | - | IC = 1 A, VCE = 2.0 V (matched complementary pairs) |
| t(on) (Turn-on Time) | 1 | - | µs | I(C) = 2A, I(B) = -I(B(off)) = 0.2A |
| t(off) (Turn-off Time) | - | 4 | µs | I(C) = 2A, I(B) = -I(B(off)) = 0.2A |
1. Device Overview
️· Type: NPN Power Transistors
️· Models: BD201, BD203
️· Complementary Pair: (Implied) BD201 is a complement to a PNP transistor (likely the BD202).
️· Package: TO-220
2. Electrical Characteristics (BD201 & BD203 - Key Values)
General:
️· VCEO (Collector-Emitter Voltage): Not explicitly stated, but implied to be around 40V (based on Is/b breakdown voltage)
️· IC (Collector Current): Maximum value not explicitly stated, but likely in the Amp range based on saturation current and breakdown current figures.
️· Power Dissipation: Not explicitly stated.
Specific Parameters:
| Parameter | BD201 (Typical) | BD203 (Typical) | Unit | Notes/Conditions |
|---|---|---|---|---|
| ICBO (Collector Cutoff Current) | 0.2 | 1 | mA | Tj = 150°C, VCB = 40V |
| IEBO (Emitter Cutoff Current) | 0.5 | - | mA | VBE = 5.0 V, IC = 0 |
| VBE (Base-Emitter Voltage) | 1.5 | - | V | IC = 3A, VCE = 2.0V |
| VCE(sat) (Collector-Emitter Saturation Voltage) | 1 | 1.5 | V | IC = 6A, IB = 0.6A |
| VBE(sat) (Base-Emitter Saturation Voltage) | - | 2 | V | IC = 6A, IB = 0.6A |
| f(hfe) (Cutoff Frequency) | 25 | - | kHz | VCE = 3.0 V |
| f(T) (Transition Frequency) | - | 7 | MHz | IC = 0.3 A, VCE = 3.0 V, f = 1 MHz |
| Is/b (Breakdown Current) | 1.5 | - | A | VCE = 40 V, tp = 0.1 s, Tamb = 25 °C |
| hFE1/hFE2 (Current Gain Ratio) | 2.5 | - | - | IC = 1 A, VCE = 2.0 V (matched complementary pairs) |
| t(on) (Turn-on Time) | 1 | - | µs | I(C) = 2A, I(B) = -I(B(off)) = 0.2A |
| t(off) (Turn-off Time) | - | 4 | µs | I(C) = 2A, I(B) = -I(B(off)) = 0.2A |
| Part No. | BD202 |
| Manufacturer | COMSET |
| Size | 193 Kbytes |
| Pages | 3 pages |
| Description | SILCON EPITAXIAL-BASE POWER TRANSISTORS |