Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DB3 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about DB3 Datasheet

  • # Example questions: ➢ What is the typical break-over voltage for the db3 type number when using a 22nf capacitance?
    ➢ What is the maximum allowable junction temperature for this diode?
    ➢ What is the acceptable range for the reel outside diameter?

  • Part No.DB3
    ManufacturerTSC
    Size85 Kbytes
    Pages2 pages
    Description150mW Bi-directional Trigger Diode
    Datasheet Summary with AI

    # DB3-DB3TG 150mW Bi-directional Trigger Diode

    ## Features
    · Designed for through-hole mounting.
    · Hermetically sealed glass construction.
    · Corrosion-resistant external surfaces with solderable terminals.
    · High reliability glass passivation for parameter stability.
    · Pb-free and RoHS compliant.

    ## Mechanical Data
    · Case: DO-35
    · Dimensions: See datasheet for detailed measurements (A, B, C, D)
    · Weight: Approximately 0.1255 grams.
    · Marking: DB3/DB3TG
    · Terminal: Pure tin plated, solderable per MIL-STD-202.

    ## Maximum Ratings
    · Power Dissipation: 150 mW
    · Repetitive Peak Forward Current: 2A (pulse width 20μsec)
    · Thermal Resistance (Junction to Ambient): 400 °C/W
    · Junction and Storage Temperature Range: -40 to +125 °C

    ## Electrical Characteristics
    · Break-over Voltage (VBO): 28-36V (depending on model, C=22nF)
    · Break-over Current (IBO): Max 100μA - 15μA (depending on model, C=22nF)
    · Dynamic Breakover Voltage (ΔV): Min 5-9V
    · Leakage Current (IB): Max 10μA
    · Output Voltage (VO): Min 5V

    ## Ordering Information
    · Package: DO-35
    · Part Number: DB3 RI, DB3TG RI
    · Packing: 5K / 10" Reel
    · Marking: DB3, DB3TG

    ## Tape & Reel Specification
    · Overall width: 64+1.69/-0.69 mm
    · Tape spacing: 52.0+/-0.69 mm
    · Component Pitch: 5.08+/-0.40 mm
    · Untaped lead: L1-L2 +/-0.69 mm
    · Reel Outside Diameter: 260+/-3 mm
    · Reel Inner Diameter: 48+/-1 mm

    ## Diagrams & Curves
    · Admissible Power Dissipation Curve (Fig 1)
    · Relative variation of VBO vs Junction temperature (Fig 2)
    · Repetitive peak pulse current vs pulse duration (Fig 3)
    · Test Circuit (Diagram 1)

    # DB3-DB3TG 150mW Bi-directional Trigger Diode

    ## Features
    · Designed for through-hole mounting.
    · Hermetically sealed glass construction.
    · Corrosion-resistant external surfaces with solderable terminals.
    · High reliability glass passivation for parameter stability.
    · Pb-free and RoHS compliant.

    ## Mechanical Data
    · Case: DO-35
    · Dimensions: See datasheet for detailed measurements (A, B, C, D)
    · Weight: Approximately 0.1255 grams.
    · Marking: DB3/DB3TG
    · Terminal: Pure tin plated, solderable per MIL-STD-202.

    ## Maximum Ratings
    · Power Dissipation: 150 mW
    · Repetitive Peak Forward Current: 2A (pulse width 20μsec)
    · Thermal Resistance (Junction to Ambient): 400 °C/W
    · Junction and Storage Temperature Range: -40 to +125 °C

    ## Electrical Characteristics
    · Break-over Voltage (VBO): 28-36V (depending on model, C=22nF)
    · Break-over Current (IBO): Max 100μA - 15μA (depending on model, C=22nF)
    · Dynamic Breakover Voltage (ΔV): Min 5-9V
    · Leakage Current (IB): Max 10μA
    · Output Voltage (VO): Min 5V

    ## Ordering Information
    · Package: DO-35
    · Part Number: DB3 RI, DB3TG RI
    · Packing: 5K / 10" Reel
    · Marking: DB3, DB3TG

    ## Tape & Reel Specification
    · Overall width: 64+1.69/-0.69 mm
    · Tape spacing: 52.0+/-0.69 mm
    · Component Pitch: 5.08+/-0.40 mm
    · Untaped lead: L1-L2 +/-0.69 mm
    · Reel Outside Diameter: 260+/-3 mm
    · Reel Inner Diameter: 48+/-1 mm

    ## Diagrams & Curves
    · Admissible Power Dissipation Curve (Fig 1)
    · Relative variation of VBO vs Junction temperature (Fig 2)
    · Repetitive peak pulse current vs pulse duration (Fig 3)
    · Test Circuit (Diagram 1)

    Part No.DB3
    ManufacturerTSC
    Size85 Kbytes
    Pages2 pages
    Description150mW Bi-directional Trigger Diode