| Zakładka z wyszukiwarką danych komponentów |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about 50MS-232 Datasheet
# Example questions:
➢ What is the maximum rf input power this matrix switch can handle?
➢ How does the vswr change as the frequency increases from dc to 4000 mhz?
➢ Which baud rates are supported when using rs-232 mode for communication?
# JFW Model 50MS-232 Matrix Switch
## General Specifications
️· Frequency Range: DC - 4000 MHz
️· Configuration: 12 x 4 Blocking Matrix (50 Ohm termination on unused ports)
️· Impedance: 50 Ohms nominal
️· VSWR: 1.5:1 (DC-2000 MHz), 1.7:1 (2000-4000 MHz)
️· Insertion Loss: 2.5 dB maximum, 2.1 dB typical @ 4000 MHz
️· Isolation: 70 dB minimum (Input to Input, Input to Output, Output to Output)
️· RF Input Power: +30 dBm average (Hot Switched)
️· Switching Speed: 20 milliseconds (after command processing; 3 ms typical processing time)
️· AC Supply: 100-240 VAC, 47-63 Hz
️· Operating Temperature: 0ºC to +50ºC
️· RF Connector: SMA female
️· Physical Size: See outline drawing 092-5631
## Control & Communication
️· Remote Control: Ethernet (10/100) and RS-232
️· Manual Control: Keypad and LCD display
️· Remote Commands:
- Set Path (SPx y)
- Read Input (RIx)
- Read Output (ROx)
- Identification (IDN)
- Change Baud Rate (CBx)
️· RS-232 Baud Rates: 9600, 19200, or 38400
# JFW Model 50MS-232 Matrix Switch
## General Specifications
️· Frequency Range: DC - 4000 MHz
️· Configuration: 12 x 4 Blocking Matrix (50 Ohm termination on unused ports)
️· Impedance: 50 Ohms nominal
️· VSWR: 1.5:1 (DC-2000 MHz), 1.7:1 (2000-4000 MHz)
️· Insertion Loss: 2.5 dB maximum, 2.1 dB typical @ 4000 MHz
️· Isolation: 70 dB minimum (Input to Input, Input to Output, Output to Output)
️· RF Input Power: +30 dBm average (Hot Switched)
️· Switching Speed: 20 milliseconds (after command processing; 3 ms typical processing time)
️· AC Supply: 100-240 VAC, 47-63 Hz
️· Operating Temperature: 0ºC to +50ºC
️· RF Connector: SMA female
️· Physical Size: See outline drawing 092-5631
## Control & Communication
️· Remote Control: Ethernet (10/100) and RS-232
️· Manual Control: Keypad and LCD display
️· Remote Commands:
- Set Path (SPx y)
- Read Input (RIx)
- Read Output (ROx)
- Identification (IDN)
- Change Baud Rate (CBx)
️· RS-232 Baud Rates: 9600, 19200, or 38400
| Part No. | 50MS-232 |
| Manufacturer | JFW |
| Size | 27 Kbytes |
| Pages | 1 page |
| Description | MATRIX SWITCH |