| Zakładka z wyszukiwarką danych komponentów |
|
The question interval is too short.
Please try again in a few seconds.
# KBPC1000GS – KBPC1010GS Bridge Rectifier
## Features
· Glass Passivated Die Construction
· Low Forward Voltage Drop
· High Current Capability
· High Reliability
· High Surge Current Capability
· Suitable for Printed Circuit Boards
· Designed for Saving Mounting Space
## Mechanical Data
· Case: Epoxy with internal heatsink
· Terminals: Plated Leads (Solderable per MIL-STD-202 Method 208)
· Polarity: As marked on body
· Weight: 30 grams (approx.)
· Mounting Position: Any
· Marking: Type Number
· Dimensions (mm):
- A: 28.40 – 28.70
- B: 10.97 – 11.23
- C: 13.90
- D: 19.10
- E: 5.10
- G: 1.20 Ø (Typical)
- H: 3.05 – 3.60
## Maximum Ratings & Electrical Characteristics (@TA = 25°C)
· Peak Repetitive Reverse Voltage (VRRM): 50V – 1000V (depending on model - KBPC1000GS to KBPC1010GS)
· RMS Reverse Voltage (VR(RMS)): 35V – 700V (depending on model)
· DC Blocking Voltage (VR): 50V - 1000V (depending on model)
· Average Rectified Output Current (@TA = 50°C): 10A (all models)
· Non-Repetitive Peak Forward Surge Current (IFSM): 200A
· Forward Voltage (per element) @IF = 5.0A: 1.1V
· Peak Reverse Current (IR) @TC=25°C: 5.0µA
· @TC=125°C: 500µA
· Rating for Fusing (t < 8.3ms): 374 A²s
· Typical Thermal Resistance (RθJC): 2.0 K/W
· RMS Isolation Voltage: 2500V
· Operating & Storage Temperature Range: -65 to +150°C
## Ordering Information
· Package Type: SIL Bridge
· Shipping Quantity: 72 Units/Box (all models)
## Notes
· Derate current by 20% for capacitive loads.
· Thermal resistance measured on 220x220x50mm Aluminum plate.
· Non-repetitive surge current for t > 1ms and < 8.3ms.
# KBPC1000GS – KBPC1010GS Bridge Rectifier
## Features
· Glass Passivated Die Construction
· Low Forward Voltage Drop
· High Current Capability
· High Reliability
· High Surge Current Capability
· Suitable for Printed Circuit Boards
· Designed for Saving Mounting Space
## Mechanical Data
· Case: Epoxy with internal heatsink
· Terminals: Plated Leads (Solderable per MIL-STD-202 Method 208)
· Polarity: As marked on body
· Weight: 30 grams (approx.)
· Mounting Position: Any
· Marking: Type Number
· Dimensions (mm):
- A: 28.40 – 28.70
- B: 10.97 – 11.23
- C: 13.90
- D: 19.10
- E: 5.10
- G: 1.20 Ø (Typical)
- H: 3.05 – 3.60
## Maximum Ratings & Electrical Characteristics (@TA = 25°C)
· Peak Repetitive Reverse Voltage (VRRM): 50V – 1000V (depending on model - KBPC1000GS to KBPC1010GS)
· RMS Reverse Voltage (VR(RMS)): 35V – 700V (depending on model)
· DC Blocking Voltage (VR): 50V - 1000V (depending on model)
· Average Rectified Output Current (@TA = 50°C): 10A (all models)
· Non-Repetitive Peak Forward Surge Current (IFSM): 200A
· Forward Voltage (per element) @IF = 5.0A: 1.1V
· Peak Reverse Current (IR) @TC=25°C: 5.0µA
· @TC=125°C: 500µA
· Rating for Fusing (t < 8.3ms): 374 A²s
· Typical Thermal Resistance (RθJC): 2.0 K/W
· RMS Isolation Voltage: 2500V
· Operating & Storage Temperature Range: -65 to +150°C
## Ordering Information
· Package Type: SIL Bridge
· Shipping Quantity: 72 Units/Box (all models)
## Notes
· Derate current by 20% for capacitive loads.
· Thermal resistance measured on 220x220x50mm Aluminum plate.
· Non-repetitive surge current for t > 1ms and < 8.3ms.
| Part No. | KBPC1000GS |
| Manufacturer | WTE |
| Size | 44 Kbytes |
| Pages | 3 pages |
| Description | 10A GLASS PASSIVATED IN-LINE BRIDGE RECTIFIER |