| Zakładka z wyszukiwarką danych komponentów |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about 1N5620GP Datasheet
# Example questions:
➢ What is the typical junction capacitance (cj) of the 1n5620gp, and under what conditions was it measured?
➢ What is the typical thermal resistance from junction to ambient (rth(ja)) for the 1n5620gp, and what mounting configuration is assumed when determining this value?
➢ What is the maximum average forward rectified current (ifav) of the 1n5620gp diode, given the specified lead length and temperature?
1. Device Identification
️· Part Number: 1N5620GP
️· Type: SINTERED GLASS JUNCTION PLASTIC RECTIFIER
️· Voltage: 800V
️· Current: 1.0A
️· Package: DO-15 / DO-204AC
2. Key Features
️· Sintered Glass Junction: This is a key technology for improved reliability.
️· High-Temperature Construction: Metallurgically bonded for better performance at higher temperatures.
️· Environmental Compliance: Meets MIL-S-19500 standards.
️· High-Temperature Soldering: Guarantees solderability at elevated temperatures.
3. Mechanical Data & Construction
️· Leads: Plated axial leads, solderable per MIL-STD 202E, method 208C.
️· Case Material: UL-94 Class V-0 recognized Flame Retardant Epoxy.
️· Polarity: Indicated by a color band.
️· Mounting: Any orientation.
4. Absolute Maximum Ratings
| Parameter | Value | Unit |
|---|---|---|
| VRRM (Peak Reverse Voltage) | 800 | V |
| VRMS (RMS Reverse Voltage) | 560 | V |
| VDC (DC Blocking Voltage) | 800 | V |
| VBR (Reverse Breakdown Voltage) | 880 | V |
| IFAV (Average Forward Current) | 1.0 | A |
| IFSM (Peak Surge Current) | 50 | A |
| VF (Forward Voltage @ 3.0A) | 1.3 | V |
| IR (Reverse Current) | 1.0 / 25.0 | µA |
| Trr (Reverse Recovery Time) | 2.0 | µS |
| Cj (Junction Capacitance) | 50.0 | pF |
| Rth(ja) (Thermal Resistance) | 35.0 | ℃/W |
| Tj (Junction Temperature) | -65 to +175 | ℃ |
1. Device Identification
️· Part Number: 1N5620GP
️· Type: SINTERED GLASS JUNCTION PLASTIC RECTIFIER
️· Voltage: 800V
️· Current: 1.0A
️· Package: DO-15 / DO-204AC
2. Key Features
️· Sintered Glass Junction: This is a key technology for improved reliability.
️· High-Temperature Construction: Metallurgically bonded for better performance at higher temperatures.
️· Environmental Compliance: Meets MIL-S-19500 standards.
️· High-Temperature Soldering: Guarantees solderability at elevated temperatures.
3. Mechanical Data & Construction
️· Leads: Plated axial leads, solderable per MIL-STD 202E, method 208C.
️· Case Material: UL-94 Class V-0 recognized Flame Retardant Epoxy.
️· Polarity: Indicated by a color band.
️· Mounting: Any orientation.
4. Absolute Maximum Ratings
| Parameter | Value | Unit |
|---|---|---|
| VRRM (Peak Reverse Voltage) | 800 | V |
| VRMS (RMS Reverse Voltage) | 560 | V |
| VDC (DC Blocking Voltage) | 800 | V |
| VBR (Reverse Breakdown Voltage) | 880 | V |
| IFAV (Average Forward Current) | 1.0 | A |
| IFSM (Peak Surge Current) | 50 | A |
| VF (Forward Voltage @ 3.0A) | 1.3 | V |
| IR (Reverse Current) | 1.0 / 25.0 | µA |
| Trr (Reverse Recovery Time) | 2.0 | µS |
| Cj (Junction Capacitance) | 50.0 | pF |
| Rth(ja) (Thermal Resistance) | 35.0 | ℃/W |
| Tj (Junction Temperature) | -65 to +175 | ℃ |
| Part No. | 1N5620GP |
| Manufacturer | GULFSEMI |
| Size | 184 Kbytes |
| Pages | 2 pages |
| Description | SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE竊?00V CURRENT: 1.0A |