Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SR1D-E Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about SR1D-E Datasheet

  • # Example questions: ➢ What is the maximum average forward rectified current (if(av)) of the sr1d-e rectifier at a tl of 120°c?
    ➢ What is the typical junction capacitance (cj) of the sr1d-e rectifier, and at what frequency and voltage is it measured?
    ➢ What material is used for the case of the sr1d-e rectifier, and what is its ul flammability rating?

  • Part No.SR1D-E
    ManufacturerGULFSEMI
    Size161 Kbytes
    Pages2 pages
    DescriptionSINTERED GLASS JUNCTION SURFACE MOUNTED RECTIFIER VOLTAGE竊?00V CURRENT竊?1.0A
    Datasheet Summary with AI

    This is a datasheet for the SR1D-E, a sintered glass junction, surface-mounted rectifier. Here's a breakdown of the key information:

    1. General Information:

    ️· Part Number: SR1D-E
    ️· Type: Sintered Glass Junction, Surface Mounted Rectifier
    ️· Voltage: 200V
    ️· Current: 1.0A
    ️· Key Features:
    - Designed for automotive applications, meeting MIL-S-19500 standards
    - Fast switching for efficiency
    - High-temperature soldering capability
    - Halogen-Free
    - UL-94 class V-0 flame retardant epoxy case.

    2. Mechanical Details:

    ️· Terminals: Solder-plated, solderable per MIL-STD 202, Method 208C.
    ️· Case: Molded with UL-94 class V-0 recognized Halogen Free Epoxy over Glass.
    ️· Polarity: The cathode is indicated by a color band.
    ️· Mounting: Any orientation is acceptable.

    3. Electrical Characteristics (Ratings):

    ️· Maximum Recurrent Peak Reverse Voltage (Vrrm): 200V
    ️· Maximum RMS Voltage (Vrms): 140V
    ️· Maximum DC Blocking Voltage (Vdc): 200V
    ️· Maximum Average Forward Rectified Current (If(av)): 1.0A at 120°C
    ️· Peak Forward Surge Current (Ifsm): 30.0A (at 8.3ms)
    ️· Maximum Forward Voltage at 1.0A (Vf): 1.3V
    ️· Maximum Reverse Current (Ir): 50.0μA at 55°C, 100.0 μA at 125°C
    ️· Reverse Recovery Time (Trr): 150ns
    ️· Junction Capacitance (Cj): 8.5pF
    ️· Thermal Resistance (Rth): 85.0°C/W (junction to ambient), 28.0°C/W (junction to lead)
    ️· Operating/Storage Temperature Range: -65°C to +175°C

    4. Notes:

    ️· The recovery time measurement was performed under specific conditions: If = 0.5A, Ir = 1.0A, Irr = 0.25A.
    ️· The junction capacitance was measured at 1.0 MHz with an applied reverse voltage of 4.0V.
    ️· Thermal resistance values are given for specific mounting conditions (on a copper pad).



    This datasheet provides detailed electrical and mechanical specifications for the SR1D-E rectifier, suitable for engineers and technicians working with this component.

    This is a datasheet for the SR1D-E, a sintered glass junction, surface-mounted rectifier. Here's a breakdown of the key information:

    1. General Information:

    ️· Part Number: SR1D-E
    ️· Type: Sintered Glass Junction, Surface Mounted Rectifier
    ️· Voltage: 200V
    ️· Current: 1.0A
    ️· Key Features:
    - Designed for automotive applications, meeting MIL-S-19500 standards
    - Fast switching for efficiency
    - High-temperature soldering capability
    - Halogen-Free
    - UL-94 class V-0 flame retardant epoxy case.

    2. Mechanical Details:

    ️· Terminals: Solder-plated, solderable per MIL-STD 202, Method 208C.
    ️· Case: Molded with UL-94 class V-0 recognized Halogen Free Epoxy over Glass.
    ️· Polarity: The cathode is indicated by a color band.
    ️· Mounting: Any orientation is acceptable.

    3. Electrical Characteristics (Ratings):

    ️· Maximum Recurrent Peak Reverse Voltage (Vrrm): 200V
    ️· Maximum RMS Voltage (Vrms): 140V
    ️· Maximum DC Blocking Voltage (Vdc): 200V
    ️· Maximum Average Forward Rectified Current (If(av)): 1.0A at 120°C
    ️· Peak Forward Surge Current (Ifsm): 30.0A (at 8.3ms)
    ️· Maximum Forward Voltage at 1.0A (Vf): 1.3V
    ️· Maximum Reverse Current (Ir): 50.0μA at 55°C, 100.0 μA at 125°C
    ️· Reverse Recovery Time (Trr): 150ns
    ️· Junction Capacitance (Cj): 8.5pF
    ️· Thermal Resistance (Rth): 85.0°C/W (junction to ambient), 28.0°C/W (junction to lead)
    ️· Operating/Storage Temperature Range: -65°C to +175°C

    4. Notes:

    ️· The recovery time measurement was performed under specific conditions: If = 0.5A, Ir = 1.0A, Irr = 0.25A.
    ️· The junction capacitance was measured at 1.0 MHz with an applied reverse voltage of 4.0V.
    ️· Thermal resistance values are given for specific mounting conditions (on a copper pad).



    This datasheet provides detailed electrical and mechanical specifications for the SR1D-E rectifier, suitable for engineers and technicians working with this component.

    Part No.SR1D-E
    ManufacturerGULFSEMI
    Size161 Kbytes
    Pages2 pages
    DescriptionSINTERED GLASS JUNCTION SURFACE MOUNTED RECTIFIER VOLTAGE竊?00V CURRENT竊?1.0A