Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SS1A Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about SS1A Datasheet

  • # Example questions: ➢ How does the maximum dc reverse current change when the temperature increases from 25℃ to 125℃?
    ➢ What is the maximum average forward rectified current that this rectifier can handle?
    ➢ What is the operating temperature range for this surface mounted rectifier?

  • Part No.SS1A
    ManufacturerGULFSEMI
    Size147 Kbytes
    Pages2 pages
    DescriptionSINTERED GLASS JUNCTION SURFACE MOUNTED RECTIFIER VOLTAGE竊?0 TO 1000V CURRENT竊?1.0A
    Datasheet Summary with AI

    # SS1A THRU SS1M - SINTERED GLASS JUNCTION RECTIFIER

    ## General Information

    ️· Voltage: 50 to 1000V
    ️· Current: 1.0A
    ️· GF1/ DO-214BA package
    ️· Designed for surface mounting
    ️· Meets MIL-S-19500 environmental standard

    ## Features

    ️· High-temperature metallurgically bonded junction
    ️· Sintered glass junction
    ️· High-temperature soldering guaranteed (450 ℃ / 10sec)
    ️· Submersible temperature rating (265 ℃ for 10sec)

    ## Mechanical Data

    ️· Plated terminals, solderable per MIL-STD 202, method 208C
    ️· UL-94 class V-0 flame retardant epoxy over glass case
    ️· Cathode indicated by color band

    ## Electrical Characteristics (Typical Values Vary by Model - SS1A to SS1M)

    ️· Maximum Recurrent Peak Reverse Voltage (Vrrm): 50V - 1000V
    ️· Maximum RMS Voltage (Vrms): 35V - 700V
    ️· Maximum DC Blocking Voltage (Vdc): 50V - 1000V
    ️· Maximum Average Forward Rectified Current (If(av)): 1.0A
    ️· Peak Forward Surge Current (Ifsm): 30.0A (8.3ms single half sine-wave)
    ️· Maximum Forward Voltage at 25℃ (Vf): 1.1V - 1.2V
    ️· Maximum DC Reverse Current at 25℃ & 125℃ (Ir): 5.0μA - 50.0μA
    ️· Typical Junction Capacitance (Cj): 15.0pF
    ️· Typical Thermal Resistance (R(ja)): 80.0 ℃/W
    ️· Operating and Storage Temperature Range: -65℃ to +175℃

    ## Notes

    ️· For capacitive loads, derate current by 20%.
    ️· Junction capacitance measured at 1.0 MHz with a 4.0Vdc reverse voltage.
    ️· Thermal resistance is measured with 6.0mm² copper pad to each terminal.

    # SS1A THRU SS1M - SINTERED GLASS JUNCTION RECTIFIER

    ## General Information

    ️· Voltage: 50 to 1000V
    ️· Current: 1.0A
    ️· GF1/ DO-214BA package
    ️· Designed for surface mounting
    ️· Meets MIL-S-19500 environmental standard

    ## Features

    ️· High-temperature metallurgically bonded junction
    ️· Sintered glass junction
    ️· High-temperature soldering guaranteed (450 ℃ / 10sec)
    ️· Submersible temperature rating (265 ℃ for 10sec)

    ## Mechanical Data

    ️· Plated terminals, solderable per MIL-STD 202, method 208C
    ️· UL-94 class V-0 flame retardant epoxy over glass case
    ️· Cathode indicated by color band

    ## Electrical Characteristics (Typical Values Vary by Model - SS1A to SS1M)

    ️· Maximum Recurrent Peak Reverse Voltage (Vrrm): 50V - 1000V
    ️· Maximum RMS Voltage (Vrms): 35V - 700V
    ️· Maximum DC Blocking Voltage (Vdc): 50V - 1000V
    ️· Maximum Average Forward Rectified Current (If(av)): 1.0A
    ️· Peak Forward Surge Current (Ifsm): 30.0A (8.3ms single half sine-wave)
    ️· Maximum Forward Voltage at 25℃ (Vf): 1.1V - 1.2V
    ️· Maximum DC Reverse Current at 25℃ & 125℃ (Ir): 5.0μA - 50.0μA
    ️· Typical Junction Capacitance (Cj): 15.0pF
    ️· Typical Thermal Resistance (R(ja)): 80.0 ℃/W
    ️· Operating and Storage Temperature Range: -65℃ to +175℃

    ## Notes

    ️· For capacitive loads, derate current by 20%.
    ️· Junction capacitance measured at 1.0 MHz with a 4.0Vdc reverse voltage.
    ️· Thermal resistance is measured with 6.0mm² copper pad to each terminal.

    Part No.SS1A
    ManufacturerGULFSEMI
    Size147 Kbytes
    Pages2 pages
    DescriptionSINTERED GLASS JUNCTION SURFACE MOUNTED RECTIFIER VOLTAGE竊?0 TO 1000V CURRENT竊?1.0A