Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SS1T Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about SS1T Datasheet

  • # Example questions: ➢ What is the operating temperature range for the ss1t rectifier?
    ➢ What is the maximum average forward rectified current (if(av)) that the ss1t rectifier can handle?
    ➢ What is the typical junction capacitance (cj) of the ss1t rectifier, and at what frequency and voltage is it measured?

  • Part No.SS1T
    ManufacturerGULFSEMI
    Size169 Kbytes
    Pages2 pages
    DescriptionSINTERED GLASS JUNCTION SURFACE MOUNTED RECTIFIER VOLTAGE竊?300V CURRENT竊?1.0A
    Datasheet Summary with AI

    This document describes the SS1T, a surface-mounted rectifier with the package type DO-214BA. Here's a breakdown of the key information:

    1. Key Features:

    ️· High Temperature Performance: Designed for high-temperature environments, including soldering capabilities (450°C/10 seconds) and submerseability (265°C for 10 seconds).
    ️· Sintered Glass Junction: Utilizes a sintered glass junction for reliability.
    ️· MIL-S-19500 Compliance: Meets environmental standards specified in MIL-S-19500.
    ️· Surface Mount: Specifically designed for surface-mounted applications.

    2. Electrical Characteristics (Key Ratings):

    ️· Peak Reverse Voltage (Vrrm): 1300V
    ️· RMS Voltage (Vrms): 910V
    ️· DC Blocking Voltage (Vdc): 1300V
    ️· Average Forward Current (If(av)): 1.0A
    ️· Peak Forward Surge Current (Ifsm): 25.0A
    ️· Forward Voltage (Vf): 1.3V
    ️· Reverse Current (Ir): Around 30 μA (at 75°C)

    3. Mechanical Data:


    ️· Terminal: Plated and solderable per MIL-STD 202, method 208C.
    ️· Case: Flame-retardant epoxy over glass, UL-94 class V-0 recognized.
    ️· Polarity: Indicated by a color band.

    4. Operating Conditions:

    ️· Junction Temperature Range: -65°C to +175°C.
    ️· Thermal Resistance: 80.0 °C/W.

    5. Important Notes:

    ️· Junction capacitance measurements are at 1.0 MHz and 4.0 V reverse voltage.
    ️· Thermal resistance is from the junction to ambient with a 6.0 mm² copper pad.
    ️· The document references [www.gulfsemi.com](www.gulfsemi.com) for additional information.



    In essence, this document provides a technical specification sheet for a robust, high-performance rectifier suitable for demanding surface mount applications requiring high temperature resistance.

    1. Key Features:

    ️· High Temperature Performance: Designed for high-temperature environments, including soldering capabilities (450°C/10 seconds) and submerseability (265°C for 10 seconds).
    ️· Sintered Glass Junction: Utilizes a sintered glass junction for reliability.
    ️· MIL-S-19500 Compliance: Meets environmental standards specified in MIL-S-19500.
    ️· Surface Mount: Specifically designed for surface-mounted applications.

    2. Electrical Characteristics (Key Ratings):

    ️· Peak Reverse Voltage (Vrrm): 1300V
    ️· RMS Voltage (Vrms): 910V
    ️· DC Blocking Voltage (Vdc): 1300V
    ️· Average Forward Current (If(av)): 1.0A
    ️· Peak Forward Surge Current (Ifsm): 25.0A
    ️· Forward Voltage (Vf): 1.3V
    ️· Reverse Current (Ir): Around 30 μA (at 75°C)

    3. Mechanical Data:

    ️· Terminal: Plated and solderable per MIL-STD 202, method 208C.
    ️· Case: Flame-retardant epoxy over glass, UL-94 class V-0 recognized.
    ️· Polarity: Indicated by a color band.

    4. Operating Conditions:

    ️· Junction Temperature Range: -65°C to +175°C.
    ️· Thermal Resistance: 80.0 °C/W.

    5. Important Notes:

    ️· Junction capacitance measurements are at 1.0 MHz and 4.0 V reverse voltage.
    ️· Thermal resistance is from the junction to ambient with a 6.0 mm² copper pad.
    ️· The document references [www.gulfsemi.com](www.gulfsemi.com) for additional information.



    In essence, this document provides a technical specification sheet for a robust, high-performance rectifier suitable for demanding surface mount applications requiring high temperature resistance.

    Part No.SS1T
    ManufacturerGULFSEMI
    Size169 Kbytes
    Pages2 pages
    DescriptionSINTERED GLASS JUNCTION SURFACE MOUNTED RECTIFIER VOLTAGE竊?300V CURRENT竊?1.0A