Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ESM101 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about ESM101 Datasheet

  • # Example questions: ➢ What is the operating temperature range for all listed rectifier diodes?
    ➢ What is the typical junction capacitance for the esm101?
    ➢ What is the maximum reverse recovery time for the esm106?

  • Part No.ESM101
    ManufacturerRECTRON
    Size26 Kbytes
    Pages2 pages
    DescriptionSURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER (VOLTAGE RANGE 50 to 400 Volts CURRENT 1.0 Ampere)
    Datasheet Summary with AI

    # SUPER FAST RECTIFIER DIODE DATASHEET SUMMARY

    ## Device Overview

    ️· Manufacturer: Rectron
    ️· Type: Fast Recovery Rectifier Diode
    ️· Applications: General purpose rectification, switching power supplies, etc.

    ## Electrical Characteristics

    ️· Maximum Reverse Voltage: Not explicitly stated, but implied to be suitable for common applications.
    ️· Forward Voltage (VF) @ 1.0A: 0.95V (ESM101, ESM102, ESM103) / 1.25V (ESM105, ESM106)
    ️· Maximum Reverse Current (IR) @ Rated Voltage: 5.0µA (25°C), 100µA (125°C)
    ️· Maximum Reverse Recovery Time (trr): 35ns
    ️· Maximum Surge Forward Current (IFSM): 30A
    ️· Typical Junction Capacitance (CJ): 10-15pF

    ## Operating Characteristics

    ️· Operating Temperature Range: -65°C to +175°C

    ️· Forward Current: Not explicitly stated, but designed for at least 1.0A based on VF specification.

    ## Key Features

    ️· Fast recovery time for high-frequency switching applications.
    ️· Low forward voltage drop to minimize power loss.
    ️· Robust construction for reliable operation.

    ## Package Information

    ️· Package type not specified in excerpt.

    ## Datasheet Notes

    ️· Values are based on test conditions: IF = 0.5A, IR = -1.0A, IRR = -0.25A.
    ️· Capacitance measured at 1MHz and 4.0V reverse voltage.

    # SUPER FAST RECTIFIER DIODE DATASHEET SUMMARY

    ## Device Overview

    ️· Manufacturer: Rectron
    ️· Type: Fast Recovery Rectifier Diode
    ️· Applications: General purpose rectification, switching power supplies, etc.

    ## Electrical Characteristics

    ️· Maximum Reverse Voltage: Not explicitly stated, but implied to be suitable for common applications.
    ️· Forward Voltage (VF) @ 1.0A: 0.95V (ESM101, ESM102, ESM103) / 1.25V (ESM105, ESM106)
    ️· Maximum Reverse Current (IR) @ Rated Voltage: 5.0µA (25°C), 100µA (125°C)
    ️· Maximum Reverse Recovery Time (trr): 35ns
    ️· Maximum Surge Forward Current (IFSM): 30A
    ️· Typical Junction Capacitance (CJ): 10-15pF

    ## Operating Characteristics

    ️· Operating Temperature Range: -65°C to +175°C
    ️· Forward Current: Not explicitly stated, but designed for at least 1.0A based on VF specification.

    ## Key Features

    ️· Fast recovery time for high-frequency switching applications.
    ️· Low forward voltage drop to minimize power loss.
    ️· Robust construction for reliable operation.

    ## Package Information

    ️· Package type not specified in excerpt.

    ## Datasheet Notes

    ️· Values are based on test conditions: IF = 0.5A, IR = -1.0A, IRR = -0.25A.
    ️· Capacitance measured at 1MHz and 4.0V reverse voltage.

    Part No.ESM101
    ManufacturerRECTRON
    Size26 Kbytes
    Pages2 pages
    DescriptionSURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER (VOLTAGE RANGE 50 to 400 Volts CURRENT 1.0 Ampere)