Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SC442 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about SC442 Datasheet

  • # Example questions: ➢ What is the maximum number of white leds this driver ic can power?
    ➢ How can unused channels be disabled to conserve power?
    ➢ What input voltage range supports operation of the sc442?

  • Part No.SC442
    ManufacturerSEMTECH
    Size233 Kbytes
    Pages1 page
    Description10-Channel, Integrated, High Efficiency 120 White LED Driver
    Datasheet Summary with AI

    # SC442

    ## 10-Channel, Integrated, High Efficiency 120 White LED Driver

    Description

    ️· Integrated step-up (boost) driver IC for up to 120 WLEDs.
    ️· Wide input voltage range: 4.5V to 21V.
    ️· Maximum operating output voltage: 42V.
    ️· Programmable LED current: up to 30mA per string.
    ️· Channel-channel current matching: +/- 1%.
    ️· Disables open or shorted LEDs individually to increase panel life.
    ️· Accommodates mismatched LED channels with SCPSET resistor.
    ️· Parallel channels for increased LED current.
    ️· Unused channels can be disabled.
    ️· Efficiency: Up to 91%.

    Features

    ️· Integrated 3A switch
    ️· Low current sink voltage
    ️· Flexible LED configurations
    ️· PWM dimming capability (up to 50kHz).
    ️· Dimming range: >500:1.
    ️· Switching frequency: 500kHz - 1MHz (programmable).
    ️· Synchronization pin for parallel device operation.
    ️· Protection features: Adjustable OVP, Cycle-by-cycle current limit, LED short/open channel disable, Over-Temperature protection.
    ️· Package: MLPQ-28 lead-free (4mm x 4mm x 0.6mm).
    ️· WEEE and RoHS compliant.

    Applications

    ️· Automotive LCD Backlighting
    ️· Desktop Monitors
    ️· Notebook PCs
    ️· Portable TVs

    Typical Application Circuit

    ️· VIN: 4.5V - 21V
    ️· VOUT: Up to 42V

    # SC442

    ## 10-Channel, Integrated, High Efficiency 120 White LED Driver

    Description

    ️· Integrated step-up (boost) driver IC for up to 120 WLEDs.
    ️· Wide input voltage range: 4.5V to 21V.
    ️· Maximum operating output voltage: 42V.
    ️· Programmable LED current: up to 30mA per string.
    ️· Channel-channel current matching: +/- 1%.
    ️· Disables open or shorted LEDs individually to increase panel life.
    ️· Accommodates mismatched LED channels with SCPSET resistor.
    ️· Parallel channels for increased LED current.
    ️· Unused channels can be disabled.
    ️· Efficiency: Up to 91%.

    Features

    ️· Integrated 3A switch
    ️· Low current sink voltage
    ️· Flexible LED configurations
    ️· PWM dimming capability (up to 50kHz).
    ️· Dimming range: >500:1.
    ️· Switching frequency: 500kHz - 1MHz (programmable).
    ️· Synchronization pin for parallel device operation.
    ️· Protection features: Adjustable OVP, Cycle-by-cycle current limit, LED short/open channel disable, Over-Temperature protection.
    ️· Package: MLPQ-28 lead-free (4mm x 4mm x 0.6mm).
    ️· WEEE and RoHS compliant.

    Applications

    ️· Automotive LCD Backlighting
    ️· Desktop Monitors
    ️· Notebook PCs
    ️· Portable TVs

    Typical Application Circuit

    ️· VIN: 4.5V - 21V
    ️· VOUT: Up to 42V

    Part No.SC442
    ManufacturerSEMTECH
    Size233 Kbytes
    Pages1 page
    Description10-Channel, Integrated, High Efficiency 120 White LED Driver