Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LP2902 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about LP2902 Datasheet

  • # Example questions: ➢ What is the typical storage temperature range for the lp324dr and lp324pwr packages, as indicated in the pack materials information?
    ➢ What is the primary difference in the stated spq (standard pack quantity) between the soic and tssop packaged versions of the lp2902 and lp324?
    ➢ What jedec standard does the pw (r-pdso-g) package adhere to?

  • Part No.LP2902
    ManufacturerTI
    Size411 Kbytes
    Pages12 pages
    DescriptionULTRA-LOW-POWER QUADRUPLE OPERATIONAL AMPLIFIERS
    Datasheet Summary with AI

    # LP324/LP2902 Quad Operational Amplifiers

    ## Features

    ️· Low Power: 85µA typical supply current.
    ️· Low Offset: 2mV typical input offset voltage.
    ️· Wide Supply Voltage: 3V to 32V.
    ️· Input Common Mode: Includes GND.
    ️· Pin Compatible: With LM324.
    ️· Applications: LCD Displays, Portable Instrumentation, Consumer Electronics, Power Supplies.

    ## Description

    The LP324 and LP2902 are low-power, quadruple operational amplifiers designed for battery-operated applications. They offer good input specifications and a wide supply voltage range while maintaining low power consumption.

    ## Ordering Information

    Part Number Package Temperature Range
    LP324N PDIP 0°C to 70°C
    LP324D SOIC 0°C to 70°C
    LP324DR SOIC 0°C to 70°C
    LP324PWR TSSOP 0°C to 70°C
    LP2902N PDIP -40°C to 85°C
    LP2902D SOIC -40°C to 85°C
    LP2902DR SOIC -40°C to 85°C
    LP2902PWR TSSOP -40°C to 85°C

    ## Electrical Characteristics

    ️· Supply Voltage: 3V to 32V
    ️· Input Bias Current: 2nA (typical)
    ️· Input Offset Voltage: 2mV (typical)
    ️· Gain Bandwidth Product: 100 kHz
    ️· Slew Rate: 50 V/ms

    ## Package Options

    ️· PDIP
    ️· SOIC
    ️· TSSOP

    # LP324/LP2902 Quad Operational Amplifiers

    ## Features

    ️· Low Power: 85µA typical supply current.
    ️· Low Offset: 2mV typical input offset voltage.
    ️· Wide Supply Voltage: 3V to 32V.
    ️· Input Common Mode: Includes GND.
    ️· Pin Compatible: With LM324.
    ️· Applications: LCD Displays, Portable Instrumentation, Consumer Electronics, Power Supplies.

    ## Description

    The LP324 and LP2902 are low-power, quadruple operational amplifiers designed for battery-operated applications. They offer good input specifications and a wide supply voltage range while maintaining low power consumption.

    ## Ordering Information

    Part Number Package Temperature Range
    LP324N PDIP 0°C to 70°C
    LP324D SOIC 0°C to 70°C
    LP324DR SOIC 0°C to 70°C
    LP324PWR TSSOP 0°C to 70°C
    LP2902N PDIP -40°C to 85°C
    LP2902D SOIC -40°C to 85°C
    LP2902DR SOIC -40°C to 85°C
    LP2902PWR TSSOP -40°C to 85°C

    ## Electrical Characteristics

    ️· Supply Voltage: 3V to 32V
    ️· Input Bias Current: 2nA (typical)
    ️· Input Offset Voltage: 2mV (typical)
    ️· Gain Bandwidth Product: 100 kHz
    ️· Slew Rate: 50 V/ms

    ## Package Options

    ️· PDIP
    ️· SOIC
    ️· TSSOP

    Part No.LP2902
    ManufacturerTI
    Size411 Kbytes
    Pages12 pages
    DescriptionULTRA-LOW-POWER QUADRUPLE OPERATIONAL AMPLIFIERS