| Zakładka z wyszukiwarką danych komponentów |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about 0565790576 Datasheet
# Example questions:
➢ What type of plating is used on the mating contact surfaces and what is the minimum thickness in micrometers?
➢ What voltage and current ratings are specified for this usb otg receptacle?
➢ What is the recommended pcb thickness for optimal performance with this usb receptacle?
# USB On-The-Go (OTG) Mini-AB Receptacle (Part Number: 0565790576)
## General Information
· Status: Active
· Product Family: I/O Connectors
· Series: 56579
· Application: Wire-to-Board
· Component Type: Receptacle
· Product Name: USB, USB OTG (On-The-Go)
· Type: Mini-AB (OTG)
· Description: Right Angle, SMT Solder Tails and Shell Tabs, with Cover Tape, Lead-Free
## Physical Characteristics
· Circuits: 5 (Loaded/Maximum)
· Orientation: Right Angle
· Gender: Receptacle
· Lock to Mating Part: Yes
· Material - Metal: High Performance Alloy (HPA), Phosphor Bronze
· Material - Plating: Mating Gold, Termination Tin
· Material - Resin: High Temperature Thermoplastic
· Polarization: Polarized to Mating Part & PCB
· Surface Mount Compatible: Yes
· Operating Temperature: -40°C to +85°C
· PCB Thickness: 0.031 In (0.80 mm)
· Number of Rows: 1
## Electrical Specifications
· Current per Contact: 1A
· Voltage Maximum: 30V AC (RMS)/DC
· Shield Type: Full Shield
## Compliance
· EU RoHS: Compliant
· REACH SVHC: Not Reviewed
· Halogen-Free: Status Not Reviewed
## Mates With
· USB OTG mini-A plug
· USB OTG mini-B plug
## Documents
· [Product Specification](http://www.molex.com/pdm_docs/ps/PS-56579-015.pdf)
· [Drawing](http://www.molex.com/pdm_docs/sd/565790576_sd.pdf)
· [RoHS Certificate of Compliance](http://www.molex.com/datasheets/rohspdf/0565790576_rohs.pdf)
# USB On-The-Go (OTG) Mini-AB Receptacle (Part Number: 0565790576)
## General Information
· Status: Active
· Product Family: I/O Connectors
· Series: 56579
· Application: Wire-to-Board
· Component Type: Receptacle
· Product Name: USB, USB OTG (On-The-Go)
· Type: Mini-AB (OTG)
· Description: Right Angle, SMT Solder Tails and Shell Tabs, with Cover Tape, Lead-Free
## Physical Characteristics
· Circuits: 5 (Loaded/Maximum)
· Orientation: Right Angle
· Gender: Receptacle
· Lock to Mating Part: Yes
· Material - Metal: High Performance Alloy (HPA), Phosphor Bronze
· Material - Plating: Mating Gold, Termination Tin
· Material - Resin: High Temperature Thermoplastic
· Polarization: Polarized to Mating Part & PCB
· Surface Mount Compatible: Yes
· Operating Temperature: -40°C to +85°C
· PCB Thickness: 0.031 In (0.80 mm)
· Number of Rows: 1
## Electrical Specifications
· Current per Contact: 1A
· Voltage Maximum: 30V AC (RMS)/DC
· Shield Type: Full Shield
## Compliance
· EU RoHS: Compliant
· REACH SVHC: Not Reviewed
· Halogen-Free: Status Not Reviewed
## Mates With
· USB OTG mini-A plug
· USB OTG mini-B plug
## Documents
· [Product Specification](http://www.molex.com/pdm_docs/ps/PS-56579-015.pdf)
· [Drawing](http://www.molex.com/pdm_docs/sd/565790576_sd.pdf)
· [RoHS Certificate of Compliance](http://www.molex.com/datasheets/rohspdf/0565790576_rohs.pdf)
| Part No. | 0565790576 |
| Manufacturer | MOLEX7 |
| Size | 306 Kbytes |
| Pages | 5 pages |
| Description | USB On-The-Go (OTG) Mini-AB Receptacle, Right Angle, SMT Solder Tails and ShellTabs, with Cover Tape, Lead-Free |