| Zakładka z wyszukiwarką danych komponentów |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about 0876642004 Datasheet
# Example questions:
➢ What is the recommended pcb thickness for optimal performance with this receptacle?
➢ Besides gold, what other materials are used in the plating of the mating and termination interfaces?
➢ What are the maximum current ratings for each of the different power circuit types – beta, alpha, and the overall connector?
# EXTreme PowerPlus™ AC/DC Receptacle - 0876642004
## General Information
· Status: Active
· Overview: extreme_powerplus_ssi
· Description: 6.35mm (.250") & 7.62mm (.300") Pitch Power, 2.54mm (.100") Pitch Signal, Right Angle, Through Hole Receptacle
· Series: 87664
· Application: Board-to-Board
· Comments: Recessed Power Circuit Position: A2, A3
· Product Name: EXTreme PowerPlus™
## Electrical Characteristics
· Current - Maximum per Contact: 2.5A, 30A, 50A
· Voltage - Maximum: 250V (RMS)
## Physical Specifications
· Circuits (Loaded): 31
· Circuits Detail: Power Beta 4, Signal 24, Power Alpha 3
· Color: Black
· Flammability: 94V-0
· Orientation: Right Angle
· PC Tail Length: 0.135 In (3.43 mm)
· Number of Rows: 4
· Pitch: 2.54mm, 6.35mm, 7.62mm
· Plating (Mating): Gold (30 µin / 0.76 µm)
· Plating (Termination): Tin (100 µin / 2.54 µm)
· Temperature Range: -20°C to +105°C
· Termination Style: Through Hole
## Compatibility and Features
· Mates With: 87663 PCB Header with Beveled Metal Pins
· Polarized to Mating Part: Yes
· Polarized to PCB: Yes
· Guide to Mating Part: Yes
· PCB Locator: Yes
· PCB Retention: Yes
· Stackable: No
· Lead-Free: Yes
## Regulatory Information
· Agency Certification: UL E29179
· EU RoHS Compliant: Yes
· REACH SVHC: Not Reviewed
· Halogen-Free: Not Reviewed
## Solder Process Data
· Max. Process Temperature: 260°C
· Lead-free Capability: SMC & Wave Capable (TH only)
# EXTreme PowerPlus™ AC/DC Receptacle - 0876642004
## General Information
· Status: Active
· Overview: extreme_powerplus_ssi
· Description: 6.35mm (.250") & 7.62mm (.300") Pitch Power, 2.54mm (.100") Pitch Signal, Right Angle, Through Hole Receptacle
· Series: 87664
· Application: Board-to-Board
· Comments: Recessed Power Circuit Position: A2, A3
· Product Name: EXTreme PowerPlus™
## Electrical Characteristics
· Current - Maximum per Contact: 2.5A, 30A, 50A
· Voltage - Maximum: 250V (RMS)
## Physical Specifications
· Circuits (Loaded): 31
· Circuits Detail: Power Beta 4, Signal 24, Power Alpha 3
· Color: Black
· Flammability: 94V-0
· Orientation: Right Angle
· PC Tail Length: 0.135 In (3.43 mm)
· Number of Rows: 4
· Pitch: 2.54mm, 6.35mm, 7.62mm
· Plating (Mating): Gold (30 µin / 0.76 µm)
· Plating (Termination): Tin (100 µin / 2.54 µm)
· Temperature Range: -20°C to +105°C
· Termination Style: Through Hole
## Compatibility and Features
· Mates With: 87663 PCB Header with Beveled Metal Pins
· Polarized to Mating Part: Yes
· Polarized to PCB: Yes
· Guide to Mating Part: Yes
· PCB Locator: Yes
· PCB Retention: Yes
· Stackable: No
· Lead-Free: Yes
## Regulatory Information
· Agency Certification: UL E29179
· EU RoHS Compliant: Yes
· REACH SVHC: Not Reviewed
· Halogen-Free: Not Reviewed
## Solder Process Data
· Max. Process Temperature: 260°C
· Lead-free Capability: SMC & Wave Capable (TH only)
| Part No. | 0876642004 |
| Manufacturer | MOLEX9 |
| Size | 212 Kbytes |
| Pages | 4 pages |
| Description | 6.35mm (.250") and 7.62mm (.300") Pitch Power, 2.54mm (.100") Pitch Signal, EXTreme PowerPlus??AC/DC Receptacle, Through Hole, Right Angle,31 Circuits |