Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CA-2184 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about CA-2184 Datasheet

  • # Example questions: ➢ What is the maximum voltage and current this cable is rated for?
    ➢ What material is the cable constructed from, according to the specification?
    ➢ What is the outer diameter of the cable, including its tolerance?

  • Part No.CA-2184
    ManufacturerTENSILITY
    Size148 Kbytes
    Pages2 pages
    DescriptionCable, P6 to stripped/tinned ends, 6 feet, 24 AWG zip cord
    Datasheet Summary with AI

    # CA-2184 Cable Specification

    ## General Information
    ️· Part Number: CA-2184
    ️· Description: Cable, P6 to stripped/tinned ends, 6 feet, 24 AWG zip cord
    ️· Date: 01/19/09
    ️· Unit: mm
    ️· Revision: A

    ## Cable Specifications
    ️· Cable Material: UL 2468
    ️· Cable Color: Black
    ️· Cable Gauge: AWG #24
    ️· Cable Length: 1830 mm (approximately 6 feet)
    ️· Cable Outer Diameter: 3.6 ± 0.1 mm (each conductor 1.8mm)
    ️· Cable Description: 0.16 x 11, black twin wire

    ## Plug Specifications
    ️· Plug Description: 2.5 x 5.5 x 22 ±0.5 mm with black insulator
    ️· Plug Overmold: 30P, black PVC (including strain relief)


    ## Electrical Specifications
    ️· Max Voltage: 36 Vdc
    ️· Max Current: 500 mA

    ## Testing
    ️· Function Test: No open, reversed polarity, short circuit, or INT issues.
    ️· Hi-Pot Test: 600 Vac, 0.5 mA, 1 second

    ## Other
    ️· Twist Tie: Black
    ️· RoHS Compliant: Yes
    ️· Tolerance: X: ±0.5 mm, .X: ±0.25 mm, .XX: ±0.05 mm

    ## Revision History
    ️· Revision A (January 19, 2009): Re-issued; original specification issued by CUI, re-issued by Tensility without any material or mechanical changes.

    # CA-2184 Cable Specification

    ## General Information
    ️· Part Number: CA-2184
    ️· Description: Cable, P6 to stripped/tinned ends, 6 feet, 24 AWG zip cord
    ️· Date: 01/19/09
    ️· Unit: mm
    ️· Revision: A

    ## Cable Specifications
    ️· Cable Material: UL 2468
    ️· Cable Color: Black
    ️· Cable Gauge: AWG #24
    ️· Cable Length: 1830 mm (approximately 6 feet)
    ️· Cable Outer Diameter: 3.6 ± 0.1 mm (each conductor 1.8mm)
    ️· Cable Description: 0.16 x 11, black twin wire

    ## Plug Specifications
    ️· Plug Description: 2.5 x 5.5 x 22 ±0.5 mm with black insulator
    ️· Plug Overmold: 30P, black PVC (including strain relief)

    ## Electrical Specifications
    ️· Max Voltage: 36 Vdc
    ️· Max Current: 500 mA

    ## Testing
    ️· Function Test: No open, reversed polarity, short circuit, or INT issues.
    ️· Hi-Pot Test: 600 Vac, 0.5 mA, 1 second

    ## Other
    ️· Twist Tie: Black
    ️· RoHS Compliant: Yes
    ️· Tolerance: X: ±0.5 mm, .X: ±0.25 mm, .XX: ±0.05 mm

    ## Revision History
    ️· Revision A (January 19, 2009): Re-issued; original specification issued by CUI, re-issued by Tensility without any material or mechanical changes.

    Part No.CA-2184
    ManufacturerTENSILITY
    Size148 Kbytes
    Pages2 pages
    DescriptionCable, P6 to stripped/tinned ends, 6 feet, 24 AWG zip cord