Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SD1691 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about 2SD1691 Datasheet

  • # Example questions: ➢ How does the hfe2 value range differ between the 'o' and 'y' classifications?
    ➢ What is the maximum junction temperature specified for this 2sd1691 transistor?
    ➢ What is the maximum collector current, both continuous and pulsed, that this transistor can handle?

  • Part No.2SD1691
    ManufacturerUTC
    Size250 Kbytes
    Pages4 pages
    DescriptionLOW COLLECTOR SATURATION VOLTAGE LARGE CURRENT
    Datasheet Summary with AI

    # 2SD1691 NPN SILICON TRANSISTOR

    ## FEATURES
    ️· High Power Dissipation
    ️· Complementary to 2SB1151
    ️· Low Collector Saturation Voltage
    ️· Large Current

    ## ORDERING INFORMATION
    · Package Options: TO-126, TO-126C, TO-220, TO-220F1
    · Lead Plating: Lead Free / Halogen Free
    · Packing: Bulk / Tube
    · Part Number Example: 2SD1691L-x-T60-K (TO-126, Bulk)

    ## ABSOLUTE MAXIMUM RATINGS (Ta=25°C)
    ️· Collector-Base Voltage (VCBO): 60V
    ️· Collector-Emitter Voltage (VCEO): 60V
    ️· Emitter-Base Voltage (VEBO): 7V
    ️· Collector Current (IC): 5A (DC), 8A (Pulse)
    ️· Base Current (IB): 1A
    ️· Collector Power Dissipation (PC): 20W (TO-126/TO-126C), 23W (TO-220F1), 54W (TO-220)
    ️· Junction Temperature (TJ): 150°C
    ️· Storage Temperature Range (TSTG): -55°C to +150°C

    ## ELECTRICAL CHARACTERISTICS (Ta=25°C)
    ️· Collector Cut-off Current (ICBO): 10 μA
    ️· Emitter Cut-off Current (IEBO): 10 μA
    ️· DC Current Gain (hFE):
    - hFE1 (Ic=0.1A, VCE=1V): 60
    - hFE2 (Ic=2A, VCE=1V): 160-400
    - hFE3 (Ic=5A, VCE=2V): 50
    ️· Collector-Emitter Saturation Voltage (VCE(SAT) - Ic=2A, IB=0.2A): 0.1-0.3V
    ️· Base-Emitter Saturation Voltage (VBE(SAT) - Ic=2A, IB=0.2A): 0.9-1.2V
    ️· Turn-On Time (TON): 0.2-1 μs
    ️· Storage Time (TSTG): 1.1-2.5 μs
    ️· Fall Time (TF): 0.2-1 μs

    ## hFE2 CLASSIFICATION
    ️· Rank O: 160-320
    ️· Rank Y: 200-400

    # 2SD1691 NPN SILICON TRANSISTOR

    ## FEATURES
    ️· High Power Dissipation
    ️· Complementary to 2SB1151
    ️· Low Collector Saturation Voltage
    ️· Large Current

    ## ORDERING INFORMATION
    · Package Options: TO-126, TO-126C, TO-220, TO-220F1
    · Lead Plating: Lead Free / Halogen Free
    · Packing: Bulk / Tube
    · Part Number Example: 2SD1691L-x-T60-K (TO-126, Bulk)

    ## ABSOLUTE MAXIMUM RATINGS (Ta=25°C)
    ️· Collector-Base Voltage (VCBO): 60V
    ️· Collector-Emitter Voltage (VCEO): 60V
    ️· Emitter-Base Voltage (VEBO): 7V
    ️· Collector Current (IC): 5A (DC), 8A (Pulse)
    ️· Base Current (IB): 1A
    ️· Collector Power Dissipation (PC): 20W (TO-126/TO-126C), 23W (TO-220F1), 54W (TO-220)
    ️· Junction Temperature (TJ): 150°C
    ️· Storage Temperature Range (TSTG): -55°C to +150°C

    ## ELECTRICAL CHARACTERISTICS (Ta=25°C)
    ️· Collector Cut-off Current (ICBO): 10 μA
    ️· Emitter Cut-off Current (IEBO): 10 μA
    ️· DC Current Gain (hFE):
    - hFE1 (Ic=0.1A, VCE=1V): 60
    - hFE2 (Ic=2A, VCE=1V): 160-400
    - hFE3 (Ic=5A, VCE=2V): 50
    ️· Collector-Emitter Saturation Voltage (VCE(SAT) - Ic=2A, IB=0.2A): 0.1-0.3V
    ️· Base-Emitter Saturation Voltage (VBE(SAT) - Ic=2A, IB=0.2A): 0.9-1.2V
    ️· Turn-On Time (TON): 0.2-1 μs
    ️· Storage Time (TSTG): 1.1-2.5 μs
    ️· Fall Time (TF): 0.2-1 μs

    ## hFE2 CLASSIFICATION
    ️· Rank O: 160-320
    ️· Rank Y: 200-400

    Part No.2SD1691
    ManufacturerUTC
    Size250 Kbytes
    Pages4 pages
    DescriptionLOW COLLECTOR SATURATION VOLTAGE LARGE CURRENT