| Zakładka z wyszukiwarką danych komponentów |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about LS3550C_TO-71 Datasheet
# Example questions:
➢ What are the storage and operating junction temperature ranges for the ls3550c?
➢ What is the typical value of vbe1 - vbe2 at 25°c?
➢ What is the maximum collector current (ic) specified for the ls3550c?
LS3550C – Dual PNP Bipolar Transistor (Matched Pair)
This datasheet describes a dual PNP bipolar transistor, designed as a matched pair for applications requiring excellent thermal tracking and tight VBE matching. It is hermetically sealed in a TO-71 package and also available as a bare die.
Key Features:
️· Excellent Thermal Tracking: ≤ 15µV/°C
️· Tight VBE Matching: VBE1 - VBE2 ≤ 10mV
️· Matched Pair: Designed for consistent performance between the two transistors within the dual package.
️· Hermetically Sealed: Suitable for harsh environment applications.
Absolute Maximum Ratings (at 25°C unless otherwise noted):
️· Storage Temperature: -65°C to +150°C
️· Operating Junction Temperature: -55°C to +150°C
️· Continuous Power Dissipation: TBD (To Be Determined)
️· Collector Current (Ic): 10mA
️· Collector-to-Collector Voltage (Vcc): 80V
Electrical Characteristics:
| Parameter | Symbol | Min | Typ | Max | Unit | Conditions |
|---|---|---|---|---|---|---|
| VBE1 - VBE2 | VBE1 – VBE2 | 10 | mV | IC = -10mA, VCE = -5V | ||
| Δ(VBE1–VBE2)/ΔT | 15 | µV/°C | IC = -10mA, VCE = -5V, TA = -40°C to +85°C | |||
| IB1-IB2 | 10 | nA | IC = -10µA, VCE = -5V | |||
| Δ(IB1–IB2)/ΔT | 1.0 | nA/°C | IC = -10µA, VCE = -5V, TA = -40°C to +85°C | |||
| hFE1/hFE2 | 15 | % | IC = 10µA, VCE = 5V | |||
| BVCBO | -20 | V | IC = 10µA, IE = 0 | |||
| BVCEO | -20 | V | IC = 10µA, IB = 0 | |||
| BVEBO | -6.2 | V | IE = 10µA, IC = 0 | |||
| BVCCO | -80 | V | IC = 10µA, IE = 0 | |||
| hFE | 50 | IC = -1mA, VCE = -5V | ||||
| hFE | 40 | IC = -10mA, VCE = -5V | ||||
| hFE | 40 | IC = -100mA, VCE = -5V | ||||
| VCE(sat) | -1.2 | V | IC = -100mA, IB = -10mA | |||
| IEBO | -0.2 | nA | IE = 0, VCB = -3V | |||
| ICBO | -0.2 | nA | IE = 0, VCB = -20V | |||
| COBO | 2 | pF | IE = 0, VCB = -10V | |||
| CC1C2 | 2 | pF | VCC = 0V | |||
| IC1C2 | -1 | nA | VCC = ±80V | |||
| fT | 600 | MHz | IC = -1mA, VCE = -5V | |||
| NF | 3 | dB | IC = -100µA, VCE = -5V, BW = 200Hz, RG = 10Ω, f = 1kHz |
LS3550C – Dual PNP Bipolar Transistor (Matched Pair)
This datasheet describes a dual PNP bipolar transistor, designed as a matched pair for applications requiring excellent thermal tracking and tight VBE matching. It is hermetically sealed in a TO-71 package and also available as a bare die.
Key Features:
️· Excellent Thermal Tracking: ≤ 15µV/°C
️· Tight VBE Matching: VBE1 - VBE2 ≤ 10mV
️· Matched Pair: Designed for consistent performance between the two transistors within the dual package.
️· Hermetically Sealed: Suitable for harsh environment applications.
Absolute Maximum Ratings (at 25°C unless otherwise noted):
️· Storage Temperature: -65°C to +150°C
️· Operating Junction Temperature: -55°C to +150°C
️· Continuous Power Dissipation: TBD (To Be Determined)
️· Collector Current (Ic): 10mA
️· Collector-to-Collector Voltage (Vcc): 80V
Electrical Characteristics:
| Parameter | Symbol | Min | Typ | Max | Unit | Conditions |
|---|---|---|---|---|---|---|
| VBE1 - VBE2 | VBE1 – VBE2 | 10 | mV | IC = -10mA, VCE = -5V | ||
| Δ(VBE1–VBE2)/ΔT | 15 | µV/°C | IC = -10mA, VCE = -5V, TA = -40°C to +85°C | |||
| IB1-IB2 | 10 | nA | IC = -10µA, VCE = -5V | |||
| Δ(IB1–IB2)/ΔT | 1.0 | nA/°C | IC = -10µA, VCE = -5V, TA = -40°C to +85°C | |||
| hFE1/hFE2 | 15 | % | IC = 10µA, VCE = 5V | |||
| BVCBO | -20 | V | IC = 10µA, IE = 0 | |||
| BVCEO | -20 | V | IC = 10µA, IB = 0 | |||
| BVEBO | -6.2 | V | IE = 10µA, IC = 0 | |||
| BVCCO | -80 | V | IC = 10µA, IE = 0 | |||
| hFE | 50 | IC = -1mA, VCE = -5V | ||||
| hFE | 40 | IC = -10mA, VCE = -5V | ||||
| hFE | 40 | IC = -100mA, VCE = -5V | ||||
| VCE(sat) | -1.2 | V | IC = -100mA, IB = -10mA | |||
| IEBO | -0.2 | nA | IE = 0, VCB = -3V | |||
| ICBO | -0.2 | nA | IE = 0, VCB = -20V | |||
| COBO | 2 | pF | IE = 0, VCB = -10V | |||
| CC1C2 | 2 | pF | VCC = 0V | |||
| IC1C2 | -1 | nA | VCC = ±80V | |||
| fT | 600 | MHz | IC = -1mA, VCE = -5V | |||
| NF | 3 | dB | IC = -100µA, VCE = -5V, BW = 200Hz, RG = 10Ω, f = 1kHz |
| Part No. | LS3550C_TO-71 |
| Manufacturer | MICROSS |
| Size | 285 Kbytes |
| Pages | 1 page |
| Description | Linear Systems Monolithic Dual PNP Transistor |