| Zakładka z wyszukiwarką danych komponentów |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about PC15012_1 Datasheet
# Example questions:
➢ What is the difference between the pc15012 and pc15016 diodes regarding their repetitive peak reverse voltage (vrrm)?
➢ What mounting torque is recommended for the main terminal of the diode module, and why is thermal compound recommended during mounting?
➢ How does the thermal resistance from junction to case (rth(j-c)) affect the operating temperature of the diode module?
# DIODE 150A Avg 1200~1600 Volts PC15012 PC15016 PD15012 PD15016
## General Information
· Type: Diode Module
· Models: PC15012/PD15012, PC15016/PD15016
· Average Rectified Output Current: 150A
· Weight: Approximately 480g
## Electrical Characteristics
Voltage Ratings
· Repetitive Peak Reverse Voltage (VRRM): 1200V (PC15012/PD15012), 1600V (PC15016/PD15016)
· Non Repetitive Peak Reverse Voltage (VRSM): 1300V (PC15012/PD15012), 1700V (PC15016/PD15016)
· Peak Reverse Current (IRM): 30mA @ Tj=125℃, VRM=VRRM
· Peak Forward Voltage (VFM): 1.28V @ Tj= 25℃, IFM=450A
Current Ratings
· RMS Forward Current (IF(RMS)): 235A
· Surge Forward Current (IFSM): 3200A (50Hz, 1 cycle)
· I²t: 51200 A²s (2-10ms)
Thermal Characteristics
· Thermal Resistance (Junction to Case): 0.25 °C/W
· Thermal Resistance (Case to Fin): 0.1 °C/W (with thermal compound)
· Operating Junction Temperature Range: -40~+125 ℃
· Storage Temperature Range: -40~+125 ℃
## Mechanical Details
· Mounting Torque (Base): 2.5~3.5 N・m (with thermal compound)
· Mounting Torque (Main Terminal): 9.0~10.0 N・m
# DIODE 150A Avg 1200~1600 Volts PC15012 PC15016 PD15012 PD15016
## General Information
· Type: Diode Module
· Models: PC15012/PD15012, PC15016/PD15016
· Average Rectified Output Current: 150A
· Weight: Approximately 480g
## Electrical Characteristics
Voltage Ratings
· Repetitive Peak Reverse Voltage (VRRM): 1200V (PC15012/PD15012), 1600V (PC15016/PD15016)
· Non Repetitive Peak Reverse Voltage (VRSM): 1300V (PC15012/PD15012), 1700V (PC15016/PD15016)
· Peak Reverse Current (IRM): 30mA @ Tj=125℃, VRM=VRRM
· Peak Forward Voltage (VFM): 1.28V @ Tj= 25℃, IFM=450A
Current Ratings
· RMS Forward Current (IF(RMS)): 235A
· Surge Forward Current (IFSM): 3200A (50Hz, 1 cycle)
· I²t: 51200 A²s (2-10ms)
Thermal Characteristics
· Thermal Resistance (Junction to Case): 0.25 °C/W
· Thermal Resistance (Case to Fin): 0.1 °C/W (with thermal compound)
· Operating Junction Temperature Range: -40~+125 ℃
· Storage Temperature Range: -40~+125 ℃
## Mechanical Details
· Mounting Torque (Base): 2.5~3.5 N・m (with thermal compound)
· Mounting Torque (Main Terminal): 9.0~10.0 N・m
| Part No. | PC15012_1 |
| Manufacturer | NIEC |
| Size | 169 Kbytes |
| Pages | 2 pages |
| Description | 150A Avg 1200 1600 Volts |