Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SS8550 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about SS8550 Datasheet

  • # Example questions: ➢ What is the maximum collector-base voltage (vcb) that the ss8550 transistor can withstand?
    ➢ What is the typical gain (hfe) of the ss8550 at a collector current of -100ma and a collector-emitter voltage of -1v?
    ➢ What package type is the ss8550 transistor housed in, and what are its key dimensions?

  • Part No.SS8550
    ManufacturerSECOS
    Size335 Kbytes
    Pages2 pages
    DescriptionPNP Silicon General Purpose Transistor
    Datasheet Summary with AI

    ## SUMMARY:


    1. Device Overview:

    ️· Device Type: PNP General Purpose Transistor
    ️· Manufacturer: Elektronische Bauelemente (implied)
    ️· Model Number: SS850

    2. Key Electrical Characteristics (at Ta = 25°C):

    Parameter Min Typ Max Unit Test Conditions
    BVCBO (Collector-Base Breakdown Voltage) -40 - - V Ic = 100µA, IE = 0
    BVCEO (Collector-Emitter Breakdown Voltage) -25 - - V Ic = -0.1mA, IB = 0
    BVEBO (Base-Emitter Breakdown Voltage) -5 - - V IE = -100µA, IC = 0
    ICBO (Collector Cut-off Current) - - -0.1 µA VCB = -40V, IE = 0
    ICEO (Collector Cut-off Current) - - -0.1 µA VCE = -20V, IB = 0
    IEBO (Emitter Cut-off Current) - - -0.1 µA VEB = -5V, IC = 0
    VCE(sat) (Collector-Emitter Saturation Voltage) - - 0.5 V IC = -800mA, IB = -80mA
    VBE(sat) (Base-Emitter Saturation Voltage) - - 1.2 V IC = -800mA, IB = -80mA
    hFE1 (DC Current Gain) 120 - 350 - VCE = -1V, IC = -100mA
    hFE2 (DC Current Gain) 40 - - - VCE = -1V, IC = -800mA
    fT (Transition Frequency) 100 - - MHz VCE = -10V, IC = -50mA, f = 30 MHz
    COB (Collector Output Capacitance) - - 20 pF VCB = -10V, IE = 0, f = 1 MHz

    3. hFE Classification:

    Rank Range Marking
    L 120 - 200 Y2
    H 200 - 350 Y2
    J 300 - 400 Y2

    4. Package:

    ️· SOT-23 (Surface Mount Package)

    5. Revision Date:

    ️· 01-June-2005, Revision B

    6. Absolute Maximum Ratings:

    These are not explicitly provided in the text, but would be part of a complete datasheet.

    This summary provides a concise overview of the SS850 transistor, based on the available information. Note that a complete datasheet would contain additional details regarding absolute maximum ratings, thermal characteristics, and typical performance graphs.

    ## SUMMARY:


    1. Device Overview:

    ️· Device Type: PNP General Purpose Transistor
    ️· Manufacturer: Elektronische Bauelemente (implied)
    ️· Model Number: SS850

    2. Key Electrical Characteristics (at Ta = 25°C):

    Parameter Min Typ Max Unit Test Conditions
    BVCBO (Collector-Base Breakdown Voltage) -40 - - V Ic = 100µA, IE = 0
    BVCEO (Collector-Emitter Breakdown Voltage) -25 - - V Ic = -0.1mA, IB = 0
    BVEBO (Base-Emitter Breakdown Voltage) -5 - - V IE = -100µA, IC = 0
    ICBO (Collector Cut-off Current) - - -0.1 µA VCB = -40V, IE = 0
    ICEO (Collector Cut-off Current) - - -0.1 µA VCE = -20V, IB = 0
    IEBO (Emitter Cut-off Current) - - -0.1 µA VEB = -5V, IC = 0
    VCE(sat) (Collector-Emitter Saturation Voltage) - - 0.5 V IC = -800mA, IB = -80mA
    VBE(sat) (Base-Emitter Saturation Voltage) - - 1.2 V IC = -800mA, IB = -80mA
    hFE1 (DC Current Gain) 120 - 350 - VCE = -1V, IC = -100mA
    hFE2 (DC Current Gain) 40 - - - VCE = -1V, IC = -800mA
    fT (Transition Frequency) 100 - - MHz VCE = -10V, IC = -50mA, f = 30 MHz
    COB (Collector Output Capacitance) - - 20 pF VCB = -10V, IE = 0, f = 1 MHz

    3. hFE Classification:

    Rank Range Marking
    L 120 - 200 Y2
    H 200 - 350 Y2
    J 300 - 400 Y2

    4. Package:

    ️· SOT-23 (Surface Mount Package)

    5. Revision Date:

    ️· 01-June-2005, Revision B

    6. Absolute Maximum Ratings:

    These are not explicitly provided in the text, but would be part of a complete datasheet.

    This summary provides a concise overview of the SS850 transistor, based on the available information. Note that a complete datasheet would contain additional details regarding absolute maximum ratings, thermal characteristics, and typical performance graphs.

    Part No.SS8550
    ManufacturerSECOS
    Size335 Kbytes
    Pages2 pages
    DescriptionPNP Silicon General Purpose Transistor