Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SD103AW Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about SD103AW Datasheet

  • # Example questions: ➢ What is the maximum junction temperature (tj) specified for these diodes?
    ➢ What is the approximate weight of each diode in the sod-123 plastic case?
    ➢ What is the maximum repetitive peak reverse voltage for the sd103bw diode?

  • Part No.SD103AW
    ManufacturerDIOTEC
    Size102 Kbytes
    Pages2 pages
    DescriptionSurface Mount Si-Schottky Diodes
    Datasheet Summary with AI

    # SD103AW ... SD103CW - Surface Mount Si-Schottky Diodes

    ## General Characteristics

    · Type: Surface Mount Si-Schottky Diodes
    · Nominal Current: 350 mA
    · Repetitive Peak Reverse Voltage: 20 - 40 V
    · Package: SOD-123
    · Weight: Approx. 0.01g
    · Material: Plastic with UL classification 94V-0
    · Standard Packaging: Taped and reeled

    ## Electrical Characteristics

    Maximum Ratings

    · Power Dissipation (at 25°C): 400 mW
    · Peak Forward Surge Current (10 µs): 2 A
    · Junction Temperature: -55°C to +125°C
    · Storage Temperature: -55°C to +125°C

    · Thermal Resistance (Junction-Ambient): <300 K/W

    Typical Values

    · Forward Voltage (V<sub>F</sub>) at I<sub>F</sub> = 20 mA: < 0.37 V
    · Forward Voltage (V<sub>F</sub>) at I<sub>F</sub> = 200 mA: < 0.6 V
    - SD103CW
    - SD103BW
    - SD103AW
    · Leakage Current (I<sub>R</sub>) at T<sub>j</sub> = 25°C & V<sub>R</sub> = 10V/20V/30V: < 5 µA
    · Max. Junction Capacitance (C<sub>j</sub>) at V<sub>R</sub> = 0V & f = 1 MHz: 50 pF
    · Reverse Recovery Time (t<sub>rr</sub>) from I<sub>F</sub> = 5mA to I<sub>R</sub> = 0.5mA: typ. 10 ns

    # SD103AW ... SD103CW - Surface Mount Si-Schottky Diodes

    ## General Characteristics

    · Type: Surface Mount Si-Schottky Diodes
    · Nominal Current: 350 mA
    · Repetitive Peak Reverse Voltage: 20 - 40 V
    · Package: SOD-123
    · Weight: Approx. 0.01g
    · Material: Plastic with UL classification 94V-0
    · Standard Packaging: Taped and reeled

    ## Electrical Characteristics

    Maximum Ratings

    · Power Dissipation (at 25°C): 400 mW
    · Peak Forward Surge Current (10 µs): 2 A
    · Junction Temperature: -55°C to +125°C
    · Storage Temperature: -55°C to +125°C
    · Thermal Resistance (Junction-Ambient): <300 K/W

    Typical Values

    · Forward Voltage (V<sub>F</sub>) at I<sub>F</sub> = 20 mA: < 0.37 V
    · Forward Voltage (V<sub>F</sub>) at I<sub>F</sub> = 200 mA: < 0.6 V
    - SD103CW
    - SD103BW
    - SD103AW
    · Leakage Current (I<sub>R</sub>) at T<sub>j</sub> = 25°C & V<sub>R</sub> = 10V/20V/30V: < 5 µA
    · Max. Junction Capacitance (C<sub>j</sub>) at V<sub>R</sub> = 0V & f = 1 MHz: 50 pF
    · Reverse Recovery Time (t<sub>rr</sub>) from I<sub>F</sub> = 5mA to I<sub>R</sub> = 0.5mA: typ. 10 ns

    Part No.SD103AW
    ManufacturerDIOTEC
    Size102 Kbytes
    Pages2 pages
    DescriptionSurface Mount Si-Schottky Diodes