Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HCTR Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about HCTR Datasheet

  • # Example questions: ➢ What material are the leads of the hct series inductors made of?
    ➢ What is the operating temperature range for the hct series inductors?
    ➢ What is the maximum power dissipation for the hct-44x inductor at 25°c?

  • Part No.HCTR
    ManufacturerAPI
    Size4Mb
    Pages2 pages
    DescriptionHigh Current Toroidal Inductors
    Datasheet Summary with AI

    1. Overview:

    ️· Product: HCTR/HCT Series High Current Toroidal Inductors
    ️· Manufacturer: API Delevan
    ️· Purpose: Designed for applications requiring high current capacity.

    2. Physical Dimensions (in inches):

    Model A B C D E F
    HCT-37x 0.615 0.600 0.370 0.500 0.440 0.500
    HCT-44x 0.665 0.665 0.400 0.560 0.490 0.560
    HCT-50x 0.740 0.740 0.400 0.630 0.560 0.630
    HCT-68x 0.945 0.940 0.400 0.820 0.700 0.820

    ️· Tolerance: All dimensions are within a tolerance of ±0.010 inches.

    3. Mechanical & Electrical Characteristics:

    ️· Mounting: Surface mount, low profile, self-leaded.
    ️· Frequency Range: 1 kHz to 1 MHz
    ️· Operating Temperature: -30°C to +130°C
    ️· Lead Finish: Solder Tinned
    ️· Material Compliance: Meets UL94V-0 fire safety standard.
    ️· Marking: The marking includes "API" and the part number (e.g., HCT-504).
    ️· Packaging: Available in bulk; tape & reel options are available upon request.

    4. Electrical Performance (Important Notes & Formulas):

    ️· Core Loss Formulas:
    - ≤ 10 kHz: Core Loss = 1.47 x 10<sup>-8</sup> * f<sup>0.971</sup> * B<sup>2.11</sup> (Units not explicitly provided, likely mW/cm<sup>3</sup>)
    - ≥ 10 kHz: Core Loss = 9.07 x 10<sup>-10</sup> * f<sup>1.26</sup> * B<sup>2.11</sup> (Units not explicitly provided, likely mW/cm<sup>3</sup>)
    ️· Gauss Limitations: Specific Gauss limits are provided for different models:
    - HCT-37x: 50 Gauss
    - HCT-44x: 25 Gauss
    - HCT-50x: 15 Gauss
    - HCT-68x: 10 Gauss

    ️· Bpk: (Value not provided but implied to be a characteristic of core)
    ️· RMS Flux Density (Erms): 10<sup>8</sup>
    ️· Air Gap (A): 4.44 Anf

    5. Important Disclaimers/Caveats:

    ️· The data provided is a guideline. The actual performance may vary depending on the application and environmental conditions.
    ️· Exceeding the specified DC current levels (resulting in a 55°C rise from a 25°C ambient) is for reference only and not intended for continuous use.
    ️· AC or ripple flux significantly impacts performance.



    In essence, this documentation is for engineers and designers looking to select the appropriate HCTR/HCT inductor for their specific application, while taking into account limitations and factors that can influence performance.

    1. Overview:

    ️· Product: HCTR/HCT Series High Current Toroidal Inductors
    ️· Manufacturer: API Delevan
    ️· Purpose: Designed for applications requiring high current capacity.

    2. Physical Dimensions (in inches):

    Model A B C D E F
    HCT-37x 0.615 0.600 0.370 0.500 0.440 0.500
    HCT-44x 0.665 0.665 0.400 0.560 0.490 0.560
    HCT-50x 0.740 0.740 0.400 0.630 0.560 0.630
    HCT-68x 0.945 0.940 0.400 0.820 0.700 0.820

    ️· Tolerance: All dimensions are within a tolerance of ±0.010 inches.

    3. Mechanical & Electrical Characteristics:

    ️· Mounting: Surface mount, low profile, self-leaded.
    ️· Frequency Range: 1 kHz to 1 MHz
    ️· Operating Temperature: -30°C to +130°C
    ️· Lead Finish: Solder Tinned
    ️· Material Compliance: Meets UL94V-0 fire safety standard.
    ️· Marking: The marking includes "API" and the part number (e.g., HCT-504).
    ️· Packaging: Available in bulk; tape & reel options are available upon request.

    4. Electrical Performance (Important Notes & Formulas):

    ️· Core Loss Formulas:
    - ≤ 10 kHz: Core Loss = 1.47 x 10<sup>-8</sup> * f<sup>0.971</sup> * B<sup>2.11</sup> (Units not explicitly provided, likely mW/cm<sup>3</sup>)
    - ≥ 10 kHz: Core Loss = 9.07 x 10<sup>-10</sup> * f<sup>1.26</sup> * B<sup>2.11</sup> (Units not explicitly provided, likely mW/cm<sup>3</sup>)
    ️· Gauss Limitations: Specific Gauss limits are provided for different models:
    - HCT-37x: 50 Gauss
    - HCT-44x: 25 Gauss
    - HCT-50x: 15 Gauss
    - HCT-68x: 10 Gauss

    ️· Bpk: (Value not provided but implied to be a characteristic of core)
    ️· RMS Flux Density (Erms): 10<sup>8</sup>
    ️· Air Gap (A): 4.44 Anf

    5. Important Disclaimers/Caveats:

    ️· The data provided is a guideline. The actual performance may vary depending on the application and environmental conditions.
    ️· Exceeding the specified DC current levels (resulting in a 55°C rise from a 25°C ambient) is for reference only and not intended for continuous use.
    ️· AC or ripple flux significantly impacts performance.



    In essence, this documentation is for engineers and designers looking to select the appropriate HCTR/HCT inductor for their specific application, while taking into account limitations and factors that can influence performance.

    Part No.HCTR
    ManufacturerAPI
    Size4Mb
    Pages2 pages
    DescriptionHigh Current Toroidal Inductors