Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TIP110AL-TA3-T Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about TIP110AL-TA3-T Datasheet

  • # Example questions: ➢ Within what temperature range can this transistor be safely stored?
    ➢ What is the typical saturation voltage (vce(sat)) when the collector current is -10a and base current is -0.1a?
    ➢ What is the maximum collector current (ic) this transistor can handle?

  • Part No.TIP110AL-TA3-T
    ManufacturerUTC
    Size106 Kbytes
    Pages3 pages
    DescriptionLOW SATURATION VOLTAGE PNP DARLINGTON TRANSISTOR
    Datasheet Summary with AI

    # TIP110A PNP Silicon Transistor

    ## Description
    · A PNP Darlington transistor for general purpose amplifier and switching applications.
    · Low saturation voltage (VCE(SAT)).
    · High current gain (hFE).

    ## Absolute Maximum Ratings (Ta=25°C)
    · Collector to Base Voltage (VCBO): -45V
    · Collector to Emitter Voltage (VCEO): -35V
    · Emitter to Base Voltage (VEBO): -5V
    · Collector Current (IC): -10A
    · Power Dissipation (PD): 65W
    · Junction Temperature (TJ): 150°C
    · Storage Temperature (TSTG): -55°C to +150°C

    ## Electrical Characteristics (Ta=25°C)
    · Collector-Base Breakdown Voltage (BVCBO): -45V (IC=-10mA, IE=0A)
    · Collector-Emitter Breakdown Voltage (BVCEO): -35V (IC =-1mA, IB =0A)
    · Emitter-Base Breakdown Voltage (BVEBO): -5V (IE=-10mA, IC=0A)

    · Collector Cut-off Current (ICBO): -4 μA (VCB=-45V, IE =0A)
    · Collector-Emitter Cut-Off Current (ICEO): -10 μA (VCE=-35V, IB=0A)
    · Emitter Cut-off Current (IEBO): -2.0 mA (VBE=-5V, IC=0A)
    · Collector-Emitter Saturation Voltage (VCE(SAT)): -2.0V (IC =-10A, IB =-0.1A)
    · Base-Emitter On Voltage (VBE(ON)): -2.0V (VCE=-2.0V ,IC =-5mA)
    · DC Current Gain (hFE1): 2000 - 60000 (VCE=-2.0V ,IC =-0.5A)
    · DC Current Gain (hFE2): 1000 - 60000 (VCE=-2.0V ,IC =-10A)

    ## Ordering Information
    · Package: TO-220
    · Pin Assignment: 1: Base, 2: Collector, 3: Emitter
    · Available Options:
    - TIP110AL-TA3-T (Lead Free, Tube Pack)
    - TIP110AG-TA3-T (Halogen Free, Tube Pack)

    # TIP110A PNP Silicon Transistor

    ## Description
    · A PNP Darlington transistor for general purpose amplifier and switching applications.
    · Low saturation voltage (VCE(SAT)).
    · High current gain (hFE).

    ## Absolute Maximum Ratings (Ta=25°C)
    · Collector to Base Voltage (VCBO): -45V
    · Collector to Emitter Voltage (VCEO): -35V
    · Emitter to Base Voltage (VEBO): -5V
    · Collector Current (IC): -10A
    · Power Dissipation (PD): 65W
    · Junction Temperature (TJ): 150°C
    · Storage Temperature (TSTG): -55°C to +150°C

    ## Electrical Characteristics (Ta=25°C)
    · Collector-Base Breakdown Voltage (BVCBO): -45V (IC=-10mA, IE=0A)
    · Collector-Emitter Breakdown Voltage (BVCEO): -35V (IC =-1mA, IB =0A)
    · Emitter-Base Breakdown Voltage (BVEBO): -5V (IE=-10mA, IC=0A)
    · Collector Cut-off Current (ICBO): -4 μA (VCB=-45V, IE =0A)
    · Collector-Emitter Cut-Off Current (ICEO): -10 μA (VCE=-35V, IB=0A)
    · Emitter Cut-off Current (IEBO): -2.0 mA (VBE=-5V, IC=0A)
    · Collector-Emitter Saturation Voltage (VCE(SAT)): -2.0V (IC =-10A, IB =-0.1A)
    · Base-Emitter On Voltage (VBE(ON)): -2.0V (VCE=-2.0V ,IC =-5mA)
    · DC Current Gain (hFE1): 2000 - 60000 (VCE=-2.0V ,IC =-0.5A)
    · DC Current Gain (hFE2): 1000 - 60000 (VCE=-2.0V ,IC =-10A)

    ## Ordering Information
    · Package: TO-220
    · Pin Assignment: 1: Base, 2: Collector, 3: Emitter
    · Available Options:
    - TIP110AL-TA3-T (Lead Free, Tube Pack)
    - TIP110AG-TA3-T (Halogen Free, Tube Pack)

    Part No.TIP110AL-TA3-T
    ManufacturerUTC
    Size106 Kbytes
    Pages3 pages
    DescriptionLOW SATURATION VOLTAGE PNP DARLINGTON TRANSISTOR