Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STH81002Z Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about STH81002Z Datasheet

  • # Example questions: ➢ Within what temperature range can this module be operated without compromising performance?
    ➢ What is the maximum permissible direct forward current for the laser diode?
    ➢ What is the typical spectral bandwidth of the laser diode when emitting at 3 mw of optical power?

  • Part No.STH81002Z
    ManufacturerSIEMENS
    Size43 Kbytes
    Pages3 pages
    Description1550nm Laser in Coaxial TO-Package
    Datasheet Summary with AI

    # STH81002Z - 1550nm Laser in Coaxial TO-Package

    ## Overview
    · Designed for fiber-optic networks.
    · Multi-Quantum Well laser diode.
    · Supports bit rates up to 1 Gbit/s.
    · Includes a ternary photodiode for monitoring radiant power.
    · Hermetically sealed, TO-18 similar package.
    · Integrated Silicon-Optics for high coupling efficiencies.

    ## Maximum Ratings
    Parameter Symbol Value Unit
    Operating Temperature T<sub>C</sub> -40…+85 °C
    Storage Temperature T<sub>stg</sub> -40…+85 °C
    Soldering Temperature T<sub>S</sub> 260 °C
    Direct Forward Current I<sub>F max</sub> 120 mA
    Radiant Power CW Φ<sub>e</sub> 10 mW
    Reverse Voltage V<sub>R max</sub> 2 V
    Monitor Diode Reverse Voltage V<sub>R max</sub> 10 V

    ## Characteristics
    Parameter Symbol Value Unit
    Optical Output Power Φ<sub>e</sub> >6 mW
    Emission Wavelength (Φ<sub>e</sub> = 3mW) λ 1510…1590 nm
    Spectral Bandwidth (Φ<sub>e</sub> = 3mW) Δλ <5 nm
    Threshold Current I<sub>th</sub> <15 mA
    Forward Voltage (Φ<sub>e</sub> = 3mW) V<sub>F</sub> <1.5 V
    Radiant Power at Threshold Φ<sub>eth</sub> <200 µW
    Slope Efficiency η >200 mW/A
    Differential Series Resistance r<sub>S</sub> <8 Ω
    Rise/Fall Time t<sub>R</sub>, t<sub>F</sub> <1 ns
    Dark Current (V<sub>R</sub>=5V, Φ<sub>e</sub>=0) I<sub>R</sub> <500 nA
    Photocurrent (Φ<sub>e</sub>=3mW) I<sub>P</sub> 150…1500 µA

    ## Ordering Information
    · Type: STH81002Z
    · Ordering Code: Q62702-Pxxxx
    · Custom pinouts available on request.

    # STH81002Z - 1550nm Laser in Coaxial TO-Package

    ## Overview
    · Designed for fiber-optic networks.
    · Multi-Quantum Well laser diode.
    · Supports bit rates up to 1 Gbit/s.
    · Includes a ternary photodiode for monitoring radiant power.
    · Hermetically sealed, TO-18 similar package.
    · Integrated Silicon-Optics for high coupling efficiencies.

    ## Maximum Ratings
    Parameter Symbol Value Unit
    Operating Temperature T<sub>C</sub> -40…+85 °C
    Storage Temperature T<sub>stg</sub> -40…+85 °C
    Soldering Temperature T<sub>S</sub> 260 °C
    Direct Forward Current I<sub>F max</sub> 120 mA
    Radiant Power CW Φ<sub>e</sub> 10 mW
    Reverse Voltage V<sub>R max</sub> 2 V
    Monitor Diode Reverse Voltage V<sub>R max</sub> 10 V

    ## Characteristics
    Parameter Symbol Value Unit
    Optical Output Power Φ<sub>e</sub> >6 mW
    Emission Wavelength (Φ<sub>e</sub> = 3mW) λ 1510…1590 nm
    Spectral Bandwidth (Φ<sub>e</sub> = 3mW) Δλ <5 nm
    Threshold Current I<sub>th</sub> <15 mA
    Forward Voltage (Φ<sub>e</sub> = 3mW) V<sub>F</sub> <1.5 V
    Radiant Power at Threshold Φ<sub>eth</sub> <200 µW
    Slope Efficiency η >200 mW/A
    Differential Series Resistance r<sub>S</sub> <8 Ω
    Rise/Fall Time t<sub>R</sub>, t<sub>F</sub> <1 ns
    Dark Current (V<sub>R</sub>=5V, Φ<sub>e</sub>=0) I<sub>R</sub> <500 nA
    Photocurrent (Φ<sub>e</sub>=3mW) I<sub>P</sub> 150…1500 µA

    ## Ordering Information
    · Type: STH81002Z
    · Ordering Code: Q62702-Pxxxx
    · Custom pinouts available on request.

    Part No.STH81002Z
    ManufacturerSIEMENS
    Size43 Kbytes
    Pages3 pages
    Description1550nm Laser in Coaxial TO-Package