Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

D15SB20 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about D15SB20 Datasheet

  • # Example questions: ➢ What soldering conditions are guaranteed for the leads of this device?
    ➢ How does the operating junction temperature range affect the performance of this rectifier?
    ➢ What is the maximum repetitive peak reverse voltage for the d15sb40 model?

  • Part No.D15SB20
    ManufacturerSSE
    Size16 Kbytes
    Pages1 page
    DescriptionSINGLE PHASE GLASS PASSIVATED SIP BRIDGE RECTIFIER
    Datasheet Summary with AI

    # D15SB10 THRU D15SB100 Bridge Rectifier

    ## Features
    · Glass passivated junction
    · For printed circuit boards
    · Molded plastic construction
    · Surge overload rating: 250A peak
    · High temperature soldering: 250°C/10sec

    ## Mechanical Data
    · Terminal: Solderable per MIL-STD 202E, method 208C
    · Case: UL-94 Class V-O flame retardant epoxy
    · Polarity: Marked on body
    · Mounting position: Any

    ## Electrical Characteristics
    · Voltage Range: 100V to 1000V
    · Current: 15A (Max Average Forward Rectified Current)
    · VRRM (Max Repetitive Peak Reverse Voltage): 100V - 1000V
    · VRMS (Max RMS Voltage): 70V - 700V

    · VDC (Max DC Blocking Voltage): 100V - 1000V
    · IFSM (Peak Forward Surge Current): 250A
    · VF (Max Instantaneous Forward Voltage): 1.1V
    · IR (Max DC Reverse Current): 5µA / 500µA
    · TSTG, TJ (Storage & Operating Temp): -55°C to +150°C

    # D15SB10 THRU D15SB100 Bridge Rectifier

    ## Features
    · Glass passivated junction
    · For printed circuit boards
    · Molded plastic construction
    · Surge overload rating: 250A peak
    · High temperature soldering: 250°C/10sec

    ## Mechanical Data
    · Terminal: Solderable per MIL-STD 202E, method 208C
    · Case: UL-94 Class V-O flame retardant epoxy
    · Polarity: Marked on body
    · Mounting position: Any

    ## Electrical Characteristics
    · Voltage Range: 100V to 1000V
    · Current: 15A (Max Average Forward Rectified Current)
    · VRRM (Max Repetitive Peak Reverse Voltage): 100V - 1000V
    · VRMS (Max RMS Voltage): 70V - 700V
    · VDC (Max DC Blocking Voltage): 100V - 1000V
    · IFSM (Peak Forward Surge Current): 250A
    · VF (Max Instantaneous Forward Voltage): 1.1V
    · IR (Max DC Reverse Current): 5µA / 500µA
    · TSTG, TJ (Storage & Operating Temp): -55°C to +150°C

    Part No.D15SB20
    ManufacturerSSE
    Size16 Kbytes
    Pages1 page
    DescriptionSINGLE PHASE GLASS PASSIVATED SIP BRIDGE RECTIFIER