Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HVRM4 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about HVRM4 Datasheet

  • # Example questions: ➢ Under what conditions is the maximum forward voltage drop of 6.0v measured?
    ➢ What is the maximum allowable operating case temperature for the hvrm4 diode?
    ➢ What is the maximum surge current this diode can withstand?

  • Part No.HVRM4
    ManufacturerGETEDZ
    Size71 Kbytes
    Pages1 page
    Description4.0kV 2.0A HIGH VOLTAGE DIODE
    Datasheet Summary with AI

    # HVRM4 - 4.0kV 2.0A HIGH VOLTAGE DIODE

    ## General Description

    ️· HVRMx is a high reliability, resin molded high voltage diode.
    ️· Features a multilayer mesa type silicon chip sealed by epoxy resin.

    ## Features

    ️· High speed switching
    ️· High current capability (2.0A)
    ️· High surge resistivity for CRT discharge
    ️· High reliability design
    ️· High voltage (4.0kV)

    ## Applications

    ️· X-light power supply
    ️· Laser
    ️· Voltage doubler circuit
    ️· Microwave emission power

    ## Maximum Ratings

    Item Symbol Condition HVRM4 Units
    Repetitive Peak Reverse Voltage VRRM 4.0 kV
    Average Output Current IO Ta=25°C, Resistive Load 2.0 A (peak)
    Surge Current IFSM 50 A (peak)
    Junction Temperature Tj 155 °C
    Allowable Operation Case Temperature Tc 125 °C
    Storage Temperature Tstg -40 to +155 °C

    ## Electrical Characteristics (Ta=25°C unless otherwise specified)

    Item Symbol Condition HVRM4 Units
    Maximum Forward Voltage Drop VF at 25°C, IF=IF(AV) 6.0 V
    Maximum Reverse Current IR1 at 25°C, VR=VRRM 50 uA
    Maximum Reverse Current IR2 at 100°C, VR=VRRM 500 uA
    Maximum Reverse Recovery Time Trr at 25°C 150 nS
    Junction Capacitance Cj at 25°C, VR=0V, f=1MHz -- pF

    ## Contact Information

    ️· GETE ELECTRONICS CO., LTD
    ️· Website: [http://www.getedz.com](http://www.getedz.com)
    ️· Email: [sales@getedz.com](mailto:sales@getedz.com)

    # HVRM4 - 4.0kV 2.0A HIGH VOLTAGE DIODE

    ## General Description

    ️· HVRMx is a high reliability, resin molded high voltage diode.
    ️· Features a multilayer mesa type silicon chip sealed by epoxy resin.

    ## Features

    ️· High speed switching
    ️· High current capability (2.0A)
    ️· High surge resistivity for CRT discharge
    ️· High reliability design
    ️· High voltage (4.0kV)

    ## Applications

    ️· X-light power supply
    ️· Laser
    ️· Voltage doubler circuit
    ️· Microwave emission power

    ## Maximum Ratings

    Item Symbol Condition HVRM4 Units
    Repetitive Peak Reverse Voltage VRRM 4.0 kV
    Average Output Current IO Ta=25°C, Resistive Load 2.0 A (peak)
    Surge Current IFSM 50 A (peak)
    Junction Temperature Tj 155 °C
    Allowable Operation Case Temperature Tc 125 °C
    Storage Temperature Tstg -40 to +155 °C

    ## Electrical Characteristics (Ta=25°C unless otherwise specified)

    Item Symbol Condition HVRM4 Units
    Maximum Forward Voltage Drop VF at 25°C, IF=IF(AV) 6.0 V
    Maximum Reverse Current IR1 at 25°C, VR=VRRM 50 uA
    Maximum Reverse Current IR2 at 100°C, VR=VRRM 500 uA
    Maximum Reverse Recovery Time Trr at 25°C 150 nS
    Junction Capacitance Cj at 25°C, VR=0V, f=1MHz -- pF

    ## Contact Information

    ️· GETE ELECTRONICS CO., LTD
    ️· Website: [http://www.getedz.com](http://www.getedz.com)
    ️· Email: [sales@getedz.com](mailto:sales@getedz.com)

    Part No.HVRM4
    ManufacturerGETEDZ
    Size71 Kbytes
    Pages1 page
    Description4.0kV 2.0A HIGH VOLTAGE DIODE