Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

XVC5002 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about XVC5002 Datasheet

  • # Example questions: ➢ What is the maximum operating temperature specified for this device?
    ➢ How does the voltage applied to pin 2 affect the outputs on pins 4 and 5?
    ➢ What is the typical power supply voltage required for the xvc5002?

  • Part No.XVC5002
    ManufacturerRFM
    Size438 Kbytes
    Pages3 pages
    Description122.88 MHz VCXO
    Datasheet Summary with AI

    # XVC5002

    ## 122.88 MHz VCXO

    Key Features
    · Voltage-controlled Crystal Oscillator
    · Complementary PECL Output
    · Enable/Disable Input
    · Surface-mount Case: 7.2 x 5.2 x 1.8 mm
    · RoHS Compliant

    Electrical Characteristics

    Characteristic Symbol Minimum Typical Maximum Units
    Nominal Frequency fo - 122.88 - MHz
    Component Storage Temperature - -55 - +125 °C
    Storage Temperature (Tape & Reel) - -40 - +85 °C
    Operating Temperature Range - -40 - +85 °C
    Power Supply Voltage Vdd 2.97 3.30 3.63 V
    Output Logic Low - Vdd - 1.810 - Vdd - 1.620 V
    Output Logic High - Vdd - 1.025 - Vdd - 0.880 V
    Duty Cycle Symmetry - 45 55 - %
    Output Rise Time - - - 1.0 ns
    Output Fall Time - - - 1.0 ns
    Power Supply Current Idd - - 80 mA
    Control Voltage Input Range Vcon 1.65 ±1.35 - - V
    Frequency Stability - - - ±50 ppm
    Frequency Tuning Range - 1 ±50 - ppm
    Start Up Time - - - 10 ms
    Enable Voltage (High) - 0.7 Vdd - - -
    Enable Voltage (Low) - 0.3 Vdd - - -
    Phase Jitter - - - 1.0 ps

    Enable/Disable Function
    · Pin 2 High/Open: Outputs Enabled
    · Pin 2 Low: Outputs Disabled

    Shipping Quantity
    · 1000 units per 180mm (7”) reel

    Caution
    · Electrostatic Sensitive Device - handle with precautions.

    # XVC5002

    ## 122.88 MHz VCXO

    Key Features
    · Voltage-controlled Crystal Oscillator
    · Complementary PECL Output
    · Enable/Disable Input
    · Surface-mount Case: 7.2 x 5.2 x 1.8 mm
    · RoHS Compliant

    Electrical Characteristics

    Characteristic Symbol Minimum Typical Maximum Units
    Nominal Frequency fo - 122.88 - MHz
    Component Storage Temperature - -55 - +125 °C
    Storage Temperature (Tape & Reel) - -40 - +85 °C
    Operating Temperature Range - -40 - +85 °C
    Power Supply Voltage Vdd 2.97 3.30 3.63 V
    Output Logic Low - Vdd - 1.810 - Vdd - 1.620 V
    Output Logic High - Vdd - 1.025 - Vdd - 0.880 V
    Duty Cycle Symmetry - 45 55 - %
    Output Rise Time - - - 1.0 ns
    Output Fall Time - - - 1.0 ns
    Power Supply Current Idd - - 80 mA
    Control Voltage Input Range Vcon 1.65 ±1.35 - - V
    Frequency Stability - - - ±50 ppm
    Frequency Tuning Range - 1 ±50 - ppm
    Start Up Time - - - 10 ms
    Enable Voltage (High) - 0.7 Vdd - - -
    Enable Voltage (Low) - 0.3 Vdd - - -
    Phase Jitter - - - 1.0 ps

    Enable/Disable Function
    · Pin 2 High/Open: Outputs Enabled
    · Pin 2 Low: Outputs Disabled

    Shipping Quantity
    · 1000 units per 180mm (7”) reel

    Caution
    · Electrostatic Sensitive Device - handle with precautions.

    Part No.XVC5002
    ManufacturerRFM
    Size438 Kbytes
    Pages3 pages
    Description122.88 MHz VCXO