Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HER201 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about HER201 Datasheet

  • # Example questions: ➢ What is the operating and storage temperature range for all listed models?
    ➢ What is the typical maximum reverse recovery time for the her208 at a rated dc blocking voltage?
    ➢ What is the maximum average forward rectified current for the her205 at a temperature of 50°c?

  • Part No.HER201
    ManufacturerWILLAS
    Size1Mb
    Pages2 pages
    Description2.0AMP HIGH EFFICIENCY RECTIFIER- 50 to 1000 Volts
    Datasheet Summary with AI

    # HER201-HER208 Schottky Barrier Diodes

    ## Features
    · Low power loss, high efficiency
    · Low leakage
    · Low forward voltage drop
    · High current capability
    · High speed switching
    · High surge capability
    · High reliability
    · RoHS compliant (suffix "G")
    · Halogen-free (suffix "H")

    ## Mechanical Data
    · Case: Molded plastic
    · Epoxy: UL 94V-O flame retardant
    · Lead: MIL-STD-202E method 208C
    · Mounting position: Any
    · Weight: 0.4 gram

    ## Maximum Ratings & Electrical Characteristics (at 25°C unless otherwise noted)

    Absolute Maximum Ratings
    Parameter Symbol HER201 HER202 HER203 HER204 HER205 HER205P HER206 HER207 HER208 Units
    Recurrent Peak Reverse Voltage VRRM 50 50 100 200 300 300 400 600 1000 Volts
    RMS Voltage VRMS 35 35 70 140 210 210 280 420 700 Volts
    DC Blocking Voltage VDC 50 50 100 200 300 300 400 600 1000 Volts
    Average Forward Current (TA=50°C) IO 2.0 2.0 2.0 - - - - - - Amps
    Peak Forward Surge Current IFSM 60 60 60 - - - - - - Amps
    Junction Capacitance CJ 30 30 - - 20 20 - - - pF

    Thermal Characteristics
    · Operating/Storage Temperature Range: -65 to +150 °C
    · Thermal Resistance (RθJA / RθJC): 40 / 10 °C/W

    Electrical Characteristics
    Parameter Symbol HER201 HER202 HER203 HER204 HER205 HER205P HER206 HER207 HER208 Units
    Instantaneous Forward Voltage (at 2.0A) VF 1.0 1.0 1.0 1.0 1.3 1.0 1.3 1.70 1.70 Volts
    DC Reverse Current IR 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 uAmps
    Full Load Reverse Current 100 100 100 100 100 100 100 100 100 uAmps
    Reverse Recovery Time trr 50 50 50 50 50 75 75 75 75 nSec

    # HER201-HER208 Schottky Barrier Diodes

    ## Features
    · Low power loss, high efficiency
    · Low leakage
    · Low forward voltage drop
    · High current capability
    · High speed switching
    · High surge capability
    · High reliability
    · RoHS compliant (suffix "G")
    · Halogen-free (suffix "H")

    ## Mechanical Data
    · Case: Molded plastic
    · Epoxy: UL 94V-O flame retardant
    · Lead: MIL-STD-202E method 208C
    · Mounting position: Any
    · Weight: 0.4 gram

    ## Maximum Ratings & Electrical Characteristics (at 25°C unless otherwise noted)

    Absolute Maximum Ratings
    Parameter Symbol HER201 HER202 HER203 HER204 HER205 HER205P HER206 HER207 HER208 Units
    Recurrent Peak Reverse Voltage VRRM 50 50 100 200 300 300 400 600 1000 Volts
    RMS Voltage VRMS 35 35 70 140 210 210 280 420 700 Volts
    DC Blocking Voltage VDC 50 50 100 200 300 300 400 600 1000 Volts
    Average Forward Current (TA=50°C) IO 2.0 2.0 2.0 - - - - - - Amps
    Peak Forward Surge Current IFSM 60 60 60 - - - - - - Amps
    Junction Capacitance CJ 30 30 - - 20 20 - - - pF

    Thermal Characteristics
    · Operating/Storage Temperature Range: -65 to +150 °C
    · Thermal Resistance (RθJA / RθJC): 40 / 10 °C/W

    Electrical Characteristics
    Parameter Symbol HER201 HER202 HER203 HER204 HER205 HER205P HER206 HER207 HER208 Units
    Instantaneous Forward Voltage (at 2.0A) VF 1.0 1.0 1.0 1.0 1.3 1.0 1.3 1.70 1.70 Volts
    DC Reverse Current IR 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 uAmps
    Full Load Reverse Current 100 100 100 100 100 100 100 100 100 uAmps
    Reverse Recovery Time trr 50 50 50 50 50 75 75 75 75 nSec

    Part No.HER201
    ManufacturerWILLAS
    Size1Mb
    Pages2 pages
    Description2.0AMP HIGH EFFICIENCY RECTIFIER- 50 to 1000 Volts