| Zakładka z wyszukiwarką danych komponentów |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about AD420 Datasheet
# Example questions:
➢ Explain the difference between the three-wire interface mode and the asynchronous mode of the ad420, and in what scenarios would you choose one over the other?
➢ What are the primary benefits of the ad420's sigma-delta architecture in the context of industrial control applications?
➢ Describe the function of the 'fault detect' pin and how it differs from a traditional comparator-based fault detection system.
1. General Overview & Purpose:
️· What is it? The AD420 is a high-resolution (16-bit) digital-to-analog converter (DAC) designed for industrial control applications.
️· Primary Use: Creates a current loop output (4mA-20mA, 0mA-20mA, or 0mA-24mA) – common in industrial systems for sensor interfacing and control. It can also be configured for voltage output.
️· Architecture: Sigma-Delta (Σ∆) architecture for high resolution and inherent monotonicity – important for stable and predictable behavior.
2. Key Features & Benefits:
️· 16-Bit Resolution: Allows for fine-grained control and accuracy. 1 LSB = 0.0015% of Full Scale Range (FSR).
️· Current Loop Output: Suitable for noisy industrial environments due to the inherent noise immunity of current loops.
1. General Overview & Purpose:
️· What is it? The AD420 is a high-resolution (16-bit) digital-to-analog converter (DAC) designed for industrial control applications.
️· Primary Use: Creates a current loop output (4mA-20mA, 0mA-20mA, or 0mA-24mA) – common in industrial systems for sensor interfacing and control. It can also be configured for voltage output.
️· Architecture: Sigma-Delta (Σ∆) architecture for high resolution and inherent monotonicity – important for stable and predictable behavior.
2. Key Features & Benefits:
️· 16-Bit Resolution: Allows for fine-grained control and accuracy. 1 LSB = 0.0015% of Full Scale Range (FSR).
️· Current Loop Output: Suitable for noisy industrial environments due to the inherent noise immunity of current loops.
| Part No. | AD420 |
| Manufacturer | AD |
| Size | 144 Kbytes |
| Pages | 11 pages |
| Description | Serial Input 16-Bit 4 mA-20 mA, 0 mA-20 mA DAC |