| Zakładka z wyszukiwarką danych komponentów |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about CX3225GA Datasheet
# Example questions:
➢ For a crystal oscillator operating at 12000khz, which of the provided crystal unit series (cx8045ja, cx8045ja, and cx8045ja) would you recommend, and what is the maximum allowed drive level according to the datasheet?
➢ Compare and contrast the recommended drive levels across the different crystal unit series (cx8045ja, cx8045ja, and cx8045ja) for frequencies between 16000khz and 24999khz. what trends, if any, can be observed?
➢ Focusing on the cx8045ja series, describe how the motional series resistance changes as the operating frequency increases, and what this might indicate about the crystal's characteristics at higher frequencies.
1. CX5032JA (CX-17F)
️· Size: 5.0 x 3.2 mm
️· Type: Surface Mount
️· Features: Ceramic package, J-lead
️· Frequency Range: 4000 - 30000 kHz (This is a notably lower range compared to the other parts)
️· Typical Frequencies: 8000, 9843.75, 10000, 12000, 9843.75, 13560, 14000, 16000, 18000, 20000, 24000, 25000, 30000 kHz
️· Load Capacitance (CL): 12pF
️· Frequency Stability: ±100 ppm at 25°C ±3°C
️· Drive Level: 10 μW (with different max values depending on the frequency range: 500μW, 300μW, 100μW)
️· Motional Series Resistance: Varies: 500Ω (4000-4999kHz), 300Ω (5000-7199kHz), 200Ω (7200-9999kHz), 150Ω (10000-11999kHz), 100Ω (12000-30000kHz)
️· Package: J lead.
2. CX5032GA (CX-17F)
️· Size: 5.0 x 3.2 mm
️· Type: Surface Mount
️· Features: Ceramic package
️· Frequency Range: 4000 - 30000 kHz
️· Typical Frequencies: 8000, 9843.75, 9843.75, 10000, 12000, 13560, 15000, 16000, 18000, 20000, 24000, 25000 kHz.
️· Load Capacitance (CL): 12pF
️· Frequency Stability: ±100 ppm at 25°C ±3°C
️· Drive Level: 10 μW (with different max values depending on the frequency range: 500μW, 300μW, 300μW, 100μW)
️· Motional Series Resistance: Varies: 300Ω (8000 to 9499kHz), 200Ω (9500 to 9999kHz), 150Ω (10000 to 13999kHz), 100Ω (14000 to 19999kHz), 70Ω (20000 to 29999kHz), 50Ω (30000 to 40000kHz)
️· Package: Standard Surface Mount.
3. CX8045JA (CX-17F)
️· Size: 8.0 x 4.5 mm
️· Type: Surface Mount
️· Features: Ceramic package, J-lead
️· Frequency Range: 4000 - 30000 kHz
️· Typical Frequencies: 8000, 9843.75, 9843.75, 10000, 9843.75, 12000, 13560, 14000, 16000, 18000, 20000, 24000, 25000, 30000 kHz.
️· Load Capacitance (CL): 12pF
️· Frequency Stability: ±100 ppm at 25°C ±3°C
️· Drive Level: 10 μW (with different max values depending on the frequency range: 500μW, 300μW, 300μW, 100μW)
️· Motional Series Resistance: Varies: 500Ω (4000 to 4999kHz), 300Ω (5000 to 7199kHz), 200Ω (7200 to 9999kHz), 150Ω (10000 to 11999kHz), 100Ω (12000 to 30000kHz)
️· Package: J lead.
Key Differences & Notes:
️· Size: CX8045JA and CX5032JA/GA are significantly smaller.
️· Frequency Range: All parts have the same range.
️· Package: The JA parts have a J-lead package, while the GA have a standard surface mount.
️· Drive Levels: The drive levels vary based on the operating frequency.
️· Motional Series Resistance (Rs): This is a critical parameter for oscillator stability and is frequency-dependent. Ensure it meets your application's requirements.
1. CX5032JA (CX-17F)
️· Size: 5.0 x 3.2 mm
️· Type: Surface Mount
️· Features: Ceramic package, J-lead
️· Frequency Range: 4000 - 30000 kHz (This is a notably lower range compared to the other parts)
️· Typical Frequencies: 8000, 9843.75, 10000, 12000, 9843.75, 13560, 14000, 16000, 18000, 20000, 24000, 25000, 30000 kHz
️· Load Capacitance (CL): 12pF
️· Frequency Stability: ±100 ppm at 25°C ±3°C
️· Drive Level: 10 μW (with different max values depending on the frequency range: 500μW, 300μW, 100μW)
️· Motional Series Resistance: Varies: 500Ω (4000-4999kHz), 300Ω (5000-7199kHz), 200Ω (7200-9999kHz), 150Ω (10000-11999kHz), 100Ω (12000-30000kHz)
️· Package: J lead.
2. CX5032GA (CX-17F)
️· Size: 5.0 x 3.2 mm
️· Type: Surface Mount
️· Features: Ceramic package
️· Frequency Range: 4000 - 30000 kHz
️· Typical Frequencies: 8000, 9843.75, 9843.75, 10000, 12000, 13560, 15000, 16000, 18000, 20000, 24000, 25000 kHz.
️· Load Capacitance (CL): 12pF
️· Frequency Stability: ±100 ppm at 25°C ±3°C
️· Drive Level: 10 μW (with different max values depending on the frequency range: 500μW, 300μW, 300μW, 100μW)
️· Motional Series Resistance: Varies: 300Ω (8000 to 9499kHz), 200Ω (9500 to 9999kHz), 150Ω (10000 to 13999kHz), 100Ω (14000 to 19999kHz), 70Ω (20000 to 29999kHz), 50Ω (30000 to 40000kHz)
️· Package: Standard Surface Mount.
3. CX8045JA (CX-17F)
️· Size: 8.0 x 4.5 mm
️· Type: Surface Mount
️· Features: Ceramic package, J-lead
️· Frequency Range: 4000 - 30000 kHz
️· Typical Frequencies: 8000, 9843.75, 9843.75, 10000, 9843.75, 12000, 13560, 14000, 16000, 18000, 20000, 24000, 25000, 30000 kHz.
️· Load Capacitance (CL): 12pF
️· Frequency Stability: ±100 ppm at 25°C ±3°C
️· Drive Level: 10 μW (with different max values depending on the frequency range: 500μW, 300μW, 300μW, 100μW)
️· Motional Series Resistance: Varies: 500Ω (4000 to 4999kHz), 300Ω (5000 to 7199kHz), 200Ω (7200 to 9999kHz), 150Ω (10000 to 11999kHz), 100Ω (12000 to 30000kHz)
️· Package: J lead.
Key Differences & Notes:
️· Size: CX8045JA and CX5032JA/GA are significantly smaller.
️· Frequency Range: All parts have the same range.
️· Package: The JA parts have a J-lead package, while the GA have a standard surface mount.
️· Drive Levels: The drive levels vary based on the operating frequency.
️· Motional Series Resistance (Rs): This is a critical parameter for oscillator stability and is frequency-dependent. Ensure it meets your application's requirements.
| Part No. | CX3225GA |
| Manufacturer | KSS |
| Size | 153 Kbytes |
| Pages | 1 page |
| Description | 3.2횞2.5mm for Automotive |