| Zakładka z wyszukiwarką danych komponentów |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about PE8250 Datasheet
# Example questions:
➢ What is the length of this component in both inches and millimeters?
➢ Over what frequency range does this dc block maintain a maximum vswr of 6:1?
➢ What is the maximum operating voltage for this dc block?
# PE8250 High Voltage DC Block
## Specifications
️· Type: Inner DC Block
️· Impedance: 50 Ohms
️· Frequency Range: 0.01 to 18 GHz
️· VSWR: 1.6:1 (Maximum)
️· Insertion Loss:
- 1 dB (0.01 to 4 GHz)
- 1.5 dB (4 to 18 GHz)
️· Maximum Operating Voltage: 950 Vrms
## Connector Details
️· Connector 1: SMA Male (MIL-STD-348), Hex Size: 5/16 inch
️· Connector 2: SMA Female (MIL-STD-348)
## Mechanical Specifications
️· Length: 1.08 inches [27.43 mm]
️· Width/Diameter: 0.36 inches [9.14 mm]
️· Operating Temperature: -65 to +100 °C
## Compliance
️· RoHS: Compliant
## Additional Information
️· CAD file: 102210-B
️· For price, inventory, and certifications: [http://www.pasternack.com/50-ohm-sma-inner-dc-block-0.1-18-ghz-pe8250-p.aspx](http://www.pasternack.com/50-ohm-sma-inner-dc-block-0.1-18-ghz-pe8250-p.aspx)
# PE8250 High Voltage DC Block
## Specifications
️· Type: Inner DC Block
️· Impedance: 50 Ohms
️· Frequency Range: 0.01 to 18 GHz
️· VSWR: 1.6:1 (Maximum)
️· Insertion Loss:
- 1 dB (0.01 to 4 GHz)
- 1.5 dB (4 to 18 GHz)
️· Maximum Operating Voltage: 950 Vrms
## Connector Details
️· Connector 1: SMA Male (MIL-STD-348), Hex Size: 5/16 inch
️· Connector 2: SMA Female (MIL-STD-348)
## Mechanical Specifications
️· Length: 1.08 inches [27.43 mm]
️· Width/Diameter: 0.36 inches [9.14 mm]
️· Operating Temperature: -65 to +100 °C
## Compliance
️· RoHS: Compliant
## Additional Information
️· CAD file: 102210-B
️· For price, inventory, and certifications: [http://www.pasternack.com/50-ohm-sma-inner-dc-block-0.1-18-ghz-pe8250-p.aspx](http://www.pasternack.com/50-ohm-sma-inner-dc-block-0.1-18-ghz-pe8250-p.aspx)
| Part No. | PE8250 |
| Manufacturer | PASTERNACK |
| Size | 216 Kbytes |
| Pages | 1 page |
| Description | HIgh Voltage DC Block on Inner Conductor 50 Ohm SMA Male to 50 Ohm Sma Female Operating From 10 MHz to 18 GHz |