| Zakładka z wyszukiwarką danych komponentów |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about PE4004 Datasheet
# Example questions:
➢ What is the maximum vswr of this sma female connector?
➢ Which dielectric type is used in the construction of this connector?
➢ How does the connector's body plating specification align with industry standards?
# SMA Female Connector - PE4004
## Configuration
· Connector Type: SMA Female
· Connector Specification: MIL-STD-348
· Interface Type: Solder Cup
· Cable Attachment: Solder (Shield/Contact)
· Body Style: Straight
· Mount Method: 2 Hole Flange
## Electrical Specifications
· Frequency Range: DC to 18 GHz
· Impedance: 50 Ohms
· Maximum VSWR: 1.25:1
## Mechanical Specifications
· Length: 0.575 in [14.61 mm]
· Width/Diameter: 0.233 in [6 mm]
· Height: 0.625 in [15.88 mm]
· Weight: 0.005 lbs [2.27 g]
## Materials & Plating
· Contact Material: Beryllium Copper
· Contact Plating: Gold (MIL-G-45204, Type II, Class 2)
· Body Material: Stainless Steel
· Body Plating: Gold (MIL-G-45204)
· Dielectric Type: Teflon
## Compliance
· RoHS Compliant: Yes
## Additional Information
· Part Number: PE4004
· Availability: 99% - Industry Broadest Selection
· Shipment: Same day domestic and international orders
· URL: http://www.pasternack.com/sma-female-standard-solder-cup-terminal-connector-pe4004-p.aspx
· Notes: Values at 25 °C, sea level.
# SMA Female Connector - PE4004
## Configuration
· Connector Type: SMA Female
· Connector Specification: MIL-STD-348
· Interface Type: Solder Cup
· Cable Attachment: Solder (Shield/Contact)
· Body Style: Straight
· Mount Method: 2 Hole Flange
## Electrical Specifications
· Frequency Range: DC to 18 GHz
· Impedance: 50 Ohms
· Maximum VSWR: 1.25:1
## Mechanical Specifications
· Length: 0.575 in [14.61 mm]
· Width/Diameter: 0.233 in [6 mm]
· Height: 0.625 in [15.88 mm]
· Weight: 0.005 lbs [2.27 g]
## Materials & Plating
· Contact Material: Beryllium Copper
· Contact Plating: Gold (MIL-G-45204, Type II, Class 2)
· Body Material: Stainless Steel
· Body Plating: Gold (MIL-G-45204)
· Dielectric Type: Teflon
## Compliance
· RoHS Compliant: Yes
## Additional Information
· Part Number: PE4004
· Availability: 99% - Industry Broadest Selection
· Shipment: Same day domestic and international orders
· URL: http://www.pasternack.com/sma-female-standard-solder-cup-terminal-connector-pe4004-p.aspx
· Notes: Values at 25 °C, sea level.
| Part No. | PE4004 |
| Manufacturer | PASTERNACK |
| Size | 254 Kbytes |
| Pages | 2 pages |
| Description | SMA Female Connector Solder Attachment 2 Hole Flange Tab Terminal, .481 inch Hole Spacing |